Part Number Hot Search : 
BD242 EDZ27 TC3405A 15015257 P3100SB SSK451 MAX9812 UAHFH
Product Description
Full Text Search
 

To Download MB375906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU MICROELECTRONICS DATA SHEET
DS04-27200-9Ea
ASSP For Power Management Applications
BIPOLAR
Switching Regulator Controller
(Switchable between push-pull and single-end functions)
MB3759
DESCRIPTION
The MB3759 is a control IC for constant-frequency pulse width modulated switching regulators. The IC contains most of the functions required for switching regulator control circuits. This reduces both the component count and assembly work.
FEATURES
* * * * * * * * Drives a 200 mA load Can be set to push-pull or single-end operation Prevents double pulses Adjustable dead-time Error amplifier has wide common phase input range Built in a circuit to prevent misoperation due to low power supply voltage. Built in an internal 5 V reference voltage with superior voltage reduction characteristics One type of package (SOP-16pin : 1 type)
Application
* Power supply module * Industrial Equipment * AC/DC Converter etc.
Copyright(c)1994-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved 2006.5
MB3759
PIN ASSIGNMENT
(TOP VIEW) +IN1 1 16 +IN2 15 -IN2 14 VREF 13 OC 12 VCC 11 C2 10 E2 9 E1 (FPT-16P-M06)
-IN1 2
FB 3 DT 4 CT 5 RT 6 GND 7 C1 8
BLOCK DIAGRAM
Output control OC
13 RT 6 CT 5 OSC T Q Q 8 9 C1 E1
= 0.2 V
Dead time control
DT 4
11 C2 10 E2
Error amp 1
+IN1 1 -IN1 2 +IN2 16 -IN2 15
Feed back
FB 3
+ A1 - + -
12
VCC VREF GND
PMW comparator
Reference regurator
14 7
A2
Error amp 2
2
MB3759
ABSOLUTE MAXIMUM RATINGS
Parameter Power supply voltage Collector output voltage Collector output current Amplifier input voltage Power dissipation SOP * Operating ambient temperature Symbol VCC VCE ICE VI PD Ta Condition -- -- -- -- Ta +25 C -- Rating Min -- -- -- -- -- -30 Max 41 41 250 VCC + 0.3 620 +85 +125 Unit V V mA V mW C C
Storage temperature Tstg -- -55 *: When mounted on a 4 cm square double-sided epoxy circuit board (1.5 mm thickness) The ceramic circuit board is 3 cm x 4 cm (0.5 mm thickness)
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
RECOMMENDED OPERATING CONDITIONS
Parameter Power supply voltage Collector output voltage Collector output current Amplifier input voltage FB sink current FB source current Reference section output current Timing resistor Timing capacitor Oscillator frequency Operating ambient temperature Symbol VCC VCE ICE VIN ISINK ISOURCE IREF RT CT fosc Ta Value Min 7 -- 5 -0.3 -- -- -- 1.8 470 1 -30 Typ 15 -- -- 0 to VR -- -- 5 30 1000 40 +25 Max 32 40 200 VCC - 2 0.3 2 10 500 106 300 +85 Unit V V mA V mA mA mA k pF kHz C
Note: Values are for standard derating conditions. Give consideration to the ambient temperature and power consumption if using a high supply voltage. WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device's electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their representatives beforehand.
3
MB3759
ELECTRICAL CHARACTERISTICS
(VCC = 15 V, Ta = +25 C) Parameter Output voltage Input regulation Load regulation Reference section Temperature stability Short circuit output current Reference lockout voltage Reference hysteresis voltage Oscillator frequency Standard deviation of frequency Frequency change with voltage Frequency change with temperature Input bias current Maximum duty cycle (Each output) Input threshold voltage 0% duty cycle Max duty cycle Symbol VREF VR(IN) VR(LD) VR/T ISC -- -- fosc -- --
fosc/T
Condition IO = 1 mA 7 V VCC 40 V, Ta = +25 C 1 mA IO 10 mA, Ta = +25 C -20 C Ta + 85 C -- -- -- RT = 30 k, CT = 1000 pF RT = 30 k, CT = 1000 pF 7 V VCC 40 V, Ta = +25 C -20 C Ta +85 C 0 VI 5.25 V VI = 0 -- --
Value Min 4.75 -- -- -- 15 -- -- 36 -- -- -- -- 40 -- 0 Typ 5.0 2 -1 200 40 4.3 0.3 40 3 0.1 0.01 -2 45 3.0 -- Max 5.25 25 -15 750 -- -- -- 44 -- -- -- -10 -- 3.3 --
Unit V mV mV V/C mA V V kHz % % %/C A % V V (Continued)
Oscillator section
ID -- VDO VDM
Dead-time control section
4
MB3759
(Continued) (VCC = 15 V, Ta = +25 C) Parameter Input offset voltage Input offset current Input bias current Common-mode input voltage Error amplifier section Open-loop voltage amplification Unity-gain bandwidth Common-mode rejection ratio Output sink ISINK current (pin 3) ISOURCE Collector leakage current Emitter leakage current Output section Collector emitter saturation voltage Emitter grounded Emitter follower Symbol VIO IIO II VCM AV BW CMR ISINK ISOURCE ICO IEO VSAT(C) VSAT(E) IOPC VTH ISINK ICC Condition VO (pin3) = 2.5 V VO (pin3) = 2.5 V VO (pin3) = 2.5 V 7 V VCC 40 V 0.5 V VO 3.5 V AV = 1 VCC = 40 V -5 V VID -15 mV, VO = 0.7 V 15 mV VID 5V, VO = 3.5 V VCE = 40 V, VCC = 40 V VCC = VC = 40 V, VE = 0 VE = 0, IC = 200 mA VC = 15 V, IE = -200 mA VI = VREF 0% Duty VO (pin3) = 0.7 V V(pin4) = 2 V, Refer to " TEST CIRCUIT" V(pin6) = VREF, I/O open RL = 68 RL = 68 RL = 68 RL = 68 Value Min -- -- -- -0.3 70 -- 65 0.3 -2 -- -- -- -- -- -- 0.3 -- Typ 2 25 -0.2 -- 95 800 80 0.7 -10 -- -- 1.1 1.5 1.3 4 0.7 8 Max 10 250 -1.0 VCC - 2 -- -- -- -- -- 100 -100 1.3 2.5 3.5 4.5 -- -- Unit mV nA A V dB kHz dB mA mA A A V V mA V mA mA
Output control input current PWM comparator section Input threshold voltage Input sink current (pin 3)
Power supply current
Standby current Rise time Switching characteristics Fall time Rise time Fall time Emitter grounded Emitter follower
ICCQ tR tF tR tF
-- -- -- -- --
7 100 25 100 40
12 200 100 200 100
mA ns ns ns ns
5
MB3759
TEST CIRCUIT
VCC = 15V 150 /2 W 150 /2 W VD TEST INPUT VC 30 k 1000 pF DT FB RT CT VCC C1 E1 C2 E2 OUTPUT 2 OUTPUT 1
+IN1 -IN1 +IN2 -IN2
VREF
OC 50 k
GND
OPERATING TIMING
Voltage at CT
VC VD
= 3.0 V
=0 V
OUTPUT 1 ON OUTPUT 2 ON ON ON ON ON ON
6
MB3759
OSCILLATION FREQUENCY
f OSC =
1.2 RT x CT RT : k CT : F fosc : kHZ
OUTPUT LOGIC TABLE
Input (Output Control) GND VREF Push-pull Output State Single-ended or parallel output
7
MB3759
TYPICAL CHARACTERISTICS
Reference voltage vs. power supply voltage
6 10 IO = 1 mA
Reference voltage change vs. operating ambient temperature
Reference voltage VREF (V)
Reference voltage change VREF (mV)
5 4
VREF 5 VREF 0 -5
Reference voltage change VREF (mV)
VCC = 15 V IO = 1 mA 0
3 2 1 0
-10
-20
0
10
20
30
40
-30 -25
0
+25
+50
+75
+100
Power supply voltage VCC (V)
Operating ambient temperature Ta (C)
Oscillator frequency vs. RT, CT
1M
Maximum duty vs. dead time control voltage Maximum duty TON / T (%)
500 k
VCC =15 V
Oscillator frequency fOSC (HZ)
0 10 20 30 40 50
200 k 100 k 50 k 20 k 10 k 5k 2k 1k 2k 5 k 10 k 20 k 100 k 200 k 500 k RT () 0.1F 0.01F CT = 470 pF 1000 pF
VCC = 15 V Ta = 0C CT = 1000 pF RT = 30 k Ta = +25C
Ta = +70C
0
1
2
3
Dead time control voltage VD (V)
(Continued)
8
MB3759
Open loop voltage amplification vs. frequency Output voltage vs. output current (feed back terminal)
0.8 5 Ta = 0C Ta = +70C 0.6 VOH Ta = +70C 0.4 VOL 0.2 Ta = 0C Ta = +25C 3 VCC = 15 V Ta = +25C 4
100
Open loop voltage amplification AV (dB)
90 80 70 60 50 40 30 20 10 0 10 100 1k 10 k
VCC = 15 V VO = 3 V
Low - level output voltage VOL (V)
2
0 100 k 1M 0 0 0.5 5 1.0 10 1.5 15
1 IOL IOH
Frequency f (Hz)
Output current IOL, IOH (mA)
Collector saturation voltage vs. collector output current Collector saturation voltage VSAT ( C ) (V) Emitter saturation voltage VSAT (E) (V)
1.2 VCC = 15 V 1.8
Emitter saturation voltage vs. emitter output current
VCC = 15 V Ta = 0C 1.6 Ta = +25C
1.0 Ta = +25C 0.8
Ta = 0C
1.4
Ta = +70C
Ta = +70C 0.6
1.2
0.4 0 50 100 150 200
1.0 0 50 100 150 200
Collector output current IC (mA)
Emitter output current IE (mA)
(Continued) 9
High - level output voltage VOH (V)
MB3759
(Continued)
Output voltage vs. reference voltage Power supply current ICC ,ICCQ (mA)
6 5 4 3 8 2 1 0 0 1 2 3 4 5 6 5V 400 VOUT
Power supply current vs. power supply voltage
10 ICC 7.5 ICCQ 5
Output voltage VOUT (V)
2.5
0 0 10 20 30 40
Reference voltage VREF (V)
Power supply voltage VCC (V)
Power dissipation vs. power supply voltage
Power dissipation vs. Operating ambient temperature
1000 Ta = +25C (200, 10)
Power dissipation PD (mW)
800
(100, 10) (200, 5) (100, 5)
Power dissipation PD (mW)
(IO, IR) (mA)
1000
800
600
600 SOP 400
(100, 0) 400 (0, 0)
200
200 0
0 0 10 20 30 40
0
+20
+40
+60
+80
+100
Power supply voltage VCC (V)
Operating ambient temperature Ta (C)
10
MB3759
BASIC OPERATION
Switching regulators can achieve a high level of efficiency. This section describes the basic principles of operation using a chopper regulator as an example. As shown in the diagram, diode D provides a current path for the current through inductance L when Q is off. Transistor Q performs switching and is operated at a frequency that provides a stable output. As the switching element is saturated when Q is on and cutoff when Q is off, the losses in the switching element are much less than for a series regulator in which the pass transistor is always in the active state. While Q is conducting, the input voltage VIN is supplied to the LC circuit and when Q is off, the energy stored in L is supplied to the load via diode D. The LC circuit smooths the input to supply the output voltage. The output voltage VO is given by the following equation.
VO = Ton Ton VIN = VIN Ton + Toff T
Q : ON
L
Q Q : OFF RL
VIN
D
C
VO
Q: Switching element D: Flywheel diode
As indicated by the equation, variation in the input voltage is compensated for by controlling the duty cycle (Ton/ T). If VIN drops, the control circuit operates to increase the duty cycle so as to keep the output voltage constant. The current through L flows from the input to the output when Q is on and through D when Q is off. Accordingly, the average input current IIN is the product of the output current and the duty cycle for Q.
IIN = Ton IO T
The theoretical conversion efficiency if the switching loss in Q and loss in D are ignored is as follows.
PO x 100 (%) PIN VO x IO = x 100 VIN x IIN VIN x IO x Ton / T = x 100 VIN x IO x Ton / T = 100 (%)
=
The theoretical conversion efficiency is 100%. In practice, losses occur in the switching element and elsewhere, and design decisions to minimize these losses include making the switching frequency as low as practical and setting an optimum ratio of input to output voltage.
11
MB3759
SWITCHING ELEMENT
1. Selection of the Switching Transistor
It can be said that the success or otherwise of a switching regulator is determined by the choice of switching transistor. Typically, the following parameters are considered in selecting a transistor. * Withstand voltage * Current * Power * Speed For the withstand voltage, current, and power, it is necessary to determine that the area of safe operation (ASO) of the intended transistor covers the intended range for these parameters. The speed (switching speed: rise time tr, storage time tstg, and fall time tf) is related to the efficiency and also influences the power. The figures show the transistor load curve and VCE - IC waveforms for chopper and inverter-type regulators. The chopper regulator is a relatively easy circuit to deal with as the diode clamps the collector. A peak can be seen immediately after turn-on. However, this is due to the diode and is explained later. In an inverter regulator, the diodes on the secondary side act as a clamp. Viewed from the primary side, however, a leakage inductance is present. This results in an inductive spike which must be taken account of as it is added to double the VIN voltage. chopper regulator
IN VCE Q D C D2 IC L IN VO D1 L C VO
inverter regulator
IC on
IC on
off VIN VCE Ton VCE VCE 2 VIN VIN
off VIN 2 VIN Ton VCE
t IC IC
t
Ton
Ton
t
t
12
MB3759
The figure below shows an example of the ASO characteristics for a forward-biased power transistor (2SC3058A) suitable for switching. Check that the ASO characteristics for the transistor you intend to use fully covers the load curve. Next, check whether the following conditions are satisfied. If so, the transistor can be expected to perform the switching operation safely. * The intended ON time does not exceed the ON-time specified for the ASO characteristic. * The OFF-time ASO characteristic satisfies the intended operation conditions. * Derating for the junction temperature has been taken into account. For a switching transistor, the junction temperature is closely related to the switching speed. This is because the switching speed becomes slower as the temperature increases and this affects the switching losses.
Forward-biased area of safe operation single pulse
2SC3058A (450 V, 30 A) IC (Pulse) max. IC max.
Pw
50 20
TC = +25C Single pulse
=
D .C
50 0
Collector current IC (A)
10 5 2 1 0.5 0.2 0.1 0.05 5 10
20
Collector - emitter voltage VCE (V)
.
s
50 100 200
10 ms 1m s
500 1000
2. Selecting the Diode
Consideration must be given to the switching speed when selecting the diode. For chopper regulators in particular, the diode affects the efficiency and noise characteristics and has a big influence on the performance of the switching regulator. If the reverse recovery time of the diode is slower than the turn-on time of the transistor, an in-rush current of more than twice the load current occurs resulting in noise (spikes) and reduced efficiency. As a rule for diode selection, use a diode with a reverse recovery time trr that is sufficiently faster than the transistor tr.
13
MB3759
APPLICATION IN PRACTICAL CIRCUITS
1. Error Amplifier Gain Adjustment Take care that the bias current does not become large when connecting an external circuit to the FB pin (pin 3) for adjusting the amplifier gain. As the FB pin (pin 3) is biased to the low level by a sink current, the duty cycle of the output signal will be affected if the current from the external circuit is greater than the amplifier can sink. The figure below shows a suitable circuit for adjusting the gain. It is very important that you avoid having a capacitive load connected to the output stage as this will affect the response time.
OUT
R1 + VREF RIN R2 RF Vo -
2. Synchronized Oscillator Operation The oscillator can be halted by connecting the CT pin (pin 5) to the GND pin (pin 7). If supplying the signal externally, halt the internal oscillator and input to the CT pin (pin 5). Using this method, multiple ICs can be used together in synchronized operation. For synchronized operation, set one IC as the master and connect the other ICs as shown in the diagram.
Master
RT CT
Slave
VREF RT CT
14
MB3759
3. Soft Start A soft start function can be incorporated by using the dead-time control element (DT) pin (pin 4).
VREF R1 DT R2 Rd R2 VR VD = R1+R2 Cd
VREF
DT
Setting the dead-time
Incorporating soft start
When the power is turned on, Cd is not yet charged and the DT input is pulled to the VREF pin (pin 14) causing the output transistor to turn off. Next, the input voltage to the DT pin (pin 4) drops in accordance with the Cd, Rd constant causing the output pulse width to increase steadily, providing stable control circuit operation. If you wish to use both dead-time and softstart, combine these in an OR configuration.
VREF Cd R1 DT Rd R2
4. Output Current Limiting (Fallback system using a detection resistor inserted on the output side) (1) Typical example
VREF RS R3 R1 + - R4 VIO D R5 IO VO VO1 VO
R2 0 GND 0 IL3 IL2 IL1 IO
15
MB3759
* Initial limit current IL1 The condition for VO is:
VO > R4 VREF R3 + R4
As the diode is reverse biased,
R1 VO - VIO R1 + R2 VIO R1 VO IL1 = - RS R1 + R2 RS RS IL1 =
Eq. (1) (where R2 >> R1)
VIO is the input offset voltage to the op-amp (-10 mV VIO +10 mV) and this causes the variation in IL. Accordingly, if for example the variation in IL is to be limited to 10 %, using equation (1) and only considering the variation in the offset voltage gives the following:
IO
=
1 VIO R1 ( R2 >> R1 ) ( VO + VEE ) - RS R1 + R2 RS
This indicates a setting of 100 mV or more is required. * Polarity change point IL2 As this is the point where the diode becomes forward biased, it can be calculated by substituting [R4/(R3+R4) VREF - VD] for VO in equation (where VD is the forward voltage of the diode).
IL2 = VIO R1 R4 / (R3 + R4) * VREF - VD - R1 + R2 RS RS
* Final limit current IL3 The limit current for VO = 0 when R2 >> R1 is the point where the voltages on either side of RS and on either side of R5 are biased.
RS IL3 = R4R5 VREF - R3R5 VD - R4R5 VD - VIO R3R4 + R3R5 + R4R5 VIO 1 1 R4 (2) Eq. ( VREF - VD ) - IL3 = RS RS 1 + (R 3 // R 4) / R5 R3 + R4
R3//R4 is the resistance formed by R3 and R4 in parallel (R3R4/(R3 + R4)). When R3//R4 << R5, equation (2) becomes:
VIO 1 R4 ( VREF - VD ) - RS RS R3 + R4
IL3 C =
In addition to determining the limit current IL3 for VO = 0, R3, R4, R5, and diode D also operate as a starter when the power is turned on. * Starter circuit The figure below shows the case when the starter circuit formed by R3, R4, R5, and D is not present. The output current IO after the operation of the current limiting circuit is:
IO = VIO VO R1 - RS R1 + R2 RS
When VO = 0 such as when the power is turned on, the output current IO = -VI O / RS and, if the offset voltage VIO is positive, the output current is limited to being negative and therefore the output voltage does not rise. Accordingly, if using a fallback system with a detection resistor inserted in the output, always include a starter circuit, expect in the cases described later.
16
MB3759
VO RS R1 + VIO - R2 GND 0 IL1 IO IO VO VO VIO > 0 VIO < 0
(2) Example that does not use a diode
VREF RS VO R3 R1 + - VIO R4 R1 R4 < R1+R2 R3+R4 VO IO VO
R1 R4 > R1+R2 R3+R4
R2 0 GND 0 IL1 IO
The output current IO after current limiting is:
IO = 1 R1 R4 R4 [( - VREF - VIO ] (R2 >> R1) ) VO + RS R1 + R2 R3 + R4 R3 + R4
In this case, a current flows into the reference voltage source via R3 and R4 if VO > VREF. To maintain the stability of the reference voltage, design the circuit such that this does not exceed 200 A.
17
MB3759
(3) When an external stabilized negative power supply is present
IO VO R1 + - R2 -VEE 0 0 I L5 I L1 IO VIO VO* VO VO
RS
The output current IO after current limiting is:
IO = 1 VIO R1 (VO + VEE) - (R2 >>R1) RS R1 + R2 RS
If the output is momentarily shorted, VO* goes briefly negative. In this case, set the voltage across R1 to 300 mV or less to ensure that a voltage of less than -0.3 V is not applied to the op-amp input.
18
MB3759
5. Example Power Supply Voltage Supply Circuit (1) Supplied via a Zener diode
VIN R
VIN VZ
VCC C VZ VCC MB3759 VCC = VZ MB3759 VCC = VIN - VZ
(2) Supplied via a three-terminal regulator
Three-terminal regulator
AC VCC MB3759
6. Example Protection Circuit for Output Transistor Due to its monolithic IC characteristics, applying a negative voltage greater than the diode voltage ( = 0.5 V) to : the substrate (pin 7) of the MB3759 causes a parasitic effect in the IC which can result in misoperation. Accordingly, the following measures are required if driving a transformer or similar directly from the output transistor of the IC. (1) Protect the output transistor from the parasitic effect by using a Schottky barrier diode.
8
9 11
SBD 10
19
MB3759
(2) Provide a bias at the anode-side of the diode to clamp the low level side of the transistor.
8
11
14
7.5 k = 0.7 V 1.2 k 0.1 F
(3) Drive the transformer via a buffer transistor.
VCC
8
9
20
MB3759
7. Typical Application (1)Chopper regulator
1
AC 100 V +
15 V + +
50
1 mH
24 V 2.5 A
10 k
2 k
16 k
10 k FB 100 k 0.22 F 2.2 k 10 F + 47 k 5.6 k -IN1 +IN1 VREF -IN2 +IN2 DT 5.1 k 5 k 300
VCC E1 C1 C2 E2 RT CT GND OC 2200 pF 20 k + 2200 F
5.1 k
0.1
21
MB3759
(2) Inverter regulator
AC 100 V +
15 V + +
A 24 V 2.5 A 33 + 100 0.1 2200 F
100 33
B A
10 k
10 k 16 k 0.22 F 2.2 k 5.6 k + 10 F 47 k 5.1 k FB 100 k -IN1 +IN1 VREF -IN2 +IN2 DT
VCC E1 C1 C2 E2 RT CT OC GND 20 k REF 2200 pF
5.1 k 5 k
300
B
22
MB3759
NOTES ON USE
* Take account of common impedance when designing the earth line on a printed wiring board. * Take measures against static electricity. - For semiconductors, use antistatic or conductive containers. - When storing or carrying a printed circuit board after chip mounting, put it in a conductive bag or container. - The work table, tools and measuring instruments must be grounded. - The worker must put on a grounding device containing 250 k to 1 M resistors in series. * Do not apply a negative voltage - Applying a negative voltage of -0.3 V or less to an LSI may generate a parasitic transistor, resulting in malfunction.
ORDERING INFORMATION
Part number MB3759PF- MB3759PF-E1 Package 16-pin plastic SOP (FPT-16P-M06) 16-pin plastic SOP (FPT-16P-M06) Remarks Conventional version Lead Free version
RoHS Compliance Information of Lead (Pb) Free version
The LSI products of Fujitsu Microelectronics with "E1" are compliant with RoHS Directive , and has observed the standard of lead, cadmium, mercury, Hexavalent chromium, polybrominated biphenyls (PBB) , and polybrominated diphenyl ethers (PBDE) . The product that conforms to this standard is added "E1" at the end of the part number.
MARKING FORMAT (Lead Free version)
MB3759
XXXX XXX E1
INDEX
SOP-16
Lead Free version
23
MB3759
LABELING SAMPLE (Lead free version)
lead-free mark JEITA logo JEDEC logo
MB123456P - 789 - GE1
(3N) 1MB123456P-789-GE1 1000
G
Pb
(3N)2 1561190005 107210
QC PASS
PCS 1,000 MB123456P - 789 - GE1
2006/03/01
ASSEMBLED IN JAPAN
1/1
MB123456P - 789 - GE1
0605 - Z01A 1000
1561190005
Lead Free version
24
MB3759
MB3759PF-E1 RECOMMENDED CONDITIONS OF MOISTURE SENSITIVITY LEVEL
Item Mounting Method Mounting times Before opening Storage period From opening to the 2nd reflow When the storage period after opening was exceeded Storage conditions Condition IR (infrared reflow) , Manual soldering (partial heating method) 2 times Please use it within two years after Manufacture. Less than 8 days Please processes within 8 days after baking (125 C, 24H)
5 C to 30 C, 70%RH or less (the lowest possible humidity)
[Temperature Profile for FJ Standard IR Reflow] (1) IR (infrared reflow) H rank : 260 C Max
260 C 255 C
170 C to 190 C
RT
(b)
(c)
(d)
(e)
(a)
(d')
(a) Temperature Increase gradient (b) Preliminary heating (c) Temperature Increase gradient (d) Actual heating (d')
(e) Cooling
: Average 1 C/s to 4 C/s : Temperature 170 C to 190 C, 60s to 180s : Average 1 C/s to 4 C/s : Temperature 260 C Max; 255 C or more, 10s or less : Temperature 230 C or more, 40s or less or Temperature 225 C or more, 60s or less or Temperature 220 C or more, 80s or less : Natural cooling or forced cooling
Note : Temperature : the top of the package body (2) Manual soldering (partial heating method) Conditions : Temperature 400 C Max Times : 5 s max/pin 25
MB3759
PACKAGE DIMENSION
16-pin plastic SOP Lead pitch Package width x package length Lead shape Sealing method Mounting height Weight 1.27 mm 5.3 x 10.15 mm Gullwing Plastic mold 2.25 mm MAX 0.20 g P-SOP16-5.3x10.15-1.27
(FPT-16P-M06)
Code (Reference)
16-pin plastic SOP (FPT-16P-M06)
*110.15 -0.20 .400 -.008
16
+0.25 +.010
Note 1) *1 : These dimensions include resin protrusion. Note 2) *2 : These dimensions do not include resin protrusion. Note 3) Pins width and pins thickness include plating thickness. Note 4) Pins width do not include tie bar cutting remainder.
0.17 -0.04
9
+0.03 +.001
.007 -.002
INDEX
*2 5.300.30
7.800.40 (.209.012) (.307.016) Details of "A" part 2.00 -0.15 .079 -.006
+0.25 +.010
(Mounting height)
1
8
"A" 0.13(.005)
0.25(.010) 0~8
1.27(.050)
0.470.08 (.019.003)
M
0.500.20 (.020.008) 0.600.15 (.024.006)
0.10 -0.05
+0.10 +.004
.004 -.002 (Stand off)
0.10(.004)
C
2002 FUJITSU LIMITED F16015S-c-4-7
Dimensions in mm (inches). Note: The values in parentheses are reference values.
26
MB3759
MEMO
27
FUJITSU MICROELECTRONICS LIMITED
Shinjuku Dai-Ichi Seimei Bldg. 7-1, Nishishinjuku 2-chome, Shinjuku-ku, Tokyo 163-0722, Japan Tel: +81-3-5322-3347 Fax: +81-3-5322-3387 http://jp.fujitsu.com/fml/en/ For further information please contact: North and South America FUJITSU MICROELECTRONICS AMERICA, INC. 1250 E. Arques Avenue, M/S 333 Sunnyvale, CA 94085-5401, U.S.A. Tel: +1-408-737-5600 Fax: +1-408-737-5999 http://www.fma.fujitsu.com/ Europe FUJITSU MICROELECTRONICS EUROPE GmbH Pittlerstrasse 47, 63225 Langen, Germany Tel: +49-6103-690-0 Fax: +49-6103-690-122 http://emea.fujitsu.com/microelectronics/ Korea FUJITSU MICROELECTRONICS KOREA LTD. 206 KOSMO TOWER, 1002 Daechi-Dong, Kangnam-Gu,Seoul 135-280 Korea Tel: +82-2-3484-7100 Fax: +82-2-3484-7111 http://www.fmk.fujitsu.com/ Asia Pacific FUJITSU MICROELECTRONICS ASIA PTE LTD. 151 Lorong Chuan, #05-08 New Tech Park, Singapore 556741 Tel: +65-6281-0770 Fax: +65-6281-0220 http://www.fujitsu.com/sg/services/micro/semiconductor/ FUJITSU MICROELECTRONICS SHANGHAI CO., LTD. Rm.3102, Bund Center, No.222 Yan An Road(E), Shanghai 200002, China Tel: +86-21-6335-1560 Fax: +86-21-6335-1605 http://cn.fujitsu.com/fmc/ FUJITSU MICROELECTRONICS PACIFIC ASIA LTD. 10/F., World Commerce Centre, 11 Canton Road Tsimshatsui, Kowloon Hong Kong Tel: +852-2377-0226 Fax: +852-2376-3269 http://cn.fujitsu.com/fmc/tw
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with sales representatives before ordering. The information, such as descriptions of function and application circuit examples, in this document are presented solely for the purpose of reference to show examples of operations and uses of FUJITSU MICROELECTRONICS device; FUJITSU MICROELECTRONICS does not warrant proper operation of the device with respect to use based on such information. When you develop equipment incorporating the device based on such information, you must assume any responsibility arising out of such use of the information. FUJITSU MICROELECTRONICS assumes no liability for any damages whatsoever arising out of the use of the information. Any information in this document, including descriptions of function and schematic diagrams, shall not be construed as license of the use or exercise of any intellectual property right, such as patent right or copyright, or any other right of FUJITSU MICROELECTRONICS or any third party or does FUJITSU MICROELECTRONICS warrant non-infringement of any third-party's intellectual property right or other right by using such information. FUJITSU MICROELECTRONICS assumes no liability for any infringement of the intellectual property rights or other rights of third parties which would result from the use of information contained herein. The products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e., submersible repeater and artificial satellite). Please note that FUJITSU MICROELECTRONICS will not be liable against you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. Exportation/release of any products described in this document may require necessary procedures in accordance with the regulations of the Foreign Exchange and Foreign Trade Control Law of Japan and/or US export control laws. The company names and brand names herein are the trademarks or registered trademarks of their respective owners.
Edited Strategic Business Development Dept.


▲Up To Search▲   

 
Price & Availability of MB375906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X