Part Number Hot Search : 
PIC16 PT12128 TS3480CX 1G132 LTC372 68100 L5986ATR MC79M12
Product Description
Full Text Search
 

To Download LTD100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POLYFUSE(R) RESETTABLE FUSES
LTD
Strap Type, 15 V / 24 V
Standard
UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A cULus Recognition TUV
Specifications
Packaging A small pack D standard Materials Insulating material: Terminals: 120 C Operating / Storage Temperature -40 C to +85 C (consider derating) Humidity Ageing +85 C, 85 % R.H., 7 days, 5 % typical resistance change Vibration MIL-LTD-883C, Condition A, no change Marking "P", Part Code, identification, lot number Polyester Tape Nickel
Approvals
Features
Dimensions (mm)
Max. Device Surface Temperature in Tripped State
This product line similar to the STD family is designed to provide overcurrent protection for rechargable batteries at elevated temperatures. These devices offer hold currents from 0.7 A to 4.3 A and voltages from 15 V to 24 V.
S: one slot SS: two slots
Dimensions (mm) Model Fig
LTD070 LTD070S LTD100 LTD100S LTD100SS LTD180 LTD180S LTD180SS LTD190 LTD260 LTD300 LTD310 LTD340 1 2 1 2 3 1 2 3 1 1 1 1 1
A Min Max
19.9 19.9 20.9 20.9 20.9 24.0 24.0 24.0 21.3 24.0 28.4 24.0 24.0 22.1 22.1 23.1 23.1 23.1 26.0 26.0 26.0 23.4 26.0 31.8 26.0 26.0
B Min Max
4.9 4.9 4.9 4.9 4.9 4.9 4.9 4.9 10.2 10.8 13.0 14.8 14.8 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 11.0 11.9 13.5 15.9 15.9
C Min Max
0.7 0.7 0.6 0.6 0.6 0.6 0.6 0.6 0.5 0.6 0.5 0.6 0.6 1.2 1.2 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.1 1.0 1.0
D Min
5.5 5.5 4.1 4.1 4.1 4.1 4.1 4.1 5.0 5.0 6.3 5.0 5.0
E Min Max
3.9 3.9 3.9 3.9 3.9 3.9 3.9 3.9 4.8 5.9 6.0 5.9 5.9 4.1 4.1 4.1 4.1 4.1 4.1 4.1 4.1 5.4 6.1 6.6 6.1 6.1
packaging quantity small pack standard
500 500 500 500 500 500 500 500 500 500 500 500 500 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000
cURus * * * * * * * * * * * * *
LTD070 LTD070S LTD100 LTD100S LTD100SS LTD180 LTD180S LTD180SS LTD190 LTD260 LTD300 LTD310 LTD340
NOTE: I hold = I trip = Vmax = I max =
700 700 1.00 1.00 1.00 1.80 1.80 1.80 1.90 2.60 3.00 3.10 3.40
1.50 1.50 2.50 2.50 2.50 3.80 3.80 3.80 4.20 5.20 6.30 6.00 6.80
15 15 24 24 24 24 24 24 24 24 24 24 24
100 100 100 100 100 100 100 100 100 100 100 100 100
5.0 @ 3.5 5.0 @ 3.5 7.0 @ 5.0 7.0 @ 5.0 7.0 @ 5.0 2.9 @ 9.0 2.9 @ 9.0 2.9 @ 9.0 3.0 @ 10.0 5.0 @ 13.0 4.0 @ 15.0 5.0 @ 16.0 5.0 @ 17.0
1.00 1.00 1.50 1.50 1.50 2.00 2.00 2.00 1.90 2.30 2.00 2.50 2.70
0.100 0.100 0.070 0.070 0.070 0.040 0.040 0.040 0.030 0.025 0.015 0.018 0.016
0.200 0.200 0.130 0.130 0.130 0.068 0.068 0.068 0.057 0.042 0.031 0.030 0.027
0.340 0.340 0.260 0.260 0.260 0.120 0.120 0.120 0.100 0.076 0.055 0.055 0.050
Hold current: maximum current device will pass without tripping in 20 C still air. Trip current: minimum current at which the device will trip in 20 C still air. Maximum voltage device can withstand without damage at rated current (I max) Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pd = Power dissipated from device when in the tripped state at 20 C still air. Minimum resistance of device in initial (un-soldered) state. R min= Maximum resistance of device at 20 C measured one hour after tripping for 20 s. R 1max= Caution: Operation beyond the specified rating may result in damage and possible arcing and flame. Specifications are subject to change without notice
Order Information
040706
Qty.
OrderNumber
Model
Packaging
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com
TUV * * * * * * * * * * * * *
Permissible continuous operating current is 100 % at ambient temperature of 20 C (68 F). Model Ihold ITrip Vmax. dc Imax. max. time to trip (mA/A) (A) (V) (A) (s @ A)
Pd max. (W)
R min.( )
Resistance Approvals R max.( ) RI max.( )
POLYFUSE(R) RESETTABLE FUSES
LTD
100.00
A BC
A: LTD190 B: LTD180 C: LTD100S
10.00
Time to Trip (s)
1.00
0.10
0.01 1.00 10.00 100.00
Fault Current (A)
Thermal Derating Chart
Model Ambient Operation Temperature - Ihold (A) -40 C LTD070 LTD070S LTD100 LTD100S LTD100SS LTD180 LTD180S LTD180SS LTD190 LTD260 LTD300 LTD310 LTD340 1.20 1.20 1.86 1.86 1.86 3.13 3.13 3.13 3.32 4.30 5.10 5.36 5.52 -20 C 1.09 1.09 1.60 1.60 1.60 2.68 2.68 2.68 2.86 3.72 4.40 4.58 4.79 0 C 0.85 0.85 1.40 1.40 1.40 2.20 2.20 2.20 2.40 3.10 3.70 3.70 4.00 23 C 0.70 0.70 1.00 1.00 1.00 1.80 1.80 1.80 1.90 2.60 3.00 3.10 3.40 40 C 0.50 0.50 0.83 0.83 0.83 1.33 1.33 1.33 1.48 1.98 2.30 2.36 2.60 50 C 0.45 0.45 0.70 0.70 0.70 1.10 1.10 1.10 1.25 1.69 1.95 2.01 2.24 60 C 0.35 0.35 0.60 0.60 0.60 0.90 0.90 0.90 1.10 1.40 1.60 1.70 1.90 70 C 0.28 0.28 0.44 0.44 0.44 0.65 0.65 0.65 0.79 1.11 1.25 1.30 1.51 85 C 0.16 0.16 0.23 0.23 0.23 0.36 0.36 0.36 0.43 0.60 0.69 0.71 0.78
040706
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of LTD100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X