Part Number Hot Search : 
2113A EPF8115G 7818CT D2002AL BC858C 2000D HCF40 A1870
Product Description
Full Text Search
 

To Download KVR133X72RC3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Memory Module Specification
KVR133X72RC3/1024A
PC133 Registered SDRAM 168-Pin ECC DIMM Memory Module
DESCRIPTION: This document describes ValueRAM's 128M x 72-bit (1024MB) PC133 CL3 (CAS Latency 3) Registered SDRAM (Synchronous DRAM) memory module. The components on this module include eighteen stacked 128M x 4-bit SDRAM PC133 components. This 168-pin DIMM uses gold contact fingers and requires +3.3V. The electrical and mechanical specifications are as follows: FEATURES: CLK Cycle Time (tCK) Row Cycle Time (tRC) CLK to Output (tAC) Single Power Supply of Power UL Rating min. = 7.5ns (CAS Latency = 3) / max. = 1000ns 65ns max. = 5.4ns (CAS Latency = 3) +3.3V (+/- .3V) 10.560 W (operating) 94 V - 0
5.250 (133.350) 0.118 (3.000) 5.014 (127.350) 0.054 (1.372) R 0.079 (R 2.000) 0.157 0.004 (4.000 0.100)
0.118 (3.000)
REG REG PLL
1.700 (43.18)
.118DIA 0.004 (3.000DIA 0.100) 0.350 (8.890)
0.250 (6.350) .450 (11.430) 1.450 (36.830) 4.550 (115.57)
0.250 (6.350) 2.150 (54.61)
0.100 Min (2.540 Min)
A
B
C
0.700 (17.780)
0.254 Max (6.452 Max)
REG
(3.99 Min)
0.157 Min
Units : Inches (Millimeters)
0.050 0.0039 (1.270 0.10)
Figure 1: KVR133X72RC3/1024A 168-Pin SDRAM Module
Part No. VALUERAM0202-001.A00 08/24/01


▲Up To Search▲   

 
Price & Availability of KVR133X72RC3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X