|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TECHNICAL DATA Quad 2-Input NAND Gate KK74VHC00 is high-speed logic IC made by CMOS technology and designed for use in high-performance calculating systems with a wide supply voltage range. As for operation speed, KK74VHC00 can be compared with equivalent bipolar ICs based on Schottky TTL and two times surpasses ICs of KK74 series. KK74VHC00 tolerates operation under conditions when voltage on input is exceeded up to 7V without affecting characteristics and IC reliability. This possibility allows to use KK74VHC00 in radio-electronic devices for interfacing with supply voltages 5V and 3V, eliminate IC failure under supply voltage source emergency outage. Use of output edge shaping block in the microcircuit allows to reduce noise amplitude of noises when switching outputs into the same state simultaneously. Input and output levels of KK74VHC00 are compatible with CMOS levels KK74VHC00 ORDERING INFORMATION KK74VHC00N Plastic KK74VHC00D SOIC TA = -40 to 85 C for all packages Features: * Supply voltage range 2.0 to 5.5 V. * Output current 8 mA. * Low consumption current: 0.2 mkA (typical value) at = 25 . * Latchup current not less than 300 mA at = 85 . * Tolerable value of static potential not less than 2000 V as per human body model (HBM) and not less than 200 V as per machine model (). * Ambient operation temperature minus 40 to plus 85 . * Balanced signal propagation delay. * Ensures voltage exceeding mode on input * Low noise level at the simultaneous switching of outputs in the same state: VOLP = 0.8 V (max). * For pins and functions, compatible with KK7400. . 1 KK74VHC00 KK74VHC00 truth table Input A B L L L H H L H H Note 1 - H - high voltage level; L - low voltage level; Output Y= A * B H H H L Pinout A1 01 B1 02 14 Vcc B4 A4 13 Y1 03 12 A2 04 11 Y4 10 09 08 B2 05 B3 A3 Y3 Y2 06 GND 07 Pins description in KK74VHC00 Pin No. 01 02 03 04 05 06 07 08 09 10 11 12 13 14 Symbol 1 1 Pin description Input Input Output Input Input Output Common output Output Input Input Output Input Input Supply output from voltage source Y1 2 2 Y2 GND Y3 3 3 Y4 4 4 VCC 2 KK74VHC00 Absolute maximum conditions* Parameter, unit Supply voltage, V Input voltage, V Output voltage, V Input diode current, mA Current of common output and supply output, mA Output current, mA Output diode current, mA Dissipated power, mW Symbol min VCC Vin Vout Iik Icc Iout Iok Pd -0.5 -0.5 -0.5 - - - - - Value max 7.0 7.0 Vcc+0.5V -20 75 25 20 180 *Under absolute maximum conditions operation of microcircuit is not guaranteed. Operation is guaranteed under maximum conditions Maximum conditions Parameter, unit Symbol min Supply voltage, V Input voltage,V Output voltage, V Output current, mA Input rise and fall time, ns/V at Vcc = (3.3 0.3) V at Vcc = (5.0 0.5) V VCC Vin Vout Iout tLH, tHL 2.0 0 0 - 0 0 Value max 5.5 VCC VCC 8.0 100 20 3 KK74VHC00 DC electrical characteristics Value Symbo l VIH Parameter High input voltage Test conditions - VCC, V 2.0 25 C min 1.5 max - - 0.5 0.3Vcc - - - - - - 0.09 0.09 0.09 0.09 0.36 0.36 0.25 0.1 4.0 -40 to 85 C min max 1.5 - 0.7Vcc - - 1.9 2.9 4.4 5.4 2.48 3.80 - - - - - - - 0.5 0.3Vcc - - - - - - 0.1 0.1 0.1 0.1 0.44 0.44 2.5 1.0 40.0 mkA Unit V 3.0-5.5 0.7Vcc VIL Low input voltage - 2.0 3.0-5.5 2.0 3.0 4.5 5.5 3.0 4.5 2.0 3.0 4.5 5.5 - - 1.92 2.92 4.42 5.52 2.58 3.94 - - - - - - - VOH High output voltage VI = VIH or VIL IO = -50 mkA VOL Low output voltage VI = VIH or VIL; IO = -4 mA VI = VIH or VIL; IO = -8 mA VI = VIH orVIL IO = 50 mkA IOZ II ICC VI = VIH or VIL 3.0 IO = 4 mA VI = VIH or VIL 4.5 IO = 8 mA Output current in VI = VIH or VIL 5.5 VO = VCC or 0V "off" state Input current VI = 5.5V or 0V 0 - 5.5 Consumption current VI =VCC or 0V 5.5 4 KK74VHC00 AC electrical characteristics (tLH = tHL = 3.0 ns) Symbol tPHL, tPLH Parameter Test conditi VCC, V ons Value CL, pF 15 50 15 50 -40 to 85 C min max min max 7.9 9.5 11.4 13.0 5.5 6.5 7.5 8.5 10 38 25 C Unit ns Propagation delay time Figure 3.3 0.3 when switching "on", 2 "off" 5.0 0.5 Input capacity Dynamic capacity VI = 0 V orVCC 5.0 5.0 CI CD pF Noise characteristics (CL = 50 pF) Parameter Symbol VOLP VOLV VIHD VILD VCC, V Positive noise of low output voltage 5.0 Negative noise of low output 5.0 voltage Input dynamic high voltage Input dynamic low voltage 5.0 5.0 min -0.8 3.5 Value max 0.8 1.5 Unit V 5 KK74VHC00 - Time diagram of input and output pulses tLH 0.9 A, B 0.5 0.1 tPLH tHL 0.9 0.5 0.1 tPHL VCC Y 0.5 0.5 0V GND V 6 KK74VHC00 N SUFFIX PLASTIC DIP (MS - 001AA) A 14 8 B 1 7 Dimension, mm Symbol A B C MIN 18.67 6.1 MAX 19.69 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78 F L D F C -T- SEATING N G D 0.25 (0.010) M T K PLANE G H H J M J K L M N NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side. D SUFFIX SOIC (MS - 012AB) Dimension, mm 8 A 14 Symbol A MIN 8.55 3.8 1.35 0.33 0.4 1.27 5.27 0 0.1 0.19 5.8 0.25 MAX 8.75 4 1.75 0.51 1.27 H B P B C 1 G 7 C R x 45 D F G -TD 0.25 (0.010) M T C M K SEATING PLANE H J F M J K M P R 8 0.25 0.25 6.2 0.5 NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side. 7 |
Price & Availability of KK74VHC00 |