Part Number Hot Search : 
PIC16F87 SR106 084319 MC68306 11N60S5 HWS420 130LA2 G911T76B
Product Description
Full Text Search
 

To Download KBPC3005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC3005 THRU KBPC310
Features
* High Current Capability * Surge Overload Rating to 50A Peak * High Case Dielectric Strength of 1500V * Ideal for Printed Circuit Board Application * Plastic Material - UL Flammability Classification 94V-0
E
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
H G
+
AC
A
AC
K B P C -3
D
C B A
Dim A B C D E G H
Min 14.73 5.84 19.00
Max 15.75 6.86
Mechanical Data
* Case : Molded Plastic * Terminals : Plated Leads Solderable per MIL-STD-202, Method 208 * Polarity : Marked on Body * Mounting : Through Hole for #6 Screw * Mounting Torque : 5.0 Inch-pounds Maximum * Weight : 3.8 grams (approx.) * Marking : Type Number
0.76 O T ypical / 1.70 3.60 10.30 3.20 4.00 11.30 Hole for #6 s crew
A ll Dimens ions in mm
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Peak Repetitive Reverse voltage Working Peak Reverse voltage DC Blocking voltage RMS Reverse voltage Average Rectified Output Current (Note 1) (Note 2) @ TC=50E @ TC=50E VRMM VRWM VR VR(RMS) Io
KBPC 3005
50 35
KBPC 301
100 70
KBPC 302
200 140
KBPC 304
400 280 3.0 2.0 50 1.2 10 1.0 10 55 25
KBPC 306
600 420
KBPC 308
800 560
KBPC 310
1000 700
Units
Volts Volts Amps
Non-Repetitive Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Forward voltage (per element) Peak Reverse Current at Rated DC Blocking voltage (per element) @ IF=1.5 A @ TC=25E @ TC=100E
IFSM VFM IR I 2t Cj ReJA Tj TSTG
Amps Volts i A mA A2S pF E /W E
I2t Rating for Fusing (t<8.3ms) (Note 3) Typical Junction Capacitance (Note 4) Typical Thermal Resistance, Junction to Case (per element) Operating and Storage Temperature Range
-65 to +125
Notes:
(1) Mounted on metal chassis. (2) Mounted on PC board FR-4 material. (3) Non-repetitive, for t > 1.0ms and < 8.3ms. (4) Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
RATINGS AND CHARACTERISTIC CURVES KBPC3005 THRU KBPC310
(A) 3.0
Resistive or Inductive load
10 (A) FOR WARD CURRENT I F , IN S TANT ANEOUS 1.0 0.1
OUTPUT CURRENT
Mounted on Metal chassis
2.0
Mounted on PC Board
RECTIFIED I O , AVERAGE
1.0
T j = 25C Pulse width = 300s
0
0.01 0 0.4 0.8 1.6 1.2 V F , INST ANT ANEOUS FOR WARD VOL TAGE (V) Fi g. 2 Typical Forward Characteristics
25
50
75
100
125
T C , CASE TEMPERA TURE (C) Fi g. 1 Forward Current Deratin g Curve
(A)
CURRENT
CURRENT
50
Single half s ine-wave JEDEC method
(A)
60
T C = 50C
10
T j = 100C
40 30
I FSM , PEAK FOR WARD SURGE
1.0
20
I R , INST ANT ANEOUS REVERSE
0.1
10 0 1.0 10 NUMBER OF CYCLES AT 60Hz Fi g. 3 Peak Forward Sur ge Current 100
T j = 25C
0.01 0 PERCENT 40 80 120 OF RA TED PEAK REVERSE VOL TAGE (%) Fi g. 4 Typical Reverse Characteristics


▲Up To Search▲   

 
Price & Availability of KBPC3005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X