Part Number Hot Search : 
36445 4030N CM03X HD14022B HMBTA44 A6169 DCR06C GBLC03
Product Description
Full Text Search
 

To Download IXFH12N100Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFETTM Power MOSFETs Q Class
N-Channel Enhancement Mode Avalanche Rated Low Qg, High dv/dt
VDSS IXFH/IXFT12N100Q IXFH/IXFT10N100Q
ID25
RDS(on)
1000 V 12 A 1.05 1000 V 10 A 1.20 trr 250 ns
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR dv/dt PD TJ TJM Tstg TL Md Weight Symbol
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C IS IDM, di/dt 100 A/s, VDD VDSS, TJ 150C, RG = 2 TC = 25C 12N100Q 10N100Q 12N100Q 10N100Q 12N100Q 10N100Q
Maximum Ratings 1000 1000 20 30 12 10 48 40 12 10 30 5 300 -55 ... +150 150 -55 ... +150 V V V V A A A A A A mJ V/ns W C C C C
TO-247 AD (IXFH)
TO-268 (D3) ( IXFT)
G S
(TAB)
G = Gate S = Source
D = Drain TAB = Drain
1.6 mm (0.063 in) from case for 10 s Mounting torque
300
1.13/10 Nm/lb.in. TO-247 AD 6 g TO-268 4 g Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 1000 2.5 5.5 100 TJ = 25C TJ = 125C 50 1 1.05 1.20 V V nA A mA
Features IXYS advanced low Qg process Low gate charge and capacitances - easier to drive - faster switching International standard packages Low RDS (on) Unclamped Inductive Switching (UIS) rated Molding epoxies meet UL 94 V-0 flammability classification Advantages Easy to mount Space savings High power density
97539D(12/02)
Test Conditions
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 3 mA VDS = VGS, ID = 4 mA VGS = 20 VDC, VDS = 0 VDS = 0.8 * VDSS VGS = 0 V VGS = 10 V, ID = 0.5 ID25
12N100Q 10N100Q Pulse test, t 300 s, duty cycle d 2 %
(c) 2002 IXYS All rights reserved
IXFH/IXFT 12N100Q IXFH/IXFT 10N100Q
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 4 10 2900 VGS = 0 V, VDS = 25 V, f = 1 MHz 315 50 20 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 RG = 2 (External), 23 40 15 90 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 30 40 0.42 (TO-247) 0.25 S pF pF pF ns ns ns ns nC nC nC K/W K/W
A A1 A2 b b1 b2 C D E e L L1 P Q R S Dim. Millimeter Min. Max. 4.7 2.2 2.2 1.0 1.65 2.87 .4 20.80 15.75 5.20 19.81 3.55 5.89 4.32 6.15 5.3 2.54 2.6 1.4 2.13 3.12 .8 21.46 16.26 5.72 20.32 4.50 3.65 6.40 5.49 BSC Inches Min. Max. .185 .087 .059 .040 .065 .113 .016 .819 .610 0.205 .780 .140 0.232 .170 242 .209 .102 .098 .055 .084 .123 .031 .845 .640 0.225 .800 .177 .144 0.252 .216 BSC
1 2 3
TO-247 AD (IXFH) Outline
gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 15 V; ID = 0.5 * ID25, pulse test
Terminals: 1 - Gate 2 - Drain 3 - Source Tab - Drain
Source-Drain Diode Symbol IS ISM VSD trr QRM IRM Test Conditions VGS = 0 V
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 12 48 1.5 200 0.6 7 A A V ns C A
TO-268 Outline
Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Pulse test, t 300 s, duty cycle d 2 % IF = IS, -di/dt = 100 A/s, VR = 100 V
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 6,306,728B1
IXFH/IXFT 12N100Q IXFH/IXFT 10N100Q
20
TJ = 25 C
O
15
VGS = 10V 9V 8V 7V TJ = 125OC
16
12
VGS = 10V 9V 8V 7V
6V
ID - Amperes
ID - Amperes
12
6V
9 6 3
5V
8 4
5V
0
0 0 4 8 12 16 20
0
6
12
18
24
30
VDS - Volts
VDS - Volts
Figure 1. Output Characteristics at 25OC
2.4 2.2
VGS = 10V TJ = 125OC
Figure 2. Output Characteristics at 125OC
2.5
VGS = 10V
RDS(ON) - Normalized
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0 4 8
RDS(ON) - Normalized
2.0
ID = 12A
TJ = 25OC
1.5
ID = 6A
12
16
20
1.0 25
50
75
100
125
150
ID - Amperes
Figure 3. RDS(on) normalized to value at ID = 12A
TJ - Degrees C
Figure 4. RDS(on) normalized to value at ID = 12A
16
12 10
12
ID - Amperes
8
ID - Amperes
8 6
TJ = 125oC
4 2
TJ = 25oC
4
0
-50
-25
0
25
50
75
100 125 150
0
3
4
5
6
7
TC - Degrees C
VGS - Volts
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
(c) 2002 IXYS All rights reserved
IXFH/IXFT 12N100Q IXFH/IXFT 10N100Q
12 10
VDS = 500V ID = 6A
5000 2500
Ciss
VGS - Volts
8 6 4 2 0
Capacitance - pF
f = 1MHz
1000
Coss
500 250 100
Crss
0
20
40
60
80
100
50
0
5
10
15
20
25
30
35
40
Gate Charge - nC
VDS - Volts
Figure 7. Gate Charge
30
Figure 8. Capacitance Curves
100
25
ID - Amperes
ID - Amperes
20
10
0.1ms 1ms
15
TJ = 125 C
10
O
1
TJ = 25 C
5
O
TC = 25 C
O
10ms 100ms DC
0 0.2
0.1
0.4 0.6 0.8 1.0 1.2
10
100
1000
VSD - Volts
VDS - Volts
Figure 9. Source Current vs. Source to Drain Voltage
1
Figure 10. Forward Bias Safe Operating Area
D=0.5
R(th)JC - K/W
0.1
D=0.2 D=0.1 D=0.05 Single pulse
0.01
D=0.02 D=0.01
D = Duty Cycle
0.001 10-5
10-4
10-3
10-2
10-1
100
101
Pulse Width - Seconds
Figure 11. Transient Thermal Resistance
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 6,306,728B1


▲Up To Search▲   

 
Price & Availability of IXFH12N100Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X