Part Number Hot Search : 
NTX1N 224SH E91034 100LVE 26K035AT MP9942GJ 27FR2 SA532
Product Description
Full Text Search
 

To Download IRLR120NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRLR/U120NPbF
l l l l l l
PD - 95082A
Surface Mount (IRLR120N) Straight Lead (IRLU120N) Advanced Process Technology Fast Switching Fully Avalanche Rated Lead-Free
HEXFET(R) Power MOSFET
D
VDSS = 100V RDS(on) = 0.185
G S
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for throughhole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
ID = 10A
D-PAK TO-252AA
I-PAK TO-251AA
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
10 7.0 35 48 0.32 16 85 6.0 4.8 5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount) ** Junction-to-Ambient
Typ.
--- --- ---
Max.
3.1 50 110
Units
C/W
www.irf.com
1
12/6/04
IRLR/U120NPbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Min. Typ. Max. Units Conditions 100 --- --- V VGS = 0V, ID = 250A --- 0.12 --- V/C Reference to 25C, I D = 1mA --- --- 0.185 VGS = 10V, ID = 6.0A --- --- 0.225 W VGS = 5.0V, ID = 6.0A --- --- 0.265 VGS = 4.0V, ID = 5.0A 1.0 --- 2.0 V VDS = VGS, ID = 250A 3.1 --- --- S VDS = 25V, ID = 6.0A --- --- 25 VDS = 100V, VGS = 0V A --- --- 250 VDS = 80V, VGS = 0V, TJ = 150C --- --- 100 VGS = 16V nA --- --- -100 VGS = -16V --- --- 20 ID = 6.0A --- --- 4.6 nC VDS = 80V --- --- 10 VGS = 5.0V, See Fig. 6 and 13 --- 4.0 --- VDD = 50V --- 35 --- ID = 6.0A ns --- 23 --- RG = 11, VGS = 5.0V --- 22 --- RD = 8.2, See Fig. 10 Between lead, 4.5 nH 6mm (0.25in.) G from package --- 7.5 --- and center of die contact --- 440 --- VGS = 0V --- 97 --- pF VDS = 25V --- 50 --- = 1.0MHz, See Fig. 5
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol 10 --- --- showing the A G integral reverse --- --- 35 p-n junction diode. S --- --- 1.3 V TJ = 25C, IS = 6.0A, VGS = 0V --- 110 160 ns TJ = 25C, IF =6.0A --- 410 620 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
max. junction temperature. ( See fig. 11 ) VDD = 25V, starting TJ = 25C, L = 4.7mH RG = 25, IAS = 6.0A. (See Figure 12) TJ 175C
Repetitive rating; pulse width limited by
Pulse width 300s; duty cycle 2%. This is applied for I-PAK, LS of D-PAK is measured between lead and
center of die contact
ISD 6.0A, di/dt 340A/s, VDD V(BR)DSS, Uses IRL520N data and test conditions.
** When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended footprint and soldering techniques refer to application note #AN-994
2
www.irf.com
IRLR/U120NPbF
100
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
100
ID , Drain-to-Source Current (A)
10
ID , Drain-to-Source Current (A)
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
10
2.5V
1
1
2.5V
0.1 0.1
20s PULSE WIDTH T J = 25C
1 10
100
A
VDS , Drain-to-Source Voltage (V)
0.1 0.1
20s PULSE WIDTH T J = 175C
1 10
100
A
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
3.0
R DS(on) , Drain-to-Source On Resistance (Normalized)
I D = 10A
I D , Drain-to-Source Current (A)
TJ = 25C
10
2.5
TJ = 175C
2.0
1.5
1
1.0
0.5
0.1
VDS = 50V 20s PULSE WIDTH
2 4 6 8 10
A
0.0 -60 -40 -20 0 20 40 60
VGS = 10V
and
80 100 120 140 160 180
A
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRLR/U120NPbF
800
C, Capacitance (pF)
600
Ciss
V GS , Gate-to-Source Voltage (V)
V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd C oss = C ds + C gd
15
I D = 6.0A V DS = 80V V DS = 50V V DS = 20V
12
9
400
Coss
200
6
Crss
3
0 1 10 100
A
0 0 5 10
FOR TEST CIRCUIT SEE FIGURE 13
15 20 25
A
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
10s
10
TJ = 175C TJ = 25C
I D , Drain Current (A)
10 100s
1ms 1 10ms
1
0.1 0.4 0.6 0.8 1.0
VGS = 0V
1.2
A
0.1 1
TC = 25C TJ = 175C Single Pulse
10 100
1.4
1000
A
VSD , Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLR/U120NPbF
10
V DS
8
RD
VGS RG
ID, Drain Current (Amps)
D.U.T.
+
-VDD
6
5.0V
Pulse Width 1 s Duty Factor 0.1 %
4
Fig 10a. Switching Time Test Circuit
2
VDS 90%
A
25 50 75 100 125 150 175
0
TC , Case Temperature (C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
D = 0.50 1 0.20 0.10 0.05 0.1 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRLR/U120NPbF
EAS , Single Pulse Avalanche Energy (mJ)
200
TOP
160
15V
BOTTOM
ID 2.4A 4.2A 6.0A
VDS
L
DRIVER
120
RG
10V
D.U.T
IAS tp
+ V - DD
80
A
0.01
40
Fig 12a. Unclamped Inductive Test Circuit
0 25 50 75 100 125 150
175
A
V(BR)DSS tp
Starting TJ , Junction Temperature (C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
5.0 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRLR/U120NPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRLR/U120NPbF
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFR120 WITH AS S EMBLY LOT CODE 1234 AS S EMBLED ON WW 16, 1999 IN THE AS S EMBLY LINE "A" Note: "P" in as sembly line pos ition indicates "Lead-Free" INTERNATIONAL RECTIFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 12 916A 34
DAT E CODE YEAR 9 = 1999 WEEK 16 LINE A
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 12 34
DATE CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 16 A = AS S EMBLY S ITE CODE
8
www.irf.com
IRLR/U120NPbF
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFU120 WIT H AS S EMBLY LOT CODE 5678 AS S EMBLED ON WW 19, 1999 IN T HE AS S EMBLY LINE "A" Note: "P" in assembly line position indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRF U120 919A 56 78
DAT E CODE YEAR 9 = 1999 WEEK 19 LINE A
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 56 78
DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 19 A = AS S EMBLY S IT E CODE
www.irf.com
9
IRLR/U120NPbF
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/04
10
www.irf.com
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRLR120NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X