Part Number Hot Search : 
040220K0 21011 25BPN P010022 16M44VLA FR151G1 T1613 DZ15B
Product Description
Full Text Search
 

To Download IRF7807ZPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95211B
IRF7807ZPBF
HEXFET(R) Power MOSFET
Applications l Control FET for Notebook Processor Power l Synchronous Rectifier MOSFET for Graphics Cards and POL Converters in Networking and Telecommunication Systems Benefits l Very Low RDS(on) at 4.5V VGS l Ultra-Low Gate Impedance l Fully Characterized Avalanche Voltage and Current l 100% Tested for R G l Lead-Free
VDSS 30V
R DS(on) max 13.8m:@V GS = 10V
Qg(typ.) 7.2nC
S S S G
1
8 7
A A D D D D
2
3
6
4
5
Top View
SO-8
Absolute Maximum Ratings
Parameter
VDS VGS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C TJ TSTG Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
Max.
30 20 11 8.7 88 2.5 1.6 0.02 -55 to + 150
Units
V
f Power Dissipation f
Power Dissipation
c
A W
Linear Derating Factor Operating Junction and Storage Temperature Range
W/C C
Thermal Resistance
Parameter
RJL RJA Junction-to-Drain Lead Junction-to-Ambient
Typ.
--- ---
Max.
20 50
Units
C/W
f
Notes through are on page 10
www.irf.com
1
6/29/06
IRF7807ZPBF
BVDSS VDSS/TJ RDS(on) VGS(th) VGS(th) IDSS IGSS gfs Qg Qgs1 Qgs2 Qgd Qgodr Qsw Qoss RG td(on) tr td(off) tf Ciss Coss Crss
Static @ TJ = 25C (unless otherwise specified)
Parameter
Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance Total Gate Charge Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Gate Charge Overdrive Switch Charge (Qgs2 + Qgd) Output Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. Typ. Max. Units
30 --- --- --- 1.35 --- --- --- --- --- 22 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.023 11 14.5 1.8 - 4.7 --- --- --- --- --- 7.2 2.1 0.7 2.7 1.7 3.4 2.8 2.5 6.9 6.2 10 3.1 770 190 100 --- --- 13.8 18.2 2.25 --- 1.0 150 100 -100 --- 11 --- --- --- --- --- --- 4.8 --- --- --- --- --- --- --- pF VGS = 0V VDS = 15V ns nC nC VDS = 15V VGS = 4.5V ID = 8.8A S nA V mV/C A V m
Conditions
VGS = 0V, ID = 250A VGS = 10V, ID = 11A
V/C Reference to 25C, ID = 1mA VGS = 4.5V, ID = 8.8A
e e
VDS = VGS, ID = 250A VDS = 24V, VGS = 0V VDS = 24V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VDS = 15V, ID = 8.8A
See Fig. 16 VDS = 15V, VGS = 0V VDD = 15V, VGS = 4.5V ID = 8.8A Clamped Inductive Load
e
= 1.0MHz
Avalanche Characteristics
EAS IAR Parameter Single Pulse Avalanche Energy Avalanche Current
d
Typ. --- ---
Max. 63 8.8
Units mJ A
Diode Characteristics
Parameter
IS ISM VSD trr Qrr Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge --- --- --- --- --- --- 31 17 88 1.0 46 26 V ns nC
Min. Typ. Max. Units
--- --- 3.1 A
Conditions
MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, IS = 8.8A, VGS = 0V TJ = 25C, IF = 8.8A, VDD = 15V di/dt = 100A/s
e
2
e
www.irf.com
IRF7807ZPBF
100
TOP
VGS
100
TOP
ID, Drain-to-Source Current (A)
10
BOTTOM
ID, Drain-to-Source Current (A)
10V 8.0V 4.5V 3.8V 3.3V 3.0V 2.8V 2.5V
VGS
BOTTOM
10V 8.0V 4.5V 3.8V 3.3V 3.0V 2.8V 2.5V
10
1
2.5V 20s PULSE WIDTH Tj = 25C
2.5V 20s PULSE WIDTH Tj = 150C
1 0.1 0
0.1 0.1 0
1
10
100 100
1
10
100 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100.0
2.0
RDS(on) , Drain-to-Source On Resistance
ID = 11A VGS = 10V
ID, Drain-to-Source Current ()
T J = 150C
1.5
10.0
TJ = 25C VDS = 15V 20s PULSE WIDTH
1.0 2.0 3.0 4.0 5.0 6.0
(Normalized)
1.0
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7807ZPBF
10000
VGS, Gate-to-Source Voltage (V)
VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, C ds SHORTED Crss = Cgd Coss = Cds + Cgd
12 ID= 8.8A 10 8 6 4 2 0 VDS= 24V VDS= 15V
C, Capacitance (pF)
1000
Ciss
Coss
100
Crss
10 1 10 100
0
4
8
12
16
VDS, Drain-to-Source Voltage (V)
Q G Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100.0
1000 OPERATION IN THIS AREA LIMITED BY R DS(on)
ISD, Reverse Drain Current (A)
T J = 150C 10.0
ID, Drain-to-Source Current (A)
100
100sec 10
1.0
T J = 25C
1msec 1 Tc = 25C Tj = 150C Single Pulse 0.1 1.0 10.0 10msec
VGS = 0V 0.1 0.4 0.6 0.8 1.0 1.2 1.4 VSD, Source-toDrain Voltage (V)
0.1
100.0
1000.0
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7807ZPBF
12
2.2
10
VGS(th) Gate threshold Voltage (V)
2.0
ID , Drain Current (A)
8
1.8
ID = 250A
6
1.6
4
1.4
2
1.2
0 25 50 75 100 125 150
1.0 -75 -50 -25 0 25 50 75 100 125 150
T J , Junction Temperature (C)
T J , Temperature ( C )
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10. Threshold Voltage Vs. Temperature
100
Thermal Response ( Z thJA )
10
D = 0.50 0.20 0.10 0.05
1
0.02 0.01
J J 1
R1 R1 2
R2 R2
R3 R3 3 C 3
0.1
Ri (C/W) i (sec) 5.770 0.002691 24.37 19.86 0.54585 7.25
1
2
0.01
SINGLE PULSE ( THERMAL RESPONSE )
Ci= i/Ri Ci= i/Ri
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthja + Tc
0.1 1 10 100
0.001 1E-006 1E-005 0.0001 0.001 0.01
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7807ZPBF
300
EAS, Single Pulse Avalanche Energy (mJ)
15V
TOP
250
BOTTOM
VDS
L
DRIVER
ID 1.2A 1.5A 8.8A
200
RG
VGS 20V
D.U.T
IAS tp
+ V - DD
A
150
0.01
100
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
50
0 25 50 75 100 125 150
Starting T J , Junction Temperature (C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
LD VDS
Fig 12b. Unclamped Inductive Waveforms
+
VDD D.U.T
Current Regulator Same Type as D.U.T.
VGS Pulse Width < 1s Duty Factor < 0.1%
50K 12V .2F .3F
Fig 14a. Switching Time Test Circuit
D.U.T. + V - DS
VDS
90%
VGS
3mA
10%
IG ID
VGS
td(on) tr td(off) tf
Current Sampling Resistors
Fig 13. Gate Charge Test Circuit
Fig 14b. Switching Time Waveforms
6
www.irf.com
IRF7807ZPBF
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. I SD controlled by Duty Factor "D" D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 15. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
Id Vds Vgs
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 16. Gate Charge Waveform
www.irf.com
7
IRF7807ZPBF
Power MOSFET Selection for Non-Isolated DC/DC Converters
Control FET Special attention has been given to the power losses in the switching elements of the circuit - Q1 and Q2. Power losses in the high side switch Q1, also called the Control FET, are impacted by the Rds(on) of the MOSFET, but these conduction losses are only about one half of the total losses. Power losses in the control switch Q1 are given by; Synchronous FET The power loss equation for Q2 is approximated by;
* Ploss = Pconduction + P + Poutput drive
Ploss = Irms x Rds(on)
+ ( g x Vg x f ) Q
(
2
)
Ploss = Pconduction+ Pswitching+ Pdrive+ Poutput
This can be expanded and approximated by;
Q + oss x Vin x f + (Qrr x Vin x f ) 2
*dissipated primarily in Q1. For the synchronous MOSFET Q2, Rds(on) is an important characteristic; however, once again the importance of gate charge must not be overlooked since it impacts three critical areas. Under light load the MOSFET must still be turned on and off by the control IC so the gate drive losses become much more significant. Secondly, the output charge Qoss and reverse recovery charge Qrr both generate losses that are transfered to Q1 and increase the dissipation in that device. Thirdly, gate charge will impact the MOSFETs' susceptibility to Cdv/dt turn on. The drain of Q2 is connected to the switching node of the converter and therefore sees transitions between ground and Vin. As Q1 turns on and off there is a rate of change of drain voltage dV/dt which is capacitively coupled to the gate of Q2 and can induce a voltage spike on the gate that is sufficient to turn the MOSFET on, resulting in shoot-through current . The ratio of Qgd/Qgs1 must be minimized to reduce the potential for Cdv/dt turn on.
Ploss = (Irms 2 x Rds(on ) ) Qgs 2 Qgd +I x x Vin x f + I x x Vin x f ig ig + (Qg x Vg x f ) + Qoss x Vin x f 2
This simplified loss equation includes the terms Qgs2 and Qoss which are new to Power MOSFET data sheets. Qgs2 is a sub element of traditional gate-source charge that is included in all MOSFET data sheets. The importance of splitting this gate-source charge into two sub elements, Qgs1 and Qgs2, can be seen from Fig 16. Qgs2 indicates the charge that must be supplied by the gate driver between the time that the threshold voltage has been reached and the time the drain current rises to Idmax at which time the drain voltage begins to change. Minimizing Qgs2 is a critical factor in reducing switching losses in Q1. Qoss is the charge that must be supplied to the output capacitance of the MOSFET during every switching cycle. Figure A shows how Qoss is formed by the parallel combination of the voltage dependant (nonlinear) capacitances Cds and Cdg when multiplied by the power supply input buss voltage.
Figure A: Qoss Characteristic
8
www.irf.com
IRF7807ZPBF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
9 6 ' & ! % " $ $ # 7
9DH 6 6 i p 9 @ r r C F G DI8C@T HDI H6Y $"! %'' # (' ! " &$ (' (%' '( #(& $&# $AA76TD8 !$AA76TD8 !!'# !## (( (% $ % A' A HDGGDH@U@ST HDI H6Y &$ "$ !$ $ "" ( !$ $ #' # "' !&AA76TD8 %"$AA76TD8 %! $' $ !$ !& # A A'
% @
C !$Ab dA
6
%Y r
r
6
FAA#$ 8 Ab#dA 'YAG & 'YAp
'YAi !$Ab dA
6 867
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@
APPUQSDIU 'YA&!Ab!'d
%#%Ab!$$d
"YA !&Ab$d
'YA &'Ab&d
SO-8 Part Marking
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U
DIU@SI6UDPI6G S@8UDAD@S GPBP
www.irf.com
;;;; )
96U@A8P9@AXX QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
9
IRF7807ZPBF
SO-8 Tape and Reel
Dimensions are shown in milimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Notes: Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25C, L = 1.6mH RG = 25, IAS = 8.8A. Pulse width 400s; duty cycle 2%. When mounted on 1 inch square copper board
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 06/2006
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7807ZPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X