Part Number Hot Search : 
200AA 23PN010 25001 CS161 1117A SZ25A33 731B0406 29LV160B
Product Description
Full Text Search
 

To Download IRF7805PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96031A
IRF7805PBF
HEXFET(R) Chip-Set for DC-DC Converters
* * * * * N Channel Application Specific MOSFETs Ideal for Mobile DC-DC Converters Low Conduction Losses Low Switching Losses Lead-Free
S S S G
1 2 3 4 8 7
A D D D D
6 5
Description This new device employs advanced HEXFET Power MOSFET technology to achieve an unprecedented balance of on-resistance and gate charge. The reduced conduction and switching losses make this device ideal for high efficiency DC-DC Converters that power the latest generation of mobile microprocessors. The IRF7805PBF offers maximum efficiency for mobile CPU core DC-DC converters.
SO-8
Device Features VDS RDS(on) Qg Qsw Qoss
T o p V ie w
IRF7805PBF 30V 11m 31nC 11.5nC 36nC
Absolute Maximum Ratings
Parameter
VDS VGS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C TJ TSTG Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS Pulsed Drain Current Continuous Drain Current, VGS @ 10V
Max.
30
Units
V
e Power Dissipation e
Power Dissipation
c
e @ 10V e
12 13 10 100 2.5 1.6 0.02 -55 to + 150 W/C C W A
Linear Derating Factor Operating Junction and Storage Temperature Range
Thermal Resistance
RJL RJA
g Junction-to-Ambient eg
Junction-to-Drain Lead
Parameter
Typ.
--- ---
Max.
20 50
Units
C/W
www.irf.com
1
01/09/08
IRF7805PBF
Static @ TJ = 25C (unless otherwise specified)
Parameter
BVDSS RDS(on) VGS(th) IDSS Drain-to-Source Breakdown Voltageh Static Drain-to-Source On-Resistanceh Gate Threshold Voltage
Min. Typ. Max. Units
30 --- 1.0 --- --- --- --- --- --- --- --- --- --- --- 0.5 --- --- --- --- --- 9.2 --- --- --- --- --- --- 22 3.7 1.4 6.8 8.2 3.0 --- 16 20 38 16 --- 11 3.0 70 10 150 100 -100 31 --- --- --- 11.5 3.6 1.7 --- --- --- --- nC ns V m V A
Conditions
VGS = 0V, ID = 250A VGS = 4.5V, ID = 7.0A VDS = VGS, ID = 250A VDS = 30V, VGS = 0V VDS = 24V, VGS = 0V VDS = 24V, VGS = 0V, TJ = 100C VGS = 12V VGS = -12V VGS = 5.0V VDS = 16V ID = 7.0A
h
d
Drain-to-Source Leakage Current
IGSS Qg Qgs1 Qgs2 Qgd Qsw Qoss RG td(on) tr td(off) tf
Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge
h
nA
Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Switch Charge (Qgs2 + Qgd) Output Charge
nC
h
h
VDS = 16V, VGS = 0V VDD = 16V, VGS = 4.5V ID = 7.0A RG= 2 Resistive Load
Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
e
Diode Characteristics
Parameter
IS ISM VSD Qrr Qrr(s) Continuous Source Current (Body Diode)A Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Charge
Min. Typ. Max. Units
--- --- --- --- --- 88 55 2.5 106 1.2 --- --- A
Conditions
MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, IS = 7.0A, VGS = 0V di/dt = 700A/s VDS = 16V, VGS = 0V, IS = 7.0A di/dt = 700A/s (with 10BQ040) VDS = 16V, VGS = 0V, IS = 7.0A
h
f
--- --- ---
V nC nC
Reverse Recovery Charge (with Parallel Schottky)
f
Notes:
Repetitive rating; pulse width limited by max. junction temperature. Pulse width 300 s; duty cycle 2%. When mounted on 1 inch square copper board, t < 10 sec. Typ = measured - Qoss R is measured at TJ of approximately 90C. Devices are 100% tested to these parameters.
2
www.irf.com
Typical Characteristics
IRF7805PBF
Fig 1. Normalized On-Resistance vs. Temperature
Fig 2. Typical Gate Charge vs. Gate-to-Source Voltage
10
ISD , Reverse Drain Current (A)
TJ = 150 C
1
TJ = 25 C
0.1 0.4
V GS = 0 V
0.5 0.6 0.7 0.8 0.9
VSD ,Source-to-Drain Voltage (V)
Fig 3. Typical Rds(on) vs. Gate-to-Source Voltage
100
Fig 4. Typical Source-Drain Diode Forward Voltage
Thermal Response (Z thJA )
D = 0.50 0.20 0.10 0.05 0.02 0.01 P DM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10 100 1000
10
1
0.1 0.001
t1 , Rectangular Pulse Duration (sec)
www.irf.com
Figure 5. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
3
IRF7805PBF
SO-8 Package Details
9 6 ' & % $ 7
9DH 6 6 i p 9 @ r r C F G
% @
$ C !$Ab dA 6
!
"
#
%Y
r
DI8C@T HDI H6Y $"! %'' # (' " ! &$ (' '( (%' #(& $&# $AA76TD8 !$AA76TD8 !!'# !## (( (% % $ A A'
HDGGDH@U@ST HDI H6Y "$ &$ !$ "" $ ( !$ #' $ "' # !&AA76TD8 %"$AA76TD8 $' %! !$ $ # !& A' A
r
6
FAA#$ 8 Ab#dA 'YAG & 'YAp
'YAi !$Ab dA
6 867
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@
APPUQSDIU 'YA&!Ab!'d
%#%Ab!$$d
"YA !&Ab$d
'YA &'Ab&d
SO-8 Part Marking
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U
DIU@SI6UDPI6G S@8UDAD@S GPBP
;;;; )
96U@A8P9@AXX QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
4
www.irf.com
IRF7805PBF
SO-8 Tape and Reel
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.01/2008
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of IRF7805PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X