|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD - 95335B IRF7413ZPBF HEXFET(R) Power MOSFET Applications l Control FET for Notebook Processor Power l Control and Synchronous Rectifier MOSFET for Graphics Cards and POL Converters in Computing, Networking and Telecommunication Systems Benefits l Ultra-Low Gate Impedance l Very Low RDS(on) l Fully Characterized Avalanche Voltage and Current l 100% Tested for RG l Lead-Free VDSS 30V RDS(on) max 10m:@VGS = 10V A A D D D D ID 13A S S S G 1 2 3 4 8 7 6 5 Top View SO-8 Absolute Maximum Ratings Parameter VDS VGS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C TJ TSTG Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range Max. 30 20 13 10 100 2.5 1.6 0.02 -55 to + 150 Units V c A W W/C C Thermal Resistance Parameter RJL RJA Junction-to-Drain Lead Junction-to-Ambient Typ. --- --- Max. 20 50 Units C/W f Notes through are on page 10 www.irf.com 1 6/30/05 IRF7413ZPBF BVDSS VDSS/TJ RDS(on) VGS(th) VGS(th)/TJ IDSS IGSS gfs Qg Qgs1 Qgs2 Qgd Qgodr Qsw Qoss RG td(on) tr td(off) tf Ciss Coss Crss Static @ TJ = 25C (unless otherwise specified) Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance Total Gate Charge Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Gate Charge Overdrive Switch Charge (Qgs2 + Qgd) Output Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. Typ. Max. Units 30 --- --- --- 1.35 --- --- --- --- --- 62 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.025 8.0 10.5 1.80 -5.0 --- --- --- --- --- 9.5 3.0 1.0 3.0 2.5 4.0 5.6 2.3 8.7 6.3 11 3.8 1210 270 140 --- --- 10 13 2.25 --- 1.0 150 100 -100 --- 14 --- --- --- --- --- --- 4.5 --- --- --- --- --- --- --- pF VGS = 0V VDS = 15V ns nC nC VDS = 15V VGS = 4.5V ID = 10A S nA V mV/C A V V/C m Conditions VGS = 0V, ID = 250A Reference to 25C, ID = 1mA VGS = 10V, ID = 13A VGS = 4.5V, ID e = 10A e VDS = VGS, ID = 250A VDS = 24V, VGS = 0V VDS = 24V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VDS = 15V, ID = 10A See Fig. 16 VDS = 15V, VGS = 0V VDD = 16V, VGS = 4.5V ID = 10A Clamped Inductive Load = 1.0MHz Avalanche Characteristics EAS IAR Parameter Single Pulse Avalanche Energy Avalanche Current d Typ. --- --- Max. 32 10 Units mJ A Diode Characteristics Parameter IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time --- --- --- --- 24 16 1.0 36 24 V ns nC --- --- 100 Min. Typ. Max. Units --- --- 3.1 A Conditions MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, IS = 10A, VGS = 0V TJ = 25C, IF = 10A, VDD = 15V di/dt = 100A/s e e Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) 2 www.irf.com IRF7413ZPBF 1000 TOP VGS 10V 8.0V 4.5V 4.0V 3.5V 3.0V 2.8V 2.5V 1000 TOP VGS 10V 8.0V 4.5V 4.0V 3.5V 3.0V 2.8V 2.5V 100 BOTTOM ID, Drain-to-Source Current (A) ID, Drain-to-Source Current (A) 100 BOTTOM 10 1 2.5V 10 2.5V 20s PULSE WIDTH Tj = 150C 1 20s PULSE WIDTH Tj = 25C 0.1 0.1 1 10 0.1 1 10 VDS, Drain-to-Source Voltage (V) VDS, Drain-to-Source Voltage (V) Fig 1. Typical Output Characteristics Fig 2. Typical Output Characteristics 1000 2.0 RDS(on) , Drain-to-Source On Resistance ID = 13A VGS = 10V ID, Drain-to-Source Current () 100 1.5 10 (Normalized) T J = 150C T J = 25C VDS = 10V 20s PULSE WIDTH 1.0 1 2 3 4 5 6 0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 VGS, Gate-to-Source Voltage (V) T J , Junction Temperature (C) Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance vs. Temperature www.irf.com 3 IRF7413ZPBF 10000 VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd 12.0 ID= 10A VGS , Gate-to-Source Voltage (V) 10.0 8.0 6.0 4.0 2.0 0.0 VDS= 24V VDS= 15V C, Capacitance(pF) Ciss 1000 Coss Crss 100 1 10 100 0 4 8 12 16 VDS, Drain-to-Source Voltage (V) Q G Total Gate Charge (nC) Fig 5. Typical Capacitance vs. Drain-to-Source Voltage Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage 1000.00 1000 OPERATION IN THIS AREA LIMITED BY R DS(on) 100.00 T J = 150C 10.00 ID, Drain-to-Source Current (A) ISD, Reverse Drain Current (A) 100 10 100sec 1msec 1.00 T J = 25C 1 0.10 0.2 0.4 0.6 0.8 1.0 VGS = 0V 1.2 1.4 T A = 25C Tj = 150C Single Pulse 0 1 10 10msec 0.1 100 1000 VDS, Drain-to-Source Voltage (V) VSD, Source-to-Drain Voltage (V) Fig 7. Typical Source-Drain Diode Forward Voltage Fig 8. Maximum Safe Operating Area 4 www.irf.com IRF7413ZPBF 14 2.5 VGS(th) Gate threshold Voltage (V) 12 ID, Drain Current (A) 10 8 6 4 2 0 25 50 75 100 125 150 T A , Ambient Temperature (C) 2.0 1.5 ID = 250A 1.0 0.5 -75 -50 -25 0 25 50 75 100 125 150 T J , Temperature ( C ) Fig 9. Maximum Drain Current vs. Ambient Temperature Fig 10. Threshold Voltage vs. Temperature 100 D = 0.50 Thermal Response ( Z thJA ) 10 0.20 0.10 0.05 0.02 0.01 J R1 R1 J 1 2 R2 R2 R3 R3 3 R4 R4 C 2 3 4 4 1 Ri (C/W) 1.8556 2.4927 25.570 20.340 P DM t1 i (sec) 0.000337 0.012752 0.691000 21.90000 1 0.1 Ci= i/Ri Ci i/Ri 0.01 SINGLE PULSE ( THERMAL RESPONSE ) t2 Notes: 1. Duty factor D = t 1/ t 2 2. Peak T J = P DM x Z thJA 0.001 1E-006 1E-005 0.0001 0.001 0.01 0.1 +T A 1 10 100 t1 , Rectangular Pulse Duration (sec) Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient www.irf.com 5 IRF7413ZPBF EAS , Single Pulse Avalanche Energy (mJ) 15V 140 120 100 80 60 40 20 0 25 50 75 100 125 TOP BOTTOM ID 3.1A 3.9A 10A VDS L DRIVER RG VGS 20V D.U.T IAS tp + V - DD A 0.01 Fig 12a. Unclamped Inductive Test Circuit V(BR)DSS tp 150 Starting T J , Junction Temperature (C) Fig 12c. Maximum Avalanche Energy vs. Drain Current I AS LD VDS Fig 12b. Unclamped Inductive Waveforms + VDD D.U.T Current Regulator Same Type as D.U.T. VGS Pulse Width < 1s Duty Factor < 0.1% 50K 12V .2F .3F Fig 14a. Switching Time Test Circuit D.U.T. + V - DS 90% VDS VGS 3mA 10% IG ID VGS td(on) tr td(off) tf Current Sampling Resistors Fig 13. Gate Charge Test Circuit Fig 14b. Switching Time Waveforms 6 www.irf.com IRF7413ZPBF D.U.T Driver Gate Drive + P.W. Period D= P.W. Period VGS=10V + Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer * D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt - - + RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test VDD VDD + - Re-Applied Voltage Inductor Curent Body Diode Forward Drop Ripple 5% ISD * VGS = 5V for Logic Level Devices Fig 15. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs Id Vds Vgs Vgs(th) Qgs1 Qgs2 Qgd Qgodr Fig 16. Gate Charge Waveform www.irf.com 7 IRF7413ZPBF Power MOSFET Selection for Non-Isolated DC/DC Converters Control FET Special attention has been given to the power losses in the switching elements of the circuit - Q1 and Q2. Power losses in the high side switch Q1, also called the Control FET, are impacted by the Rds(on) of the MOSFET, but these conduction losses are only about one half of the total losses. Power losses in the control switch Q1 are given by; Synchronous FET The power loss equation for Q2 is approximated by; * P =P loss conduction + P drive + P output P = Irms x Rds(on) loss + (Qg x Vg x f ) ( 2 ) Ploss = Pconduction+ Pswitching+ Pdrive+ Poutput This can be expanded and approximated by; Q + oss x Vin x f + (Qrr x Vin x f ) 2 *dissipated primarily in Q1. For the synchronous MOSFET Q2, Rds(on) is an important characteristic; however, once again the importance of gate charge must not be overlooked since it impacts three critical areas. Under light load the MOSFET must still be turned on and off by the control IC so the gate drive losses become much more significant. Secondly, the output charge Qoss and reverse recovery charge Qrr both generate losses that are transfered to Q1 and increase the dissipation in that device. Thirdly, gate charge will impact the MOSFETs' susceptibility to Cdv/dt turn on. The drain of Q2 is connected to the switching node of the converter and therefore sees transitions between ground and Vin. As Q1 turns on and off there is a rate of change of drain voltage dV/dt which is capacitively coupled to the gate of Q2 and can induce a voltage spike on the gate that is sufficient to turn the MOSFET on, resulting in shoot-through current . The ratio of Qgd/Qgs1 must be minimized to reduce the potential for Cdv/dt turn on. Ploss = (Irms x Rds(on ) ) 2 Qgs 2 Qgd +I x x Vin x f + I x x Vin x f ig ig + (Qg x Vg x f ) + Qoss x Vin x f 2 This simplified loss equation includes the terms Qgs2 and Qoss which are new to Power MOSFET data sheets. Qgs2 is a sub element of traditional gate-source charge that is included in all MOSFET data sheets. The importance of splitting this gate-source charge into two sub elements, Qgs1 and Qgs2, can be seen from Fig 16. Qgs2 indicates the charge that must be supplied by the gate driver between the time that the threshold voltage has been reached and the time the drain current rises to Idmax at which time the drain voltage begins to change. Minimizing Qgs2 is a critical factor in reducing switching losses in Q1. Qoss is the charge that must be supplied to the output capacitance of the MOSFET during every switching cycle. Figure A shows how Qoss is formed by the parallel combination of the voltage dependant (nonlinear) capacitances Cds and Cdg when multiplied by the power supply input buss voltage. 8 Figure A: Qoss Characteristic www.irf.com IRF7413ZPBF SO-8 Package Details D A 5 B DIM A b INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00 A1 .0040 6 E 8 7 6 5 H 0.25 [.010] A c D E e e1 H 1 2 3 4 .050 BAS IC .025 BAS IC .2284 .0099 .016 0 .2440 .0196 .050 8 1.27 BAS IC 0.635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8 6X e K L y e1 A K x 45 C 0.10 [.004] y 8X c 8X b 0.25 [.010] A1 CAB 8X L 7 NOT ES : 1. DIMENS IONING & T OLERANCING PER AS ME Y14.5M-1994. 2. CONT ROLLING DIMENS ION: MILLIMET ER 3. DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ]. 4. OUT LINE CONFORMS T O JEDEC OUT LINE MS -012AA. 5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUS IONS . MOLD PROTRUS IONS NOT T O EXCEED 0.15 [.006]. 6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUS IONS . MOLD PROTRUS IONS NOT T O EXCEED 0.25 [.010]. 7 DIMENS ION IS THE LENGT H OF LEAD FOR S OLDERING TO A S UBS T RAT E. 3X 1.27 [.050] 6.46 [.255] FOOTPRINT 8X 0.72 [.028] 8X 1.78 [.070] SO-8 Part Marking EXAMPLE: T HIS IS AN IRF7101 (MOS FET ) DAT E CODE (YWW) P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) Y = LAS T DIGIT OF T HE YEAR WW = WEEK A = ASS EMBLY S IT E CODE LOT CODE PART NUMBER INT ERNAT IONAL RECT IFIER LOGO XXXX F7101 www.irf.com 9 IRF7413ZPBF SO-8 Tape and Reel Dimensions are shown in millimeters (inches) TERMINAL NUMBER 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) FEED DIRECTION NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541. 330.00 (12.992) MAX. 14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541. Notes: Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25C, L = 0.62mH, RG = 25, IAS = 10A. Pulse width 400s; duty cycle 2%. When mounted on 1 inch square copper board. Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 06/05 10 www.irf.com |
Price & Availability of IRF7413ZPBF |