Part Number Hot Search : 
LM2576BT 2SA1371 B5551 GG144 MPIL100 26000 VAL1Z 1991770
Product Description
Full Text Search
 

To Download IRF7410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94025
IRF7410
HEXFET(R) Power MOSFET
l l l l
Ultra Low On-Resistance P-Channel MOSFET Surface Mount Available in Tape & Reel
VDSS
-12V
RDS(on) max
7m@VGS = -4.5V 9m@VGS = -2.5V 13m@VGS = -1.8V
ID
-16A -13.6A -11.5A
Description
These P-Channel HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications.. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infrared, or wave soldering techniques.
S
1 8 7
A D D D D
S
S G
2
3
6
4
5
T o p V ie w
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-20 -16 -13 -65 2.5 1.6 20 8 -55 to +150
Units
V A
W mW/C V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Max.
50
Units
C/W
www.irf.com
1
07/11/01
IRF7410
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance
RDS(on)
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. -12 --- --- --- --- -0.4 55 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.006 --- --- --- --- --- --- --- --- --- 91 18 25 13 12 271 200 8676 2344 1604
Max. Units Conditions --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, I D = -1mA 7 VGS = -4.5V, I D = -16A m VGS = -2.5V, ID = -13.6A 9 13 VGS = -1.8V, ID = -11.5A -0.9 V VDS = VGS , ID = -250A --- S VDS = -10V, I D = -16A -1.0 VDS = -9.6V, VGS = 0V A -25 VDS = -9.6V, VGS = 0V, T J = 70C -100 nA VGS = -8V 100 VGS = 8V --- ID = -16A --- nC VDS = -9.6V --- VGS = -4.5V 20 VDD = -6V, VGS = -4.5V ns 18 ID = -1.0A 407 RD = 6 300 RG = 6 --- VGS = 0V --- pF VDS = -10V --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 97 134 -2.5 A -65 -1.2 145 201 V ns C
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -2.5A, VGS = 0V TJ = 25C, IF = -2.5A di/dt = -100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Surface mounted on 1 in square Cu board, t 10sec.
Pulse width 400s; duty cycle 2%.
2
www.irf.com
IRF7410
100
VGS -7.0V -5.0V -4.5V -2.5V -1.8V -1.5V -1.2V BOTTOM -1.0V TOP
100
VGS -7.0V -5.0V -4.5V -2.5V -1.8V -1.5V -1.2V BOTTOM -1.0V TOP
-ID, Drain-to-Source Current (A)
10
-ID, Drain-to-Source Current (A)
10
1
-1.0V 20s PULSE WIDTH Tj = 150C
1
-1.0V 20s PULSE WIDTH Tj = 25C
0.1 0.1 1 10 100
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
-VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
TJ = 150 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
100
2.0
ID = -16A
-I D , Drain-to-Source Current (A)
1.5
10
1.0
TJ = 25 C
0.5
1 1.0
V DS = -10V 20s PULSE WIDTH 1.2 1.4 1.6 1.8 2.0
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7410
14000 12000
6
-VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd
ID = -16A
5
V DS =-9.6V
C, Capacitance(pF)
10000 8000 6000 4000 2000 0 1
Ciss
Coss = Cds + Cgd
4
3
2
Coss Crss
1
0
10
100
0
20
40
60
80
100
120
-VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
-ISD , Reverse Drain Current (A)
TJ = 150 C
10
OPERATION IN THIS AREA LIMITED BY R
DS(on)
-ID , Drain Current (A) I
100
100us 1ms
10
TJ = 25 C
1
10ms
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0
1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7410
16
VDS VGS
RD
-ID , Drain Current (A)
12
D.U.T.
+
VGS
8
Pulse Width 1 s Duty Factor 0.1 %
4
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
VGS
0 25 50 75 100 125 150
10%
TC , Case Temperature ( C)
90%
Fig 9. Maximum Drain Current Vs. Case Temperature
VDS
Fig 10b. Switching Time Waveforms
100
Thermal Response (Z thJA )
D = 0.50 10 0.20 0.10 0.05 1 0.02 0.01
0.1
SINGLE PULSE (THERMAL RESPONSE) 0.0001 0.001 0.01 0.1
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 1 10 100
PDM t1 t2
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
-
RG
VDD
5
IRF7410
( RDS ( on ) , Drain-to-Source On Resistance )
( RDS(on), Drain-to -Source On Resistance )
0.010
0.02
0.008
0.015 VGS = -1.8V 0.01 VGS = -2.5V 0.005 VGS = -4.5V 0 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 -ID , Drain Current ( A )
0.006
ID = -16A
0.004
0.002 0.0 2.0 4.0 6.0 8.0
-VGS, Gate -to -Source Voltage (V)
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
50K
QG QGS VG QGD
12V
.2F .3F
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 14a. Basic Gate Charge Waveform
Fig 14b. Gate Charge Test Circuit
6
www.irf.com
+
D.U.T.
-
VDS
IRF7410
1.0 700 600 0.8 500
-VGS(th) ( V )
Power (W)
ID = -250A
0.6
400 300 200
0.4 100 0 -75 -50 -25 0 25 50 75 100 125 150 0.0001 0.0010 0.0100 0.1000 1.0000 10.0000 100.0000
0.2
TJ , Temperature ( C )
Time (sec)
Fig 15. Typical Vgs(th) Vs. Junction Temperature
Fig 16. Typical Power Vs. Time
www.irf.com
7
IRF7410
SO-8 Package Details
D A 5 B
DIM A b INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMET ERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
6 E
8
7
6
5 H 0.25 [.010] A
c D E e e1 H K L y
1
2
3
4
.050 BAS IC .025 BAS IC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BAS IC 0.635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CAB y
K x 45
8X L 7
8X c
NOT ES: 1. DIMENSIONING & T OLERANCING PER AS ME Y14.5M-1994. 2. CONT ROLLING DIMENSION: MILLIMET ER 3. DIMENSIONS ARE SHOWN IN MILLIMET ERS [INCHES ]. 4. OUT LINE CONFORMS T O JEDEC OUT LINE MS-012AA. 5 DIMENSION DOES NOT INCLUDE MOLD PROTRUS IONS . MOLD PROTRUS IONS NOT T O EXCEED 0.15 [.006]. 6 DIMENSION DOES NOT INCLUDE MOLD PROTRUS IONS . MOLD PROTRUS IONS NOT T O EXCEED 0.25 [.010]. 7 DIMENSION IS THE LENGTH OF LEAD F OR S OLDERING T O A S UBST RATE. 3X 1.27 [.050]
F OOTPRINT 8X 0.72 [.028]
6.46 [.255]
8X 1.78 [.070]
SO-8 Part Marking
EXAMPLE: T HIS IS AN IRF7101 (MOS FET ) DATE CODE (YWW) Y = LAS T DIGIT OF THE YEAR WW = WEEK LOT CODE PART NUMBER
www.irf.com
INTERNAT IONAL RECTIFIER LOGO
8
YWW XXXX F7101
IRF7410
Tape and Reel
T E R M IN A L N U M B E R 1
1 2 .3 ( .48 4 ) 1 1 .7 ( .46 1 )
8 .1 ( .31 8 ) 7 .9 ( .31 2 )
F E E D D IR E C T IO N
N O TES: 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1.
33 0.0 0 (1 2 .9 9 2 ) M AX .
1 4 .4 0 ( .5 66 ) 1 2 .4 0 ( .4 88 ) N O TE S : 1. C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2. O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/01
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRF7410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X