Part Number Hot Search : 
DMDT9922 IWR0520F AD5170B 10040 OC18E12A AP130X CPC1130 MA277
Product Description
Full Text Search
 

To Download IRF7341QPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96108
IRF7341QPBF
Typical Applications
* Anti-lock Braking Systems (ABS) * Electronic Fuel Injection * Air bag
HEXFET(R) Power MOSFET VDSS
55V
RDS(on) max
0.050@VGS = 10V 0.065@VGS = 4.5V
ID
5.1A 4.42A
Benefits
* * * * * * *
Advanced Process Technology Dual N-Channel MOSFET Ultra Low On-Resistance 175C Operating Temperature Repetitive Avalanche Allowed up to Tjmax Automotive [Q101] Qualified Lead-Free
S1 G1 S2 G2
1 2 3 4
Description
Specifically designed for Automotive applications, these HEXFET (R) Power MOSFET's in a Dual SO-8 package utilize the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of these Automotive qualified HEXFET Power MOSFET's are a 175C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These benefits combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications. The 175C rating for the SO-8 package provides improved thermal performance with increased safe operating area and dual MOSFET die capability make it ideal in a variety of power applications. This dual, surface mount SO-8 can dramatically reduce board space and is also available in Tape & Reel.
8 7
D1 D1 D2 D2
6 5
Top View
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS EAS IAR EAR TJ , TSTG Drain-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Junction and Storage Temperature Range
Max.
55 5.1 4.2 42 2.4 1.7 16 20 140 5.1 See Fig. 14, 15, 16 -55 to + 175
Units
V A W W mW/C V mJ A mJ C
Thermal Resistance
Parameter
RJA
Max.
Units
62.5 C/W
Maximum Junction-to-Ambient
www.irf.com
07/23/07
1
IRF7341QPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. 55 --- --- 1.0 10.4 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.052 0.043 0.056 --- --- --- --- --- --- 29 2.9 7.3 9.2 7.7 31 12.5 780 190 66
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.050 VGS = 10V, ID = 5.1A 0.065 VGS = 4.5V, ID = 4.42A --- V VDS = VGS, ID = 250A --- S VDS = 10V, ID = 5.2A 2.0 VDS = 44V, VGS = 0V A 25 VDS = 44V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 44 ID = 5.2A 4.4 nC VDS = 44V 11 VGS = 10V --- VDD = 28V --- ID = 1.0A ns --- RG = 6.0 --- VGS = 10V --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- 51 76 2.4 A 42 1.2 77 114 V ns nC
Conditions D MOSFET symbol showing the G integral reverse p-n junction diode. S TJ = 25C, IS = 2.6A, VGS = 0V TJ = 25C, IF = 2.6A di/dt = 100A/s
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Surface mounted on FR-4 board, t 10sec.
Pulse width 300s; duty cycle 2%.
2
www.irf.com
IRF7341QPBF
100
VGS 15.0V 10.0V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 2.7V TOP
100
ID, Drain-to-Source Current (A)
10
ID, Drain-to-Source Current (A)
10
2.7V
2.7V
VGS 15.0V 10.0V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 2.7V TOP
1
1
20s PULSE WIDTH Tj = 25C
0.1 0.1 1 10 100 0.1 0.1 1
20s PULSE WIDTH Tj = 175C
10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
TJ = 25 C
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 5.2A
I D , Drain-to-Source Current (A)
2.0
TJ = 175 C
10
1.5
1.0
0.5
1 2.0
V DS = 25V 20s PULSE WIDTH 3.0 4.0 5.0 6.0 7.0
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7341QPBF
1400 1200 VGS = 0V, f = 1 MHZ C iss = Cgs + Cgd , SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 5.2A
VGS , Gate-to-Source Voltage (V)
Cds
16
VDS = 44V VDS = 27V VDS = 11V
C, Capacitance(pF)
1000 800 600 400 200 0 1
Ciss
12
8
Coss Crss
10 100
4
0
0
10
20
30
40
50
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
TJ = 175 C
10
I D , Drain Current (A)
100 10us 10 100us 1ms 1 10ms
TJ = 25 C
1
0.1 0.2
V GS = 0 V
0.5 0.8 1.1 1.4
0.1 0.1
TC = 25 C TJ = 175 C Single Pulse
1 10 100 1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7341QPBF
6.0
V DS
5.0
RD
VGS RG
D.U.T.
+
I D , Drain Current (A)
4.0
- VDD
3.0
10V
Pulse Width 1 s Duty Factor 0.1 %
2.0
Fig 10a. Switching Time Test Circuit
VDS 90%
1.0
0.0
25
50
TC , Case Temperature ( C)
75
100
125
150
175
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
100 D = 0.50
Thermal Response (Z thJA )
10
0.20 0.10 0.05 0.02
1
0.01 PDM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10 100
0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 10. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7341QPBF
RDS ( on ) , Drain-to-Source On Resistance ) (
( , RDS(on) Drain-to -Source On Resistance)
0.070
0.100
0.060
0.080
0.050
0.060 VGS = 4.5V 0.040 VGS = 10V 0.020 0 10 20 30 40 50 60 ID , Drain Current ( A )
0.040
0.030
ID = 7.1A
0.020 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0
VGS, Gate -to -Source Voltage (V)
Fig 11. Typical On-Resistance Vs. Gate Voltage
QG
Fig 12. Typical On-Resistance Vs. Drain Current
10 V
QGS VG
EAS , Single Pulse Avalanche Energy (mJ)
400
QGD
320
TOP BOTTOM
ID 2.1A 4.3A 5.1A
Charge
240
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
160
50K 12V .2F .3F
80
D.U.T. VGS
3mA
+ V - DS
0 25 50 75 100 125 150 175
Starting Tj, Junction Temperature
IG ID
( C)
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 14. Maximum Avalanche Energy Vs. Drain Current
6
www.irf.com
IRF7341QPBF
100
Duty Cycle = Single Pulse
10
Avalanche Current (A)
1
0.01 0.05 0.10
Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses
0.1
0.01
0.001 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 1.0E+00 1.0E+01 1.0E+02
tav (sec)
Fig 15. Typical Avalanche Current Vs.Pulsewidth
140 120 100 80 60 40 20 0 25 50
EAR , Avalanche Energy (mJ)
TOP Single Pulse BOTTOM 10% Duty Cycle ID = 5.1A
75
100
125
150
Starting T J , Junction Temperature (C)
Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of T jmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). tav = Average time in avalanche. 175 D = Duty cycle in avalanche = tav *f ZthJC(D, tav ) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 16. Maximum Avalanche Energy Vs. Temperature
www.irf.com
7
IRF7341QPBF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
9 6 ' & ! % " $ 7
9DH 6 6 i p DI8C@T HDI H6Y $"! %'' # (' " &$ '( #(& ! (' (%' $&# HDGGDH@U@ST HDI H6Y "$ &$ !$ "" ( #' "' $ !$ $ #
% @
$ #
C !$Ab dA
6
9 @ r r C F G
$AA76TD8 !$AA76TD8 !!'# !## (( % A (% $ A'
!&AA76TD8 %"$AA76TD8 $' %! !$ # A $ !& A'
%Y r
r
6
FAA#$ 8 Ab#dA 'YAG & 'YAp
'YAi !$Ab dA
6 867
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@
APPUQSDIU 'YA&!Ab!'d
%#%Ab!$$d
"YA !&Ab$d
'YA &'Ab&d
SO-8 Part Marking
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U
DIU@SI6UDPI6G S@8UDAD@S GPBP
;;;; )
96U@A8P9@AXX QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
www.irf.com
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
8
IRF7341QPBF
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ Data and specifications subject to change without notice. This product has been designed and qualified for the Autyomotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/2007
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRF7341QPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X