Part Number Hot Search : 
GA101 APT15 IRF73 2SD343 560MA 2SD343 D203I N5819
Product Description
Full Text Search
 

To Download IM43GR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The Best Relaytion
IM Relay
108-98001 Rev. D EC-JM00-0009-03 ECOC: JM10 1. Apr. 04
IM Relay
Slim line AND low profile 2 pole telecom/signal relay, polarized Through Hole Types (THT), standard version with 5.08 mm, narrow version with 3.2 mm between the terminal rows or Surface Mount Type (SMT)
Relay types: Features - Telecom/signal relay (dry circuit, test access, ringing) - Slim line10 x 6 mm, 0.39 x 0.24 inch - Low profile 5.65 mm, 0.222 inch - Minimum board-space 60 mm2 - Switching current 2 A - 2 changeover contacts (2 form C / DPDT) - Bifurcated contacts, gold plated - High sensitivity results in low nominal power consumption 140 mW for non latching standard 100 mW for latching version and non latching high sensitive version - High surge capability (1.2/50 s and 10/700 s) meets Bellcore GR 1089, FCC Part 68 and ITU-T K20, 21, 45 1500 V between open contacts 2500 V between coil and contacts - High mechanical shock resistance up to 300 G functional up to 500 G survival Typical applications: - Communications equipment Linecard application - analog, ISDN, xDSL, PABX Voice over IP - Office and business equipment - Measurement and control equipment - Consumer electronics Set top boxes, HiFi - Medical equipment Options: Surge capability 2500 V between open contacts IEC/EN60950 CECC 61811-51:01 (QC 160501) IEC Ref. Cert. No. 2170 UL 508 UL 60950 File No. E111441 non-latching with 1 coil latching with 1 coil
Insulation category: Supplementary insulation according IEC/EN 60950 Working voltage 300 Vrms Mains supply voltage SMT: 250 Vrms THT: 200 Vrms Repetitive peak voltage 2500 V Pollution degree: External: 2 Internal: 1 Flammability classification: V-0 Maximum operating temperature: 85C
European Directive conformance:
IM relay product conformance according to: Directive 2000/53/EC: ELV (End of Life of Vehicles) Directive 2002/95/EC: ROHS (Restrictions of the use of certain hazardous substances in electrical and electronic equipment) Compliance is evidenced by written declaration from all raw material suppliers. Tyco Electronics AXICOM only has responsibility for the proper processing of these materials. Confirmation is valid for date codes 0438
Page 2 (11)
108-98001 Rev. D
IM Relay
Dimensions
IM THT Standard IM THT Narrow IM SMT Gull Wings
inch
L W H T T1 T2 D1 D2 Tw S
10 0.08 6 0.08 5.65 -0.2 3.2 N/A 5.080.1 3.2 0.15 2.2 0.15 0.4 0.3 0.05
mm
0.393 0.003 0.236 0.003 0.222 -0.008 0.125 N/A 0.200 0.004 0.126 0.006 0.087 0.006 0.015 0.011 0.002
inch
10 0.08 5.7 0.3 5.85 -0.15 3.2 N/A 3.20.1 3.2 0.15 2.2 0.15 0.4 0.3 0.05
mm
0.393 0.003 10 0.08 0.224 0.012 6 0.08 0.230 -0.006 5.65 -0.2 0.125 N/A N/A 7.5 0.3 0.126 0.006 5.08 0.1 0.126 0.006 3.2 0.15 0.087 0.006 2.2 0.15 0.015 0.4 0.011 0.002 N/A
inch
mm
IM SMT J-Legs
0.393 0.003 0.236 0.003 0.222 -0.008 N/A 0.110 0.007 0.200 0.004 0.126 0.006 0.087 0.006 0.015 N/A
0.393 0.003 10 0.08 0.236 0.003 6 0.08 0.222 -0.008 5.65 -0.2 N/A N/A 0.295 0.011 2.8 0.2 0.200 0.004 5.08 0.1 0.126 0.006 3.2 0.15 0.087 0.006 2.2 0.15 0.015 0.4 N/A N/A
THT Version
Standard version Narrow version
SMT Version
Gull Wings J Legs
Mounting hole layout
Standard version
View onto the component side of the PCB (top view) Narrow version
Solder pad layout
Gull Wings
View onto the component side of the PCB (top view) J Legs
O min. 0.75
Terminal assignment
Relay - top view Non-latching type, not energized condition Latching type, 1 coil reset condition
Relay Code
Page 3 (11)
108-98001 Rev. D
IM Relay
Coil Data (values at 23C)
Nominal voltage Unom Operate/set voltage range Minimum voltage Umin Vdc Vdc Maximum voltage Umax Vdc Vdc mW / 10 % Release/ reset voltage Minimum Coil power Coil Resistance
Ordering Information
Relay code Tyco part number
THT Standard non-latching 1 coil 1.5 3 4.5 5 6 9 12 24 1.13 2.25 3.38 3.75 4.50 6.75 9.00 18.00 3.6 7.2 10.8 12.1 14.5 21.7 28.9 48.5 0.15 0.30 0.45 0.50 0.60 0.90 1.20 2.40 140 140 140 140 140 140 140 200 16 64 145 178 257 574 1028 2880 IM00TS IM01TS IM02TS IM03TS IM04TS IM05TS IM06TS IM07TS 3-1462037-5 0-1462037-4 1-1462037-3 1-1462037-8 4-1462037-1 2-1462037-2 2-1462037-7 3-1462037-0
THT Narrow non-latching 1 coil 1.5 3 4.5 5 6 9 12 24 1.13 2.25 3.38 3.75 4.50 6.75 9.00 18.00 3.6 7.2 10.8 12.1 14.5 21.7 28.9 48.5 0.15 0.30 0.45 0.50 0.60 0.90 1.20 2.40 140 140 140 140 140 140 140 200 16 64 145 178 257 574 1028 2880 IM00NS IM01NS IM02NS IM03NS IM04NS IM05NS IM06NS IM07NS 1-1462038-0 1-1462038-1 1-1462038-2 1-1462038-3 1-1462038-4 1-1462038-5 1-1462038-6 1-1462038-7
SMT J-Legs non-latching 1 coil 1.5 3 4.5 5 6 9 12 24 1.13 2.25 3.38 3.75 4.50 6.75 9.00 18.00 3.6 7.2 10.8 12.1 14.5 21.7 28.9 48.5 0.15 0.30 0.45 0.50 0.60 0.90 1.20 2.40 140 140 140 140 140 140 140 200 16 64 145 178 257 574 1028 2880 IM00JR IM01JR IM02JR IM03JR IM04JR IM05JR IM06JR IM07JR 3-1462037-9 4-1462037-0 1-1462037-1 1-1462037-6 4-1462037-4 4-1462037-5 4-1462037-6 4-1462037-8
SMT Gull Wings non-latching 1 coil 1.5 3 4.5 5 6 9 12 24 1.13 2.25 3.38 3.75 4.50 6.75 9.00 18.00 3.6 7.2 10.8 12.1 14.5 21.7 28.9 48.5 0.15 0.30 0.45 0.50 0.60 0.90 1.20 2.40 140 140 140 140 140 140 140 200 16 64 145 178 257 574 1028 2880 IM00GR IM01GR IM02GR IM03GR IM04GR IM05GR IM06GR IM07GR 3-1462037-7 0-1462037-1 0-1462037-9 1-1462037-4 4-1462037-2 3-1462037-4 2-1462037-3 4-1462037-7
High Dielectric Version
SMT Gull Wings non-latching 1 coil 3 4.5 5 9 12 24 2.25 3.38 3.75 6.75 9.00 18.00 7.2 10.8 12.1 21.7 28.9 48.5 0.30 0.45 0.50 0.90 1.20 2.40 140 140 140 140 140 200 64 145 178 574 1028 2880 IM01CGR IM02CGR IM03CGR IM05CGR IM06CGR IM07CGR 0-1462038-4 0-1462038-1 0-1462038-2 0-1462038-3 9-1462037-9 0-1462039-2
High Current Version
SMT Gull Wings non-latching 1 coil 4.5 5 3.38 3.75 10.8 12.1 0.45 0.50 140 140 145 178 IM02DGR IM03DGR 9-1462038-8 9-1462038-9
Further coil versions are available on request.
Page 4 (11)
108-98001 Rev. D
IM Relay
Coil Data (values at 23C)
Nominal voltage Unom Operate/set voltage range Minimum voltage Umin Vdc Vdc Maximum voltage Umax Vdc Vdc mW / 10 % Release/ reset voltage Minimum Coil power Coil Resistance
Ordering Information
Relay code Tyco part number
High Sensitive Version
SMT Gull Wings non-latching 1 coil 3 4.5 5 12 24 2.40 3.60 4.00 9.60 19.20 8.7 13.1 14.6 35.0 57.8 0.30 0.45 0.50 1.20 2.40 100 100 100 110 140 91 194 238 1315 4120 IM11GR IM12GR IM13GR IM16GR IM17GR 9-1462038-5 0-1462039-3 0-1462039-4 0-1462039-5 0-1462039-6
THT Standard latching 1 coil 1.5 3 4.5 5 6 9 12 24 1.13 2.25 3.38 3.75 4.50 6.75 9.00 18.00 4.3 8.6 12.9 14.3 17.1 25.7 34.3 48.5 -1.13 -2.25 -3.38 -3.75 -4.50 -6.75 -9.00 -18.00 100 100 100 100 100 100 100 200 23 90 203 250 380 810 1440 2880 IM40TS IM41TS IM42TS IM43TS IM44TS IM45TS IM46TS IM47TS 5-1462037-0 5-1462037-3 5-1462037-6 5-1462037-8 6-1462037-1 3-1462037-2 6-1462037-6 6-1462037-9
THT Narrow latching 1 coil 1.5 3 4.5 5 6 9 12 24 1.13 2.25 3.38 3.75 4.50 6.75 9.00 18.00 4.3 8.6 12.9 14.3 17.1 25.7 34.3 48.5 -1.13 -2.25 -3.38 -3.75 -4.50 -6.75 -9.00 -18.00 100 100 100 100 100 100 100 200 23 90 203 250 380 810 1440 2880 IM40NS IM41NS IM42NS IM43NS IM44NS IM45NS IM46NS IM47NS 1-1462038-8 1-1462038-9 2-1462038-0 2-1462038-1 2-1462038-2 2-1462038-3 2-1462038-4 2-1462038-5
SMT J-Legs latching 1 coil 1.5 3 4.5 5 6 9 12 24 1.13 2.25 3.38 3.75 4.50 6.75 9.00 18.00 4.3 8.6 12.9 14.3 17.1 25.7 34.3 48.5 -1.13 -2.25 -3.38 -3.75 -4.50 -6.75 -9.00 -18.00 100 100 100 100 100 100 100 200 23 90 203 250 380 810 1440 2880 IM40JR IM41JR IM42JR IM43JR IM44JR IM45JR IM46JR IM47JR 5-1462037-2 5-1462037-5 5-1462037-7 6-1462037-0 6-1462037-3 6-1462037-5 6-1462037-8 7-1462037-1
SMT Gull Wings latching 1 coil 1.5 3 4.5 5 6 9 12 24 1.13 2.25 3.38 3.75 4.50 6.75 9.00 18.00 4.3 8.6 12.9 14.3 17.1 25.7 34.3 48.5 -1.13 -2.25 -3.38 -3.75 -4.50 -6.75 -9.00 -18.00 100 100 100 100 100 100 100 200 23 90 203 250 380 810 1440 2880 IM40GR IM41GR IM42GR IM43GR IM44GR IM45GR IM46GR IM47GR 5-1462037-1 5-1462037-4 3-1462037-1 5-1462037-9 6-1462037-2 6-1462037-4 6-1462037-7 7-1462037-0
High Dielectric Version
SMT Gull Wings latching 1 coil 5 3.75 14.3 -3.75 100 250 IM43CGR 9-1462038-7
Page 5 (11)
108-98001 Rev. D
IM Relay
Coil operating range
3.4 3.2 3 2.8 2.6 2.4 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120
110 mW 200 mW Umax. at 0 A Umax. at 2 x 1 A Umax. at 2 x 2 A
3.4 3.2 3 2.8 2.6 2.4 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -40 -30 -20 -10 0 10 20 30
140 mW Umax. at 0 A Umax. at 2 x 1 A Umax. at 2 x 2 A
Coil Voltage [U/Unom]
Umax. at 0 A Unom. nominal coil voltage
Coil Voltage [U/Unom]
Unom. nominal coil voltage
Uop. min. Urel. min.
Uop. min. Urel. min.
40 50 60 70 80 90 100 110 120
Ambient Temperature [C] 200 mW Latching 100 mW Latching
3.4 3.2 3 2.8 2.6
Ambient Temperature [C]
Unom = Umax. =
Nominal coil voltage Upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized Lower limit of the operative range of the coil voltage (reliable operate voltage) Lower limit of the operative range of the coil voltage (reliable release voltage)
Umax. - 5 % coil duty at 2 x 2 A (100 mW)
Umax. - 100 % coil duty at 0 A (100 mW) Umax. - 100 % coil duty at 0 A (200 mW)
Coil Voltage [U/Unom]
2.4 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0
Uop. min. =
Umax. - 5 % coil duty at 0 A (100 mW) Umax. - 5 % coil duty at 0 A (200 mW) Unom. nominal coil voltage
Urel. min. =
Uset min.
Umax. - 5 % coil duty at 2 x 1 A (100 mW)
-60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140
Ambient Temperature [C]
Max. DC load breaking capacity
DC Voltage [Vdc]
DC current [A]
Page 6 (12)
108-98001 Rev. D
IM Relay
Contact Data
Number of contacts and type Contact assembly Contact material Limiting continuous current at max. ambient temperature Maximum switching current Maximum swichting voltage Maximum switching capacity Thermoelectric potential Minimum switching voltage Initial contact resistance / measuring condition: 10 mA / 20 mV Electrical endurance at contact application 0 ( 30 mV / 10 mA) cable load open end Resistive load at 125Vdc / 0.24 A - 30 W at 220 Vdc / 0.27 A - 60 W at 250 Vac / 0.25 A - 62.5 VA at 30 Vdc / 1 A - 30 W at 30 Vdc / 2 A - 60 W Mechanical endurance UL contact ratings
2 changeover contacts Bifurcated contacts Palladium-ruthenium, gold-covered 2A 2A 220 Vdc 250 Vac 60 W, 62.5 VA < 10 mV 100 mV < 50 mW min. 2.5 x 106 operations min. 2.0 x 106 operations min. 5 x 105 operations min. 1 x 105 operations min. 1 x 105 operations min. 5 x 105 operations min. 1 x 105 operations typ. 108 operations 220 Vdc / 0.24 A - 60 W 125 Vdc / 0.24 A - 30 W 250 Vac / 0.25 A - 62.5 VA 125 Vac / 0.5 A - 62.5 VA 30 Vdc / 2 A - 60 W Standard Version > 10 W
9
Insulation resistance at 500 VDC Dielectric test voltage (1 min) between coil and contacts between adjacent contact sets between open contacts Surge voltage resistance according to Bellcore TR-NWT-001089 (2 / 10 ms) between coil and contacts between adjacent contact sets between open contacts according to FCC 68 (10 / 160 ms) between coil and contacts between adjacent contact sets between open contacts
Insulation
High Dielectric Version > 109 W 1800 Vrms 1800 Vrms 1500 Vrms
1800 Vrms 1000 Vrms 1000 Vrms
2500 V 1500 V 1500 V 2500 V 1500 V 1500 V
2500 V 2500 V 2500 V 2500 V 2500 V 2500 V
High Frequency Data
Capacitance between coil and contacts between adjacent contact sets between open contacts RF Characteristics Isolation at 100 / 900 MHz Insertion loss at 100 / 900 MHz V.S.W.R. at 100 / 900 MHz * High Dielectric Version C" max. 2 pF max. 2 pF max. 1 pF
- 37.0 dB / - 18.8 dB - 0.03 dB / - 0.33 dB 1.06 / 1.49
Page 7 (12)
108-98001 Rev. D
IM Relay
General data
Operate time at Unom typ. / max. Reset time (latching) at Unom , typ. / max. Release time without diode in parallel (non-latching), typ. / max. Release time with diode in parallel (non-latching), typ. / max. Bounce time at closing contact, typ. / max. Maximum switching rate without load Ambient temperature Thermal resistance Maximum permissible coil temperature Vibration resistance (function) Shock resistance, half sinus, 11 ms half sinus, 0.5 ms Degree of protection / Environmental protection Needle flame test Mounting position Processing information Weight (mass) Terminal surface Moisture sensitive level (JEDEC J-STD-020B) Resistance to soldering heat All data refers to 23 C unless otherwise specified.
1 ms / 3 ms 1 ms /3 ms 1 ms / 3 ms 3 ms / 5 ms 1 ms / 5 ms 50 operations/s -40 C ... +85 C < 150 K/W 125 C 20 G 10 to 1000 Hz 50 G (function) 500 G (damage) immersion cleanable, IP 67 / RT V application time 20 s, no burning and glowing any Ultrasonic cleaning is not recommended max. 0.75 g NiPdAu MSL 3 260 C / 10 s
Recommended soldering conditions
Soldering conditions according IEC 60058-2-58 and IPC/JEDEC J-STD-020B
Recommended reflow soldering profile
20 - 40 sec 240 C
Full line: typical Dotted line: process limits Temperature C
Temperature C
180 C 130 C 100 C forced cooling
Time (s) Time (s)
Infrared Soldering: Temperature/Time Profile (Lead and Housing Peak Temperature)
Vapor Phase Soldering: Temperature/Time Profile (Lead and Housing Peak Temperature)
Resistance to soldering heat - Reflow profile
Temperature C
Infrared Soldering: Temperature/Time Profile (Lead and Housing Peak Temperature)
Time (s)
Page 8 (11)
108-98001 Rev. D
IM Relay
Packing
Tube for THT version - 50 relays per tube, 1000 relays per box Dimensions in mm
Tape and reel for SMT version - 1'000 relays / reel, 1'000 or 5'000 relays / box
Reel dimension
Page 9 (11)
108-98001 Rev. D
IM Relay
IM Relays
4th generation slim line - low profile polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 coil. Nominal voltage range from 1.5... 24 V, coil power consumption of 140... 200 mW, latching relays with 1 coil 100 mW. The IM relay is available as through hole and surface mount type (J-Legs and Gull Wings) and capable to switch loads up to 60 W/62,5 VA. Dielectric strength fulfills the Bellcore requirements according GR 1089 (2,5 kV - 2 / 10 s) and FCC part 68 (1,5 kV - 10 / 160 s). The IM relay is CECC/IECQ approved and certified in accordance with IEC/EN 60950 and UL1950. Dimensions approx. 10 x 6 mm board space and 5.65 mm height.
D2n Relays
2nd generation non polarized 2 c/o relay for telecom and various other applications. Nominal voltage range from 3 ... 48 V, coil power consumption from 150 .... 500 mW. The D2n relay is capable to switch currents up to 3 A. Dielectric strength fulfills the requirements according FCC part 68 (1,5 kV - 10 / 160 s). Dimensions approx. 20 x10 mm board space and 11,5 mm height.
P1 Relays
P2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 or 2 coils. Nominal voltage range from 3 ... 24 V, coil power consumption 140 mW, latching relays with 1 coil 70 mW. The P2 Relay is available as through hole or surface mount type and capable to switch currents up to 5 A. Dielectric strength fulfills the Bellcore requirements according GR 1089 (2,5 kV - 2 / 10 s) and FCC part 68 (1,5 kV - 10 / 160 s). Dimensions approx. 15 x 7,5 mm board space and 10 mm height.
Extremely sensitive, polarized 1 c/o relay with bifurcated contacts for a wide range of applications, available as non latching or latching relay with 1 or 2 coils. Nominal voltage range from 3 ... 24 V, coil power consumption 65 mW, latching relays with 1 coil 30 mW. The P1 relay is available as through hole or surface mount type and capable to switch currents up to 1 A. Dielectric strength fulfills the requirements according FCC part 68 (1,5 kV - 10 / 160 s). Dimensions approx. 13 x 7,6 mm board space and 7 mm height for THT or 8 mm height for SMT version.
W11 Relays
FX Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 coil. Nominal voltage range from 3 ... 48 V, coil power consumption of 80 ... 260 mW for the high sensitive version, 140... 300 mW for the standard version, latching relays with 1 coil 100 mW. The FX2 relay is available as through hole type and capable to switch loads up to 60 W/62,5 VA. Dielectric strength fulfills the Bellcore requirements according GR 1089 (2,5 kV - 2 / 10 s) and FCC part 68 (1,5 kV - 10 / 160 s). The FX2 is CECC/ IECQ approved and certified in accordance with IEC/EN 60950 and UL1950. Dimensions approx. 15 x 7,5 mm board space and 10,7 mm height.
Low cost, non polarized 1 c/o relay for various applications. Nominal voltage range from 3 ... 24 V, coil power consumption 450 mW, sensitive versions 200 mW. The W11 relay is capable to switch currents up to 3 A. Dielectric strength 1000 Vrms. Dimensions approx. 15,6 x 10,6 mm board space and 11,5 mm height.
Reed Relays
FT2 / FU2 Relays
High sensitive, non polarized relay for telecom and various other applications, available with 1 n/o, 2 n/o or 1c/o contacts. Nominal voltage range from 5 ... 24 V, coil power consumption 50...280 mW for 1 n/o and 125 ... 280 mW for 2 n/o or 1 c/o versions. Reedrelays are available in DIP or SIL housing and capable to switch currents up to 0,5 A. Integrated diode and/or electrostatic shield optional. Dielectric strength 1500 Vdc. Dimensions approx. 19,3 x 7 mm board space and 5 ... 7,5 mm height for DIP or 19,8 x 5 mm board space and 7,8 mm height for SIL version.
3rd generation non polarized, non latching 2 c/o telecom relay with bifurcated contacts. Nominal voltage range from 3 ... 48 V, coil power consumption 200 ... 300 mW. Most sensitive 48 V relay. Available as through hole and surface mount type. Dielectric strength fulfills the Bellcore requirements according GR 1089 (2,5 kV - 2 / 10 s) and FCC part 68 (1,5 kV - 10 / 160 s). The FT2/FU2 is CECC/IECQ approved and certified in accordance with IEC/EN 60950 and UL1950. Dimensions approx. 15 x 7,5 mm board space and 10 mm height.
Cradle Relays
FP2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 or 2 coils. Nominal voltage range from 3 ... 48 V, coil power consumption of 80 ... 260 mW for the high sensitive version, 140... 300 mW for the standard version, latching relays with 1 coil 100 mW.. The FP2 Relay is available as through hole type and capable to switch loads up to 30 W/62,5 VA. Dielectric strength fulfills FCC part 68 (1,5 kV - 10 / 160 s). The FP2 is CECC/IECQ approved. Dimensions approx. 14 x 9 mm board space and 5 mm height.
Extremely reliable and mature relay family of 1st generation for various signal switching applications. Available as non polarized, polarized / latching and relay with AC coil. The benefit is the possibility of combining various contact sets from 1 up to 6 poles, single and bifurcated contacts, different contact materials with a coil voltage range from 1,5 Vdc to 220 Vac. Cradle relays are available as dust protected and hermetically sealed versions, with plug in or solder terminals and are capable to switch currents up to 5 A. Forcibly guided (linked) contact sets optional. Dielectric strength 500 Vrms. Dimensions from approx. 19 x 24 to 19x35 mm board space and 30 mm height.
Other Relays
MT2 / MT4
We offer a variety of different relay families for maintenance and replacement purposes. These relays are up to 60 years old now, such as Card Relay SN (V23030 / V23031 series), Small General Purpose Relay (V23006 series), Small Polarized Relay (V23063 ... V23067 and V23163 ... V23167 series). Accessories like sockets, hold down springs, etc. optional.
2nd generation non polarized, non latching 2 c/o and 4 c/o telecom and signal relay with bifurcated contacts. Nominal voltage range from 4.5 ... 48 V, coil power consumption 150/200/300/400 and 550 mW, and 300 mW (MT4). Dielectric strength fulfills the requirements according FCC part 68 (1,5 kV - 10 / 160 s) for both and the Bellcore requirements according GR 1089 (2,5 kV - 2 / 10 s) the MT4 only. Dimensions MT2 approx. 20 x 10 mm board space and 11 mm height, MT4 approx. 20 x15 mm board space and 11 mm height.
HF3 Relay
High performance low cost RF relay with excellent RF characteristics. Available with an impedance of 50 and 75 Ohm. Suitable for frequencies up to 3 GHz. Actually smallest RF relay available combining small size, excellent RF performance and SMD solderability. Available as non latching or latching relay with 1 or 2 coils and a nominal coil voltage range from 3 ... 24 V, coil power consumption 140 mW, latching relays with 1 coil 70 mW. Dimensions 14.6 x 7.3 x 10 mm.
Page 10 (11)
108-98001 Rev. D
Tyco Electronics AXICOM Ltd. Seestrasse 295 - P.O. Box 220 CH-8804 Au-Wadenswil / Switzerland Phone +41 1 782 9111 Fax +41 1 782 9080 E-mail: axicom@tycoelectronics.com
Tyco Electronics Paulsternstrasse 26 D-13629 Berlin / Germany Phone +49 30 386 38573 Fax +49 30 386 38575 E-mail: axicom@tycoelectronics.com
Tyco Electronics EC Trutnov s.r.o. Komenskeho 821 CZ-541 01 Trutnov / Czech Republic E-mail: axicom@tycoelectronics.com
Tyco Electronics Corporation POB 3608, Harrisburg, PA 17105, USA Phone +1 800-522-6752
Page 11 (11)
108-98001 Rev. D


▲Up To Search▲   

 
Price & Availability of IM43GR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X