Part Number Hot Search : 
IDT72V PN29387 PJ2PJS LH28F320 SC2446 12022 HT113SA SC244308
Product Description
Full Text Search
 

To Download HRS2-SDC24V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HRS2(H) Relay
1.COIL DATA
1-1.Nominal Voltage 1-2.Coil Resistance 1-3.Operate Voltage 1-4.Release Voltage 1-5.Nominal Power Consumption 3 VDC to 24 VDC Refer to Table 1 Refer to Table 1 Refer to Table 1 150 to 360 mW
2.CONTACT DATA
2-1.Contact Arrangement 2-2.Contact Material 2-3.Contact Rating 2-4.Max. Switching Voltage 2-5.Max. Switching Current 2-6.Max. Switching Power 2-7.Contact Resistance ( Initial ) Electrical 2-8.Life Expectancy Mechanical 2 Form C AuAg 1A 24 VDC / 120VAC 60 VDC / 120 VAC 2A 60 VA , 24W 100 m. at 6 VDC 1A 100,000 operations at nominal load 10,000,000 operations
3.GENERAL DATA
3-1.Insulation Resistance 3-2.Dielectric Strength 3-3.Surge Strength 3-4.Operate Time 3-5.Release Time 3-6.Temperature Range 3-7.Shock Resistance 3-8.Vibration Resistance 3-9.Weight 3-10.Safety Standard Min.100M at 500 VDC 1,000VAC , 1min between open contact 1,500VAC , 1min between contact and coil 2,000 VAC ( 20 s ) Max. 6ms Max. 4ms -30 to +60 15G 10 - 55 Hz , Amplitude 1.5mm 5 gr. UL NO. E164730 CSA NO. LR109368
4.DIMENSIONS ( in mm )
5.ORDERING CODE
HRS2 HS DC 3V | | NOMINAL VOLTAGE: | |_____ | DC3V , DC5V , DC6V , DC9V , DC12V , DC24V | | | | _________ |____ | ENCLOSURE | S ---- WASHABLE | | | | |_____ ________ _________ COIL | NIL ---- STANDARD TYPE | H ------- HIGH SENSITIVE TYPE ( 150 mW , 200 mW ) |_____ ________ _________ _________ TYPE
6.COIL DATA CHART
ORDERING CODE HRS2-S DC3V HRS2-S DC5V HRS2-S DC6V HRS2-S DC9V HRS2-S DC12V HRS2-S DC24V HRS2H-S DC3V HRS2H-S DC5V HRS2H-S DC6V HRS2H-S DC9V HRS2H-S DC12V HRS2H-S DC24V COIL NOMINAL VDC 3 5 6 9 12 24 3 5 6 9 12 24 COIL RESISTANCE OPERATE VOLTAGE VDC 2.25 3.75 4.50 6.75 9.00 18.00 2.25 3.75 4.50 6.75 9.00 18.00 RELEASE VOLTAGE VDC 0.30 0.50 0.60 0.90 1.20 2.40 0.30 0.50 0.60 0.90 1.20 2.40 200 360 COIL NOMINAL mW
+/- 10%
25 70 100 220 400 1600 45 120 180 400 700 2800
Table 1
7.HRS2(H) CHARACTERISTIC DATA


▲Up To Search▲   

 
Price & Availability of HRS2-SDC24V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X