Part Number Hot Search : 
54EDX EDGAC0 ZXMS600 RN1971FE M62370GP 8905D0 6061A SF55PT
Product Description
Full Text Search
 

To Download HMC557 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC557
v01.1007
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Typical Applications
The HMC557 is ideal for: * WiMAX & Fixed Wireless
Features
High LO/RF Isolation: 48 dB Wide IF Bandwidth: DC - 3 GHz Passive Double Balanced Topology Low Conversion Loss: 7 dB Small Size: 1.02 x 0.94 x 0.1 mm
3
MIXERS - CHIP
* Microwave Radio * Military & Space * Communications, Radar & EW * Test Equipment & Sensors
Functional Diagram
General Description
The HMC557 is a passive double balanced mixer that can be used as an upconverter or downconverter between 2.5 and 7 GHz. The miniature monolithic mixer is fabricated in a GaAs MESFET process, and requires no external components or matching circuitry. The HMC557 operates with LO drive levels as low as +9 dBm and provides excellent LO to RF and LO to IF isolation due to optimized balun structures. Measurements were made with the chip mounted into in a 50 ohm test fixture and includes the parasitic effects of wire bond assembly. Connections were made with a 1 mil wire bond with minimal length (<12 mil).
Electrical Specifi cations, TA = +25 C, IF= 100 MHz, LO= +15 dBm*
Parameter Frequency Range, RF & LO Frequency Range, IF Conversion Loss Noise Figure (SSB) LO to RF Isolation LO to IF Isolation RF to IF Isolation IP3 (Input) IP2 (Input) 1 dB Gain Compression (Input) 40 25 10 Min. Typ. 2.5 - 5.0 DC - 3 7 7 48 30 18 17 50 10 9.5 9.5 35 22 18 Max. Min. Typ. 5.0 - 7.0 DC - 3 8 8 45 28 24 22 50 12 10.5 10.5 Max. Units GHz GHz dB dB dB dB dB dBm dBm dBm
*Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.
3 - 70
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC557
v01.1007
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Conversion Gain vs. Temperature @ LO = +15 dBm
0
Isolation @ LO = +15 dBm
0 -10
RF/IF LO/RF LO/IF
CONVERSION GAIN (dB)
-5 ISOLATION (dB) -20 -30 -40 -50 -60 2 3 4 5 6 7 8 9 2 3 4 5
3
MIXERS - CHIP
3 - 71
-10
-15
+25C +85C -55C
-20 FREQUENCY (GHz)
6
7
8
9
FREQUENCY (GHz)
Conversion Gain vs. LO Drive
0
Return Loss @ LO = +15 dBm
0
CONVERSION GAIN (dB)
-5 RETURN LOSS (dB) -5
-10
-10
-15
-15
+9 dBm +12 dBm +15 dBm +18 dBm
-20
RF LO
-20 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
-25 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
IF Bandwidth @ LO = +15 dBm
0 -5
Upconverter Performance Conversion Gain vs. LO Drive
0
CONVERSION GAIN (dB)
RESPONSE (dB)
-10 -15 -20 -25 -30 -35 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
IF Return Loss Conversion Gain
-5
-10
-15
+9 dBm +12 dBm +15 dBm +18 dBm
-20 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC557
v01.1007
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Input IP3 vs. Temperature @ LO = +15 dBm *
30 25 20 IP3 (dBm) 15 10 5 0 2 3 4 5 6 7 8 9 2 3 4 5 6 7 8 9 FREQUENCY (GHz) FREQUENCY (GHz)
+25C +85C -40C
Input IP3 vs. LO Drive *
30 25
IP3 (dBm)
3
MIXERS - CHIP
20 15 10 5 0
+9 dBm +12 dBm +15 dBm +17 dBm
Input IP2 vs. LO Drive *
70 60 50 IP2 (dBm) 40 30 20 10 0 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
+9 dBm +12 dBm +15 dBm +17 dBm
Input IP2 vs. Temperature @ LO = +15 dBm *
70 60 50 IP2 (dBm) 40 30 20 10 0 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
+25C +85C -40C
Input P1dB vs. Temperature @ LO = +15 dBm
16
MxN Spurious Outputs
nLO mRF 0 xx 14 76 94 94 1 -6 0 53 95 94 2 24 37 71 86 97 3 26 35 52 73 100 4 41 71 77 97 102
14 P1dB (dBm)
0 1 2
12
10
+25C +85C -55C
3 4
8
RF = 5.1 GHz @ -10 dBm LO = 5 GHz @ +15 dBm All values in dBc below the IF output power level.
7 8
6 2 3 4 5 6 FREQUENCY (GHz)
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
3 - 72
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC557
v01.1007
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Absolute Maximum Ratings
RF / IF Input LO Drive Channel Temperature Continuous Pdiss (T = 85 C) (derate 7.6 mW/C above 85 C) Thermal Resistance (channel to die bottom) Storage Temperature Operating Temperature +25 dBm +25 dBm 150 C 492 mW 132 C/W -65 to +150 C -55 to +85 C
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
3
MIXERS - CHIP
NOTES: 1. ALL DIMENSIONS ARE IN INCHES [MM]. 2. DIE THICKNESS IS .004". 3. TYPICAL BOND PAD IS .004" SQUARE. 4. BOND PAD SPACING CENTER TO CENTER IS .006". 5. BACKSIDE METALLIZATION: GOLD. 6. BOND PAD METALLIZATION: GOLD. 7. BACKSIDE METAL IS GROUND. 8. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS. 9. THIS DIE IS DESIGNED FOR PICK-UP WITH VACUUM (EDGE) COLLET TOOLS. TO PRECLUDE THE RISK OF PERMANENT DAMAGE, NO CONTACT TO THE DIE SURFACE IS ALLOWED WITHIN THIS RECTANGULAR AREA.
Outline Drawing
Die Packaging Information
Standard WP-7
[1]
Alternate [2]
[1] Refer to the "Packaging Information" section for die packaging dimensions. [2] For alternate packaging information contact Hittite Microwave Corporation.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
3 - 73
HMC557
v01.1007
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Pad Descriptions
Pad Number Function Description Interface Schematic
3
MIXERS - CHIP
1
LO
This pin is DC coupled and matched to 50 Ohms.
2
RF
This pin is DC coupled and matched to 50 Ohms.
3
IF
This pad is DC coupled. For applications not requiring operation to DC, this port should be DC blocked externally using a series capacitor whose value has been chosen to pass the necessary IF frequency range. For operation to DC, this pin must not source or sink more than 2 mA of current or part non-function and possible part failure will result.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
Assembly Drawing
3 - 74
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC557
v01.1007
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with conductive epoxy (see HMC general Handling, Mounting, Bonding Note). 50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film substrates are recommended for bringing RF to and from the chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstrip substrates should be brought as close to the die as possible in order to minimize ribbon bond length. Typical die-to-substrate spacing is 0.076mm (3 mils). Gold ribbon of 0.075 mm (3 mil) width and minimal length <0.31 mm (<12 mils) is recommended to minimize inductance on RF, LO & IF ports.
0.102mm (0.004") Thick GaAs MMIC
3 mil Ribbon Bond 0.076mm (0.003")
3
MIXERS - CHIP
3 - 75
RF Ground Plane
0.127mm (0.005") Thick Alumina Thin Film Substrate Figure 1.
Handling Precautions
Follow these precautions to avoid permanent damage. Storage: All bare die are placed in either Waffle or Gel based ESD protective containers, and then sealed in an ESD protective bag for shipment. Once the sealed ESD protective bag has been opened, all die should be stored in a dry nitrogen environment. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against ESD strikes. Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
0.102mm (0.004") Thick GaAs MMIC
3 mil Ribbon Bond 0.076mm (0.003")
RF Ground Plane
0.150mm (0.005") Thick Moly Tab 0.254mm (0.010") Thick Alumina Thin Film Substrate Figure 2.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat.
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 C and a tool temperature of 265 C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 C. DO NOT expose the chip to a temperature greater than 320 C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire is recommended. Thermosonic wirebonding with a nominal stage temperature of 150 C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31 mm (12 mils).
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC557

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X