Part Number Hot Search : 
IS43R SAA71 30WQ10F HC705 57745B SDR956Z LM158N BZX84
Product Description
Full Text Search
 

To Download HBS4GFB4SP055C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K HB Series Single Pole Standard Precision Snap-acting Switches
Features/Benefits * Low differential travel, high repeatability * Long life--150,000 cycles typical * Single and double pole circuitry * Sealed actuator and case Typical Applications * Thermostats * Motors * Industrial controls
Models Available
Specifications
CONTACT RATING: From low level* to 20 AMPS @ 480 V AC; see ELECTRICAL RATING option section for complete listings. ELECTRICAL LIFE: 150,000 cycles at 20 AMPS @ 250 V AC. consult Customer Service Center for typical life at other ratings. INSULATION RESISTANCE: 1,000 M ohm min. DIELECTRIC STRENGTH: 1,500 Vrms min. @ sea level. OPERATING TEMPERATURE: -67F to 302F (-55C to 150C). OPERATING FORCE: From 4 oz. to 26 oz. max. at actuator button available. MOUNTING SCREWS: Torque 3 in/lbs max. (Note: Exceeding 3 in/lbs torque may change operating characteristics and increase the possibility of cracking switch case). TERMINAL SCREWS: Torque 4 in/lbs max. PANEL MOUNTING BUSHING: Torque 4-6 in/lbs max. DEGREE OF PROTECTION: IP65; Dust-proof, water splash and dew condensation.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max.
Materials
SWITCH HOUSING: Heat resistant/electrical grade phenolic. INSERTS: Brass alloy. ACTUATOR BUTTON: Moisture resistant phenolic. SPRING: Copper alloy. PIVOT: Brass alloy. MOVABLE CONTACTS: Gold alloy for ratings 1 AMP or less. Fine silver for ratings greater than 1 AMP and motor load ratings less than 1/2 HP @ 125 V AC. Precious metal alloy for motor load ratings 1/2 HP @ 125 V AC or greater. STATIONARY CONTACTS: Gold alloy for ratings 1 AMP or less. Fine silver welded to copper base for ratings greater than 1 AMP and motor load ratings less than 1/2 HP @ 125 V AC. Precious metal alloy on copper base for motor load ratings 1/2 HP @ 125 V AC or greater. TERMINALS: Brass alloy, bright tin plated.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
K Snap-acting
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages K-38 thru K-43. For additional options not shown in catalog, consult Customer Service Center.
HB Series HB Precision Snap-acting Switches Function S SP S S C
Contact Separation 2 .020" 1 .010" 4 .040" 7 .070" Electrical Rating B4 20 A, 125, 250, 480 V AC; 0.25 A, 250 V DC; 0.5 A, 125 V DC A2 5 A, 125, 250 V AC B6 20 A, 125, 250, 480 V AC; 0.25 A, 250 V DC; 0.5 A, 125 V DC; 3/4 HP, 125 V AC; 1 1/2 HP, 25O V AC F5 1 A,125 V AC; 1 A, 3O V DC F9 22 A, 125, 277 V AC; 15 A, 480 V AC; 1/4 HP, 125 V AC; 1/2 HP, 250 V AC X3 20 A, 125, 250, 480 V AC; 0.25 A, 250 V DC; 0.5 A, 125 V DC; 15(10) A, 380 V~ 185 ++ (VDE) +
Operating Force KG 18 oz./510 grams GF 4 oz./113 grams KA 9 oz./255 grams KC 13 oz./368 grams KH 20 oz./567 grams PB 26 oz./737 grams
Mounting Style S Standard
Circuitry C SPDT
Actuator P0 Pin plunger A0 Lever roller D0 Stub plunger F0 Reverse acting lever roller J0 High overtravel plunger R5 Perpendicular roller plunger T0 Lever TS Sealed Lever Y0 Reverse acting lever
Terminations 11 Flat base, solder, 4-40 screws 41 Flat base, .250" quick connect 55 Step base, cup washers, 6-32 screws
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-37
www.ittcannon.com
C&K HB Series Single Pole Standard Precision Snap-acting Switches
Sealed Actuator and Case To provide reliable service under environmental conditions that might damage standard precision switches, various HB Series switch models are sealed against the entrance of airborne contaminants and/or splashing liquids. The clearance between the operating plunger and the cover is sealed with a silicone boot and the base cover joint is sealed with an epoxy adhesive. These models are designed to meet requirements of IP65 (dust proof, water splash and dew condensation). For additional information on sealed switches, consult our Customer Service Center.
SERIES
HB
PRECISION SNAP-ACTING SWITCHES
FUNCTION
S
SINGLE POLE SWITCH
K Snap-acting
OPER. POS. .625 .015 (15,88 0,38)
Single Pole
NOTE: To select switching function, see CIRCUITRY section, page K-42.
CONTACT SEPARATION
OPTION CODE NOMINAL CONTACT SEPARATION (in./mm) .020 (0,51) .010 (0,25) .040 (1,02) .070 (1,78) Switches with 1 AMP rating (option code `F5') are available only with .020 contact separation (option `2'). Switches with 1/2 HP, 125 V AC rating or greater (option codes `B5 and B6') are not available with .010 contact separation (option code `1'). .0004 .0002 CONTACT SEPARATION 0 1 2 4 7 .0015 .001 .002 DIFFERENTIAL TRAVEL SPECIFICATION LIMITS FOR VARIOUS CONTACT SEPARATIONS INCH .003 .004 .005
2 1 4 7
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-38
www.ittcannon.com
C&K HB Series Single Pole Standard Precision Snap-acting Switches
OPERATING FORCE
OPTION CODE MAXIMUM OPERATING FORCE (OZ./GRAMS) 18 510 4 115 9 255 13 370 20 570 26 740 STANDARD CONTACT SEPARATION (inch) .020 .010 .010 .040 .020 .040 .070 .070 STANDARD RANGE MAXIMUM LIMITS AVAILABLE CONTACT SEPARATION .010 .020 OPERATING FORCE SPECIFICATION LIMITS FOR VARIOUS CONTACT SEPARATIONS OUNCES 4 7 9 13 14 18 20 26 30
KG GF KA KC KH PB
NOTE: All listed differential travel characteristics are based on standard operating force andcontact separation. For any other force or contact separation, consult Customer Service Center. Operating force varies with actuator option, see ACTUATOR option section.
ELECTRICAL RATING
OPTION CODE RoHS COMPLIANT* Yes Yes Yes Yes Yes Yes RoHS COMPATIBLE* Yes Fine silver. Yes Yes Yes Yes Yes Precious metal alloy. Gold alloy. Fine silver. Fine silver. Precious metal alloy. Gold alloy. Fine silver welded to copper base. Fine silver welded to copper base. MOVABLE CONTACT STATIONARY CONTACT ELECTRICAL RATING 20 AMPS @ 125, 250 & 480 V AC; 0.25 AMPS @ 250 V DC; 0.5 AMPS @ 125 V DC (UL/CSA). 5 AMPS @ 125 & 250 V AC (UL/CSA). 20 AMPS @ 125, 250 & 480 V AC; 0.25 AMP @ 250 V DC; 0.5 AMP @ 125 V DC; 3/4 HP @ 125 V AC; 1 1/2 HP @ 250 V AC (UL/CSA). Low level* to 1 AMP @ 125 V AC; 1 AMP @ 30 V DC (UL/CSA). 22 AMPS @ 125 & 277 V AC; 15 AMPS @ 480 V AC; 1/4 HP @ 125 V AC; 1/2 HP @ 250 V AC; 277 V AC (UL/CSA). 20 AMPS @ 125, 250, 480 V AC; 0.25 AMP @ 250 V DC, 0.5 AMP @ 125 V DC (UL/CSA); 15 (10) AMPS @ 380 V~ T85 50E3 m (VDE).
K Snap-acting
B4 A2 B6 F5 F9 X3
Fine silver welded to copper base.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
AVAILABLE COMBINATIONS OPERATING FORCE (oz.)
EUROPEAN SYMBOLS
m ~
T_ _ 50E3
Microgap construction (less than 4 mm). Alternating current. Maximum rated use temperature. Cycles over 50,000 at rated current. First number represents resistive rating; second number represents inductive (motor) rating.
ELECTRICAL RATING A2 B4 B6 F5 F9 X3
4 GF * x x x x x
9 KA * * x x x *
13 KC * * x * x *
18 KG * * * * * *
20 KH * * * * * *
26 PB * * * * * * * AVAILABLE x NOT AVAILABLE
10(3)
All models
with all options,
also available.
Consult Customer Service center for availability and delivery of nonstandard ratings. * Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-39
www.ittcannon.com
C&K HB Series Single Pole Standard Precision Snap-acting Switches
MOUNTING STYLE
S
Standard
NOTE: Mounting holes will accept pins or screws of .139 dia. (3,53) max. on 1.000 .002 (25,4 0,05) centers.
NOTE: Torque mounting screws 3 inlbs max.
ACTUATOR
A
OPTION CODE
NO. POLES SP SP SP SP SP SP SP SP SP
FIG. 1 3 2 4 5 6 7 7 8
DIM. A .86 (21,8) .92 (23,4) .09 (2,3) .86 (21,8) .92 (23,4) .92 (23,4) 1.310 (33,27) 1.47 (37,3) .05 (1,3)
DIM. B 1.120 .060 (28,45 1,52) .844 .020 (21,44 0,51) 1.120 .050 (28,45 1,27) .860.030 (21,840,76) .625 .010 (15,88 0,25) .62 (15,7) .720 .060 (18,28 1,52) .720 .060 (18,28 1,52) .720 .030 (18,29 0,76)
DIM. C .38 dia. (9,7O) -- .38 dia. (9,7O) .64 dia. (16,3O) -- .50 dia. (12,7O) 1.03 dia. (26,2O)) 1.03 dia. (26,2O) .74 dia. (18,8O)
DIM. D 1.03 (26,2) -- .74 (18,8) 0.33 (8,40) -- 0.61 (15,5) -- -- 2.65 (6,73)
D
A
C
D
C
A0 D0 F0
B
B
K Snap-acting
J0 P0 RS T0 TS* Y0
FIG.
1
FIG. 2 Lever Roller
Lever Roller
A
B
FIG. 3 Stub Plunger
* Actuators sealed against the entrance of airborne contaminants and/or splashing liquids.
D A B? .040 A A
C
B
D
PANEL MOUNTING
C
FIG. 5 Pin Plunger
B
FIG. 4 Plunger
.50 DIA. (12,70?)
FIG. 6 Perpendicular Roller Plunger
D
C
A C A
B
B
FIG. 8 Reverse Acting Lever
FIG. 7 Lever
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-40
www.ittcannon.com
C&K HB Series Single Pole Standard Precision Snap-acting Switches
ACTUATOR
ACTUATOR OPTION CODE GF KA MAXIMUM OPERATING FORCE (OZ./GRAMS) KC KG KH PB GF KA MAXIMUM RELEASE FORCE (OZ./GRAMS) KC KG KH PB A0 -- 3 85 -- 3.5 100 4 115 4.5 130 -- .75 21 -- .75 21 .75 21 .75 21 D0 -- 9.5 269 13 370 -- 20 570 26 740 -- 4 110 4 110 -- 4 110 4 110 F0 -- 10 284 10 284 -- 20 570 20 570 -- 3 85 3 85 -- 3 85 3 85 J0 -- 10 284 13 370 -- 20 570 26 740 -- 4 110 4 110 -- 4 110 4 110 P0 4 115 9 255 13 370 18 510 20 570 26 740 1 28 4 110 4 110 4 110 4 110 4 110 R5 -- 10 284 13 370 -- 20 570 26 740 -- 4 110 4 110 -- 4 110 4 110 T0 -- 2 60 -- 2.5 71 3 85 3.5 100 -- .5 14 -- .5 14 .5 14 .5 14 Y0 -- 10 284 10 284 -- 20 570 20 570 -- 3 85 3 85 -- 3 85 3 85
* SEALED ACTUATOR TS -- 2 56 -- 2.5 71 3 85 3.5 100 -- .5 14 -- .5 14 .5 14 .5 14
K Snap-acting
NOTE: For basic switch operating forces, see page K-39. * Actuators sealed against the entrance of airborne contaminants and/or splashing liquids.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-41
www.ittcannon.com
C&K HB Series Single Pole Standard Precision Snap-acting Switches
ACTUATOR
ACTUATOR OPTION CODE GF KA MAXIMUM DIFFERENTIAL TRAVEL (IN/MM) KC KG KH PB GF KA MAXIMUM PRETRAVEL (IN/MM) KC KG KH PB A0 -- .020 (0,51) -- .062 (1,57) .080 (2,03) .125 (3,18) -- .312 (7,92) -- .312 (7,92) .38 (9,7) .38 (9,7) -- .156 (3,96) -- .156 (3,96) .156 (3,96) .156 (3,96) D0 -- .0005 (0,013) .002 (0,05) -- .003 (0,76) .007 (0,18) -- .020 (0,51) .020 (0,51) -- .025 (0,64) .030 (0,76) -- .055 (1,40) .055 (1,40) -- .055 (1,40) .055 (1,40) F0 -- .005 (0,13) .008 (0,20) -- .020 (0,51) .030 (0,76) -- 0.8 (2,0) 0.8 (2,0) -- 0.9 (2,3) 0.9 (2,3) -- .06 (1,5) 0.9 (2,3) -- 0.9 (2,3) 0.9 (2,3) J0 -- -- -- -- -- -- -- .015 (0,38) .020 (0,51) -- .025 (0,64) .030 (0,76) -- .22 (5,6) .22 (5,6) -- .22 (5,6) .22 (5,6) P0 .0005 (0,013) .0005 (0,013) .002 (0,05) .003 (0,08) .003 (0,08) .005 (0,13) .020 (0,51) .015 (0,38) .020 (0,51) .025 (0,64) .025 (0,64) .030 (0,76) .005 (0,13) .005 (0,13) .005 (0,13) .005 (0,13) .005 (0,13) .005 (0,13) R5 -- -- -- -- -- -- -- .015 (0,38) .020 (0,51) -- .025 (0,64) .030 (0,76) -- .141 (3,58) .141 (3,58) -- .141 (3,58) .141 (3,58) T0 -- .047 (1,19) -- .078 (1,98) .093 (2,36) .156 (3,96) -- .38 (9,7) -- .38 (9,7) .38 (9,7) .38 (9,7) -- .19 (4,8) -- .19 (4,8) .19 (4,8) .19 (4,8) Y0 -- .005 (0,13) .009 (0,23) -- .020 (0,51) .031 (0,79) -- .09 (2,3) .09 (2,3) -- 0.9 (2,3) 0.9 (2,3) -- .06 (1,5) 0.9 (2,3) -- 0.9 (2,3) 0.9 (2,3) * SEALED ACTUATOR TS -- .047 (1,19) -- .078 (1,98) .093 (2,36) .156 (3,96) -- .38 (9,7) -- .38 (9,7) .38 (9,7) .38 (9,7) -- .19 (4,8) -- .19 (4,8) .19 (4,8) .19 (4,8)
K Snap-acting
GF KA MINIMUM OVERTRAVEL (IN/MM) KC KG KH PB
NOTE: For basic switch operating forces, see page K-39.
* Actuators sealed against the entrance of airborne contaminants and/or splashing liquids.
TERMINATIONS
11
FLAT BASE, SOLDER TERMINALS AND 4-40 SCREWS
41
FLAT BASE, .250" QUICK CONNECT TERMINALS
NOTE: Switches with flat base option have molded ribs that provide increased creep distance. Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-42
www.ittcannon.com
C&K HB Series Single Pole Standard Precision Snap-acting Switches
TERMINATIONS
55
STEP BASE, 6-32 SCREWS AND CUP WASHERS
NOTE: Switches with step base option provide wide electrical clearance for screw terminal options.
K
CIRCUITRY
C
DT (Double Throw, Normally Closed & Normally Open)
Snap-acting
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-43
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of HBS4GFB4SP055C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X