Part Number Hot Search : 
MSM51 RF800 11012 IRF101 GNGBAM 30X30 RUK1608 2EZ11
Product Description
Full Text Search
 

To Download GZF24C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
o o o o
GALAXY ELECTRICAL
VZ :
GZF3V6C---GZF91C
3.6 -- 91 V 800 mW POWER DISSIPATION:
ZENER DIODES
FEATURES
Silicon planar power zener diodes. Low leakage current Low profile surface mount package. High temperature soldering: 260ae /10 sec.at terminals.
SOD-123FL
Cathode Band Top View
1.8 0.1
1.0 0.2
5a
2.8 0.1 0.05 0.30 0.98 0.1
MECHANICAL DATA
5
0.60 0.25
o o o o o
Case:JEDEC SOD-123FL,molded plastic Terminals: Solderable per MILSTD-202,Method 208 Polarity: Color band denotes cathods end Weight: 0.006 ounces, 0.02 grams Mounting position: any
3.7 0.2
Maximum Ratings and Thermal Characteristics
Parameter Power dissipation at TA=25ae Forward voltage @IF=200mA Maximum thermal resistance junction to ambient Junction temperature Storage temperature range
1(c)
(TA=25ae
unless otherwise noted)
Symbol (Note 1) Ptot VF RJA TJ TSTG
40m thick)
Value 800 1.2 180 -55 to +150
Unit mW V K/W ae ae
www.galaxycn.com
-55 to +150
Mounted on epoxy glass PCB with 3x3mm,Cu pads(Y
Document Number 0284036
BLGALAXY ELECTRICAL
1.
ELECTRICAL CHARACTERISTICS
Zener Voltage Range(1) VZ@IZT V Min
GZF3V6C GZF3V9C GZF4V3C GZF4V7C GZF5V1C GZF5V6C GZF6V2C GZF6V8C GZF7V5C GZF8V2C GZF9V1C GZF10C GZF11C GZF12C GZF13C GZF15C GZF16C GZF18C GZF20C GZF22C GZF24C GZF27C GZF30C GZF33C GZF36C GZF39C GZF43C GZF47C GZF51C GZF56C GZF62C GZF68C GZF75C GZF82C GZF91C 1)Pulse test:tpU5ms W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WI WK WL WM WN WO WP WR WS WT WU WW WX WY WZ X1 X2 X3 X4 X5 X6 X7 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85
Type
Device Marking Code
Test Current IZT mA
Differential Resistance rdif@IZT Typ Max
8.0 8.0 7.0 7.0 6.0 4.0 3.0 3.0 2.0 2.0 4.0 4.0 7.0 7.0 10 10 15 15 15 15 15 15 15 15 40 40 45 45 60 60 80 80 100 100 200
Temperature Coeffizient VZ@IZ %/ae Min
-0.14 -0.14 -0.12 -0.1 -0.08 -0.04 -0.01 0 0 0.03 0.03 0.05 0.05 0.05 0.05 0.05 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.08 0.09
Maximum Reverse Leakage Current IR A Max
100 50 25 10 5.0 10 5.0 10 50 10 10 7.0 4.0 3.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.0 3.0 5.0 7.5 8.2 9 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68
VR V
Max
3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 87 96 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 10 5.0
Max
-0.04 -0.04 -0.02 0 0.2 0.04 0.06 0.07 0.07 0.08 0.08 0.09 0.1 0.1 0.1 0.1 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.12 0.12 0.12 0.12 0.13 0.13 0.13 0.13 0.13
4.0 4.0 4.0 3.0 3.0 2.0 2.0 1.0 1.0 1.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 6.0 6.0 6.0 7.0 7.0 8.0 8.0 21 21 24 24 25 25 25 25 30 30 60
www.galaxycn.com
Document Number 0284036
BLGALAXY ELECTRICAL
2.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TYPICAL FORWARD CHARACTERISTIC
GZF3V6C - - - GZF91C
10
mA 3
10 2 10 IF 1 10 10
-1 TJ = 100 C TJ = 25 C
-2
10 -3 10 10
-4
-5
0
0.2
0.4
0.6 VF
0.8
1V
FIG.2 -- ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
mW
800 P tot 600
400
200
0
100
Tamb
200 C
www.galaxycn.com
Document Number 0284036
BLGALAXY ELECTRICAL
3.


▲Up To Search▲   

 
Price & Availability of GZF24C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X