Part Number Hot Search : 
SI7430D EG2210A VC7225A CAT863S LTC3880 VISHAY DMA366A2 AN694
Product Description
Full Text Search
 

To Download GBPC12005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
GBPC12005~GBPC1208
HIGH CURRENT SILICON BRIDGE RECTIFIER
GPBC
.25(6.35)
Unit: inch ( mm )
VOLTAGE - 50 to 800 Volts CURRENT - 12 Amperes
FEATURES
* Plastic material has Underwriters Laboratory Flammability Classification 94V-O * The plastic package has Underwriters Laboratory Flammability Classification 94V-O. * Surge overload ratings to 200 Amperes .
1.00(25.4) .900(22.8)
.442(11.23) .432(10.97)
METAL HEAT SINK 1.129(28.7) 1.118(28.4) .658(16.7) .618(15.7)
MECHANICAL DATA
Case:Molded plastic with heatsink integrally mounthed in the bringe encapsulation. Mounting position: Any Weight: 1 ounce, 30 grams Therminals: Plated . 25" FASTON
All Models are Available on B( Height)=7.62mm Max. Epoxy Case
~
.728(18.5) .689(17.5)
+
-
~
EPOXY CASE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%. GBPC 12005 Maximum Recurrent Peak Reverse Voltage Maximum RMS Input Voltage Maximum DC Blocking Voltage DC Output Voltage, Resistive load DC Output Voltage, Capacitive load Maximum Average Forward Current For Resistive Load at TC=55C Non-repetitive Peak Forward Surge Current at Rated Load Maximum Forward Voltage per Bridge Element at 6.0A Specified Current Maximum Reverse Leakage Current at Rated @ TA=25C Dc Blocking Voltage @ T A=100C I2t Rating for fusing ( t<8.35ms) Typical Thermal Resistance per leg (Fig 3) RJC Operating Temperature Range, TJ Storage Temperature Range, TA 50 35 50 30 50 GBPC 1201 100 70 100 62 100 GBPC 1202 200 140 200 124 200 12 200 1.2 10.0 1000 374 / 664 2.0 -55 to +150 -55 to +150 A2S C / W C C GBPC 1204 400 280 400 250 400 GBPC 1206 600 420 600 380 600 GBPC 1208 800 560 800 505 800
UNIT V V V V V A A V A
DATE : JAN.23.2003
PAGE . 1
RATING AND CHARACTERISTIC CURVES
1000
42
INSTANTANEOUS FORWARD CURRENT, AMPERES
36
100
AVERAGE FORWARD CURRENT AMPERES
30
10
24
18
1.0
12
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0 25 60 80 100 120
O
140
160
Fig. 2- TYPICAL INSTANTANEOUS FORWARDCHARACTERISITCS AT T J =25 C
O
CASE TEMPERATURE C
Fig. 1- OUTPUT CURRENT VS.CASE TEMPERATURE RESISTIVE OR INDUCTIVE LOAD T J =150 C
O
42
AVERAGE POWER DISSIPATION OF BRIDGE, WATTS
100 80 70
50 40 30 20
AVERAGE OUTPUT CURRENT ,AMPERES
36
30
24
10 8 6 4
18
12
6 0 25 60 80 100 120
O
5
10
15
20
25
30
35
140
160
180
AVERGE OUTPUT CURRENT,AMPERES
AMBIENT TEMPERATURE, T A C
Fig. 3- OUTPUT CURRENT VS. AMBIENT TEMPERATURE RESISTIVE OR INDUCTIVE LOAD BRIDGE MOUNTED ON A 8" x 8" ALUMINUM PLATE 25"THICK
Fig. 4- POWER DISSIPATION VS.AVERAGE OUTPUT CURRENT RESISTIVE OR INDUCTIVE LOAD TJ=150 OC
DATE : JAN.23.2003
PAGE . 2


▲Up To Search▲   

 
Price & Availability of GBPC12005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X