Part Number Hot Search : 
3NM60N NJM4151M NB6HQ14M NMR106C 0T120 ADG3245 P75N0 3386U103
Product Description
Full Text Search
 

To Download GBP210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBP2005 thru GBP210
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating - 60 amperes peak Ideal for printed circuit board Plastic material has underwriters laboratory
REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 2.0 Amperes GBP
.110X45 (2.8) .580(14.75) .561(14.25) .150(3.8) .126(3.2) .417(10.60) .410(10.20) .043(1.1) .028(0.7) .106(2.7) .091(2.3) .610(15.5) .571(14.5) .160(4.06) .140(3.56) .024(0.6) .012(0.3)
flammability classification 94V-0
Mounting position: Any
.056(1.42) .046(1.17) .034(.86) .030(.76)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 2.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Maximum Reverse Current at Rated DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range TA=100 @ TA=50
SYMBOL VRRM VRMS VDC I(AV)
GBP 2005 50 30 50
GBP 201 100 70 100
GBP 202 200 140 200
GBP 204 400 280 400 2.0
GBP 206 600 420 600
GBP 208 800 560 800
GBP 210 1000 700 1000
UNIT V V V A
IFSM
60
A
VF IR IR TJ TSTG
1.1 10.0 1.0 -55 to +150 -55 to +150
V uA mA
~ 291 ~
RATING AND CHARACTERTIC CURVES GBP2005 thru GBP210
FIG.2-MAXIMUM NON-REPETITIVE SUNRGE CURRENT 60
CASE AMBIENT
FIG.1-FORWARD CURRENT DERATING CURVE 2.0 AVERAGE FORWARD CURRENT AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
50 40 30 20 10 0 0 2 5 10 20 50 100 NUMBER OF CYCLETS AT 60Hz
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
1.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0.00
0.1 0
20
40
60
80
100
120
140
TEMPERATURE, C
FIG.3-TYPICAL JUNCTION CAPACITANCE 100 10 INSTANTANEOUS FORWARD CURRENT, (A)
FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE,(pF)
1.0
10
TJ = 25C
0.1
PULSE WIDTH 300us
TJ=25,f=1MHZ
1.0 0.1 1.0 4.0 10.0 100 REVERSE VOLTAGE,(VOLTS)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANCEOUS REVERSE CURRENT, u A)
TJ=150
100
TJ=125
10
TJ=100
1.0
0.1
TJ=25
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 292 ~


▲Up To Search▲   

 
Price & Availability of GBP210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X