Part Number Hot Search : 
C4934 AC1050 ALVCB NTE70 BZV55B62 CWD4890E P4SMAJ18 NTE70
Product Description
Full Text Search
 

To Download FST62100L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
FST6210L THRU FST62100L
SCHOTTKY DIODES MODULE TYPE 60A
Features
High Surge Capability
Types Up to 100V VRRM
60Amp Rectifier 10-100 Volts MINI MOD D61-2L
Maximum Ratings
Operating Temperature: -40 C to +125 Storage Temperature: -40 C to +125 Part Number Maximum Recurrent Peak Reverse Voltage 10V 15V 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 10V 15V 20V 30V 35V 40V 45V 60V 80V 100V
F A
P
1 2 3
E
M N B
Maximum RMS Voltage 7V 10V 14V 21V 25V 28V 32V 42V 56V 70V
FST6210L FST6215L FST6220L FST6230L FST6235L FST6240L FST6245L FST6260L FST6280L FST62100L
1
2
3
G J D
K
C
H
L
DIMENSIONS INCHES MIN MAX 1/4 1.195 1.180 .400 NOM .027 .037 .088 .098 .350 .370 1.510 1.490 .715 .695 .124 .104 .240 .260 .115 .135 .230 .250 .065 .085 .151 .161 .015 .025 MM MIN 29.97 10.16 0.69 2.24 8.89 37.85 17.65 2.64 6.10 2.92 5.84 1.65
3.84 0.38
Electrical Characteristics @ 25
Average Forward (Per pkg) Current Peak Forward Surge (Per leg) Current (Per leg) Maximum Instantaneous NOTE (1) Forward Voltage NOTE (1) Maximum Instantaneous Reverse Current At Rated DC Blocking Voltage (Per leg) IF(AV) IFSM VF
Unless Otherwise Specified
60A 600A
0.55V 0.75V 0.84V
TC =105
8.3ms , half sine
(FST6210L~FST6245L) (FST6260L) (FST6280L~FST62100L) IFM = 30 A; T j = 25
IR
3.0 mA 500 mA
TJ = 25 TJ = 125
DIM A B C D E F G H J K L M N P
MAX 30.35 NOM 0.94 2.49 9.40 38.35 18.16 3.15 6.60 3.43 6.35 2.16
4.09 0.64
NOTE
2PL
Maximum Thermal Resistance Junction (Per leg) To Case
R jc
1.2 C/W
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
FST6210L THRU
FST62100L
Figure .1-Typical Forward Characteristics
30
Average ForwArd Rectified Current - AmPeres
Figure .2- Forward Derating Curve
1000 600
I nStantaneous Forward Current - Amperes Amps Per leg
400 200 100 60 40 20 10 6.0 FST6280L~ FST62100L FST6260L FST6210L~ FST6245L
Per leg
Amps
T =25 J
20
10
5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 20 40 60 80 100 120
Case Te mperature -
4.0 2.0 1.0
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
1000 600 400 200
Figure .4-Typical Reverse Characteristics
Instantaneous Forward Voltage - Volts
Tj =150 C
Instantaneous Reverse Leakage Current - Mill Amperes
100 60 40 20
Tj =125 C
600
Figure .3-Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Peak Forward Surge Current -Amperes Amps Per leg
500 400 300 200 100 0 1 2 4
m Amps
10 6 4 2 1 .6 .4 .2
T =75 J
.1 .06 .04 .02 .01 0 10 20 30 40 Volts Reverse Voltage - Volts 50 60 70 80 90 100
T =25 J
6
8 10 20 Cycles
40
60 80 100
Number Of Cycles At 60Hz - Cycles


▲Up To Search▲   

 
Price & Availability of FST62100L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X