Part Number Hot Search : 
10C80 MS3106 UPC3205 CA3260E 1N6278A 9899P AC180 TT6061BS
Product Description
Full Text Search
 

To Download FL-5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
1550 nm LASER DIODES
UNCOOLED MQW-FP LASER DIODES FEATURES 1550 nm typical emission wavelength High reliability, long operation life Build-in InGaAs monitor Complies with Bellcore TA-NWT-000983
Flat Window Cap Package (FL-510X) Ball Lens Cap Package (FL-511X) Aspherical Lens Cap Package (FL-512X)
FL-5100
********************************************************************************************************************************************************
FL-5100 SERIES
*******************************************************************************************************************************************************
APPLICATION
Optical communication system
DESCRIPTION
FL-5100 series are MQW-FP laser diodes that provide a durable, single transverse mode oscillation with emission wavelength of 1550 nm. FL-5100 series are hermetically sealed devices with the build-in photodiode for output monitoring.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 C)
Symbol Ith VOP Parameter Threshold Current Operating Voltage Slope Efficiency Part No.: FL-510X FL-511X FL-512X Center Wavelength Spectral Width Beam Divergence Beam Divergence (Parallel) CW CW, Po=5mW CW, Po=5mW 0.2 0.15 0.15 1520 0.25 0.2 0.2 1550 mW/mA Test Conditions Min. Typ. 12 1.2 Max. 15 1.5 Unit mA V
c t r, t f Im ID Ct Pf
CW, Po=5mW CW, Po=5mW, RMS () CW, Po=5mW,Flat Window
1580 3
nm nm deg. deg.
20 35 0.3 100 0.1 10 0.4 1.5 0.6 15
(Perpendicular) CW, Po=5mW,Flat Window IF=Ith, Po=5mW,10~ 90% CW, Po=5mW,VRD=1V VRD=5V VRD=5V, f=1MHz CW, Ith+20mA , SM fiber
Rise And Fall Times PD Monitor Current PD Dark Current PD Capacitance Fiber Coupled Power Part No.: FL-511X FL-512X
ns A A pF mW
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 3/1/2003 V1.1
Optoway
ABSOLUTE MAXIMUM RATINGS (TC=25 C) Symbol Po VRL VRD IFD Topr Tstg Parameter Optical Output Power LD Reverse Voltage PD Reverse Voltage PD Forward Current Operating Temperature Storage Temperature Ratings 7/6* 2 15 2 -40~+85 -40~+85 Unit mW V V mA C C
FL-5100
********************************************************************************************************************************************************
Remark: * applied for ball-lens type only
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Note: Specifications subject to change without notice.
ORDER INFORMATION
Part No.: F L-
Code 0 1 2 Code 0 5 8
5
1
Code Blank S Speed 1.25 Gbps 2.5 Gbps
Cap Type Flat Window Ball Lens Aspherical Lens Pin Assignment Type A Type B Type C
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 3/1/2003 V1.1


▲Up To Search▲   

 
Price & Availability of FL-5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X