Part Number Hot Search : 
QS8J4 SAA7740 08771 SFH204 P1300ZC X941806 1200UF SMAJ45CA
Product Description
Full Text Search
 

To Download FDC60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I s o l a t e d a n d R e gulated 60 WATT Modular DC/DC Converters
Wide 2 : 1 Input Range High Efficiency Regulated Outputs 1600V Isolation Full EMI Shielding PI Input Filter
FDC60
series
Unit measures 2.76"W x 3.94"L x 0.75"H
Model Number
SINGLE OUTPUT FDC60-12S33 FDC60-24S33 FDC60-48S33 FDC60-12S05 FDC60-24S05 FDC60-48S05 FDC60-12S12 FDC60-24S12 FDC60-48S12 FDC60-12S15 FDC60-24S15 FDC60-48S15 DUAL OUTPUT FDC60-12D3305 FDC60-24D3305 FDC60-48D3305 FDC60-12D05 FDC60-24D05 FDC60-48D05 FDC60-12D12 FDC60-24D12
Output Voltage
Output Amps
Input Range
UL E193009; TUV R2054535; CB JPTUV-001393
3.3 VDC
5 VDC
12 VDC
15 VDC
15 15 15 12 12 12 5 5 5 4 4 4 6/6 6/6 6/6 +10 / -2 +10 / -2 +10 / -2 +/-2.5 +/-2.5
9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC
3.3 / 5 VDC
+/-5 VDC
+/-12 VDC
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 60 WATT Modular DC/DC Converters
INPUT SPECIFICATIONS
Input Voltage Ranges: 12 VDC Nominal 24 VDC Nominal 48 VDC Nominal Pi Type 9-18 VDC 18-36 VDC 36-72 VDC
FDC60
(Ref to - Input pin) Logic "1"/Open=ON Logic "0"/GND=OFF 1600VDC 10000 M Ohms 83%, typ 200Khz, typ
series
GENERAL SPECIFICATIONS
On/Off Control
Input Filter
OUTPUT SPECIFICATIONS
Voltage and Current See Selection Chart Load Regulation (10%-FL) singles/duals: +/-0.5% xxD3305 Models 3.3V output min load=800mA Line Regulation singles/duals: +/-0.5% Temperature Coefficient +/-0.02%/DegC Ripple/Noise 1% Pk-Pk of Vout, typ Voltage Stability +/- 2% Short Circuit Protection Continuous, self-recovering Overvoltage Protection Threshold: 3.3V Output 3.9Volts 5V Output 6.2Volts 12V Output 15Volts 15V Output 18Volts
Input-Out Isolation Isolation Resistance Efficiency Switching Frequency
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Storage Temperature Maximum Case Temp MTBF -25 to +71 DegC(see derate) -55 to +125 DegC * 100 DegC * 1.53 MHrs MIL-HDBK-217F TA=25C FL
PHYSICAL SPECIFICATIONS
Case Material Construction Weight Nickel-Coated Copper Non-Conductive Base Fully Encapsulated 9.71 oz, (272g)
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 60 WATT Modular DC/DC Converters
MECHANICAL DIMENSIONS
3.94 (100.2)
FDC60
Dual
+ Vin - Vin Ctrl Trim + Vout or 3.3 out + Vout or 3.3 out Com Com - Vout or 5 out - Vout or 5 out
series
0.05 (1.3)
Pin #
1 2 3 4 5 6 7 8 9 10
Single
+ Vin - Vin Ctrl Trim + Vout + Vout Com Com No Pin No Pin
4
0.98 (25.0) 1.00 (25.4) 1.00 (25.4)
0.39 0.39 0.39 0.39 0.39 0.39 (10.0) (10.0) (10.0) (10.0) (10.0) (10.0)
5
1.00 (25.4)
0.39 0.39 0.39 (10.0) (10.0) (10.0)
1
6 7
2.76(70.0)
2 3
Bottom View
Mounting inserts: #4-40
8 9
1.00 (25.4)
10
0.39 (10.0)
3.25 (82.6)
0.30 (7.6)
0.32 (8.0)
0.75 (19.0)
All dimensions in Inches (mm) Pin Pitch tolerance 0.014 (0.35)
OUTPUT DERATING CURVE
100 90 80 Output Power (%) 70 60 50 40 30 20 10 0 -25 0 25 50 75 100 125 Ambient Temperature C 590 LFM Airflow
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of FDC60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X