Part Number Hot Search : 
PST529H SA33AG SKM75G G4BC2 2SK2802 25V10 KA358D SC1008
Product Description
Full Text Search
 

To Download DL4763A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DL4728A THRU DL4764A
Features
* 1.0W Power Dissipation * 3.9V - 100V Nominal Zener Voltages * Standard VZ Tolerance is 5%
1W SURFACE MOUNT ZENER DIODES
MELF (DO-41)
SOLDERABLE ENDS 0.024(0.60) 0.018(0.46)
Mechanical Data
* Case : MELF(DO-41) glass * Terminals : Solderable per MIL-STD-202, method 208 * Polarity : Cathode band * Approx. Weight : 0.25 grams
0.205(5.20) 0.190(4.80) 0.105(2.70) 0.095(2.40)
Dimensions in inches and (millimeters)
Absolute Maximum Ratings (Limiting Values)
(TA=25E )
Symbols Value Pd/Vz
1 170 1.2 -65 to +200
Units
mA W K/W V E
Zener current see table "Characteristics" Power dissipation at TA=25E (Note 1) Thermal resistance - Junction to ambient air (Note 1) Forward voltage at IF=200 mA Operating & storage temperature range
Iz Pd Re JA VF TJ, TSTG
Notes : (1) Valid provided that electrodes of the case ard kept at ambient temperature. (2) Measured under thermal equilibrium and DC (IZT) test conditions. (3) The Zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
ELECTRICAL CHARACTERISTIC at (TA=25E unless other specified)
Nominal Zener V oltage (2) V Z @ I ZT V DL4728A DL4729A DL4730A DL4731A DL4732A DL4733A DL4734A DL4735A DL4736A DL4737A DL4738A DL4739A DL4740A DL4741A DL4742A DL4743A DL4744A DL4745A DL4746A DL4747A DL4748A DL4749A DL4750A DL4751A DL4752A DL4753A DL4754A DL4755A DL4756A DL4757A DL4758A DL4759A DL4760A DL4761A DL4762A DL4763A DL4764A 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 T es t C urrent I ZT m 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5 Maximum Zener Impedanc e (3) Z ZT @ I ZT Z ZK @ I ZK I ZK mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 Maximum R evers e L eakage C urrent IR A 100 100 50 10 10 10 10 10 10 10 10 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 @ VR V 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 Max S urge Maximum C urrent Zener 8.3ms C urrent I ZS mA 1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45 I ZM mA 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9.0
T ype Number
O
10 10 9.0 9.0 8.0 7.0 5.0 2.0 3.5 4.0 4.5 5.0 7.0 8.0 9.0 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350
O
400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000
RATINGS AND CHARACTERISTIC CURVES DL4728A THRU DL4764A
1.0
0.8 Pd , P OWER DISSIPAT ION ( W)
0.6
0.4
0.2
0 1 100 T A , AMBIENT TEMPERA TURE (C) Fig. 1, Power Derating Curve 200


▲Up To Search▲   

 
Price & Availability of DL4763A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X