Part Number Hot Search : 
10N65KL KA3843 C2053 RELAY CXP81124 BZX83C15 092316 GVXO41
Product Description
Full Text Search
 

To Download DCMO110250-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: DCMO110250-8
WIDE BANDWIDTH
FEATURES: Exceptional Phase Noise Performance Small Size, Surface Mount Lead Free REL-PRO(R) Technology
Phase Noise
-40 -50 -60 -70
1100 - 2500 MHz
Phase Noise (dBc/Hz)
-80 -90 -100 -110 -120 -130 -140 -150 -160 -170 100 1000
1100.6MHz/1.95V 2154.3MHz/15V
10000
100000
1000000
1767.8MHz/10V
10000000
Offset Frequency (Hz)
1352.5MHz/5V 2500.3MHz/22.92V
SPECIFICATIONS (Rev. C 08/06/07) Frequency Tuning Voltage Bias Voltage Output Power Tuning Sensitivity Output Impedance Harmonic Suppression Frequency Pulling Frequency Pushing Tuning Port Capacitance Phase Noise @ 10 kHz Operating Temperature Range Guaranteed Tuning Specifications Tuning Voltage ( V ) 0.5 5 8 12 15 18 24 28 Absolute Maximum Ratings Storage Temp. Range Bias Voltage Tuning Voltage DC Voltage Applied to RF Out -55 to +125 C +8.5 V +30 V 25 V Frequency ( MHz ) 1100 (Max) 1250 (Min) 1500 (Min) 1800 (Min) 2050 (Min) 2200 (Min) 2400 (Min) 2500 (Min) 1100 - 2500 MHz See table below. +8 VDC @ 35 mA (Max.) +4 dBm (Min.) 30 - 90 MHz/V (Typ.) 50 Ohms (Nom.) 15 dB (Typ.) 5 MHz (Typ. @ 1.75:1 VSWR) 5 MHz/V (Typ.) 50 pF (Typ.) -102 dBc/Hz (Typ.) -40 to +85 C Package # 278LF
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: DCMO110250-8
WIDE BANDWIDTH
1100 - 2500 MHz
2550 2380 2210
PERFORMANCE PLOTS
Frequency (MHz)
2040 1870 1700 1530 1360 1190 1020 850 0 5 10 15 20 25 Control Voltage (Vdc) +25C +85C -40C
10 9 8
Output Power (dBm)
7 6 5 4 3 2 1 0 0 5 10 15 20 25
Control Voltage (Vdc) +25C +85C -40C
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: DCMO110250-8
WIDE BANDWIDTH
1100 - 2500 MHz
150
PERFORMANCE PLOTS
120
Tuning Sensitivity (MHz/V)
90
60
30
0 0 5 10 15 20 25 Control Voltage (Vdc) +25C +85C -40C
0
-5
2nd Harmonic Suppression (dB)
-10
-15
-20
-25
-30
-35 0 5 10 +25C +85C 15 -40C 20 25 Control Voltage (Vdc)


▲Up To Search▲   

 
Price & Availability of DCMO110250-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X