Part Number Hot Search : 
PN7362 B8279 D96L6L 85C12 LVG32643 20800SAE 7808V AD50621
Product Description
Full Text Search
 

To Download CY25702LXCZZZT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY25702
Programmable High-Frequency Crystal Oscillator (XO)
Features
* * * * * * * * * * Programmable High-frequency Crystal Oscillator (XO) Wide operating output clock frequency range of 1-166 MHz Integrated phase-locked loop (PLL) 85 ps typical cycle-to-cycle Jitter with CLK = 133 MHz 3.3V operation Output Enable and Power-down functions Package available in 4-Pin Ceramic LCC SMD Pb-free package Industrial Temperature from -40C to 85C For SSCG functionality refer to CY25701 data sheet
Benefits
* Internal PLL to generate up to 166 MHz output * Suitable for most PC, consumer, and networking applications * Application compatibility in standard and low-power systems * CY25701 can be used as a direct replacement without any PCB modification if spread spectrum clock (SSC) is required for EMI reduction. * In-house programming of samples and prototype quantities is available using CY3672 programming kit and CY3724 socket adapters. Production quantities are available through Cypress's value-added distribution partners or by using third-party programmers from BP Microsystems, HiLo Systems, and others.
Logic Block Diagram
RFB
Pin Configuration
CY25702 4-pin Ceramic SMD
PLL
4 VDD
3 CLK
CXIN PROGRAMMABLE CONFIGURATION CXOUT OUTPUT DIVIDERS and MUX
3 CLK
OE/PD# 1
VSS 2
1 OE/PD#
4 VDD
2 VSS
Cypress Semiconductor Corporation Document #: 38-07721 Rev. *C
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised December 07, 2006
CY25702
Pin Definition
Pin 1 2 3 4 OE/PD# VSS CLK VDD Name Description Output Enable pin: Active HIGH. If OE = 1, CLK is enabled. Power Down pin: Active LOW. If PD# = 0, Power Down is enabled. Power supply ground. Clock output. 3.3V power supply.
Table 1. Programming Data Requirement Pin Function Pin Name Pin# Units Program Value Output Frequency CLK 3 MHz ENTER DATA Output Enable/Power Down OE/PD# 1 N/A ENTER DATA
Functional Description
The CY25702 is a programmable high-frequency Crystal Oscillator (XO) that uses a Cypress proprietary PLL to synthesize the frequency of the embedded input crystal. The CY25702 uses a programmable configuration memory array to synthesize output frequency. The frequency CLK output can be programmed from 1 MHz to 166 MHz. The CY25702 is available in a 4-pin ceramic SMD package with an operating temperature range of -40 to 85C.
Output Frequency, CLK Output (CLK, pin 3) The frequency at the CLK output is produced by synthesizing the embedded crystal oscillator frequency input. The range of the synthesized clock is from 1 MHz to 166 MHz. Output Enable or Power Down (OE/PD#, pin 1) Pin 1 can be programmed as either output enable (OE) or Power Down (PD#).
Absolute Maximum Rating
Supply Voltage (VDD)......................................-0.5V to +7.0V DC Input Voltage ................................... -0.5V to VDD + 0.5V Storage Temperature (Non-condensing) ...... -55C to 100C Junction Temperature .................................. -40C to 125C Data Retention @ Tj = 125C................................> 10 years Package Power Dissipation...................................... 350 mW
Programming Description
Field/Factory-Programmable CY25702 Field/Factory programming is available for samples and manufacturing by Cypress and its distributors. All requests must be submitted to the local Cypress Field Application Engineer (FAE) or sales representative. Once the request has been processed, you will receive a new part number, samples, and data sheet with the programmed values. This part number will be used for additional sample requests and production orders. Additional information on the CY25702 can be obtained from the Cypress web site at www.cypress.com.
Operating Conditions
Parameter
VDD TA TA CLOAD FCLK TPU Supply Voltage Ambient Temperature (Commercial) Ambient Temperature (Industrial) Max. Load Capacitance @ pin 3 CLK output frequency, CLOAD = 15 pF Power-up time for VDD to reach minimum specified voltage (power ramp must be monotonic)
Description
Min.
3.00 -20 -40 - 1 0.05
Typ.
3.30 - - - - -
Max.
3.60 70 85 15 166 500
Unit
V C C pF MHz ms
Document #: 38-07721 Rev. *C
Page 2 of 6
CY25702
DC Electrical Characteristics
Parameter
IOH IOL VIH VIL IIH IIL IOZ CIN[1] IVDD f/f
Description
Output High Current (pin 3) Output Low Current (pin 3) Input High Voltage (pin 1) Input Low Voltage (pin 1) Input High Current (pin 1) Input Low Current (pin 1) Output Leakage Current (pin 3) Input Capacitance (pin 1) Supply Current Initial Accuracy at Room Temp.
Condition
VOH = VDD - 0.5, VDD = 3.3V (source) VOL = 0.5, VDD = 3.3V (sink) CMOS levels, 70% of VDD CMOS levels, 30% of VDD Vin = VDD Vin = VSS Three-state output, OE = 0 Pin 1, or OE VDD = 3.3V, CLK = 1 to 166 MHz, CLOAD = 0, OE = VDD TA = 25C, 3.3V
Min.
10 10 0.7VDD - - - -10 - - -25 -25 -12 -5
Typ.
12 12 - - - - - 5 - - - - -
Max.
- - VDD 0.3VDD 10 10 10 7 50 25 25 12 5
Unit mA mA V V A A A pF mA ppm ppm ppm ppm
Freq. Stability over Temp. Range TA = -20C to 70C, 3.3V Freq. Stability over Voltage Range 3.0 to 3.6V Aging TA = 25C, First year
AC Electrical Characteristics[1]
Parameter
DC tR tF TCCJ1[2]
Description
Output Duty Cycle Output Rise Time Output Fall Time Cycle-to-Cycle Jitter CLK (Pin 3)
Condition
CLK, Measured at VDD/2 20%-80% of VDD, CL=15 pF 20%-80% of VDD, CL=15 pF CLK > 133 MHz, Measured at VDD/2 25 MHz < CLK < 133 MHz, Measured at VDD/2 CLK < 25 MHz, Measured at VDD/2
Min.
45 - - - - - - - -
Typ.
50 - - 85 215 - 150 150 -
Max.
55 2.7 2.7 200 400 500 350 350 10
Unit
% ns ns ps ps ps ns ns ms
TOE1 TOE2 TLOCK
Output Disable Time (pin1 = OE) Output Enable Time (pin1 = OE) PLL Lock Time
Time from falling edge on OE to stopped outputs (Asynchronous) Time from rising edge on OE to outputs at a valid frequency (Asynchronous) Time for CLK to reach valid frequency
Note 1. Guaranteed by characterization, not 100% tested. 2. Jitter is configuration dependent. Actual jitter is dependent on output frequencies, spread percentage, temperature, and output load. For more information, refer to the application note, "Jitter in PLL Based Systems: Causes, Effects, and Solutions" available at http://www.cypress.com/clock/appnotes.html, or contact your local Cypress Field Application Engineer.
Document #: 38-07721 Rev. *C
Page 3 of 6
CY25702
Application Circuit
Figure 1. Application Circuit Diagram
Pow er
4 VDD 0 .1 F
3 CLK
C Y25702
O E /P D # 1 VSS 2
VDD
Switching Waveforms
Figure 2. Duty Cycle Waveform Cycle Timing (DC = t1A/t1B)
t1A t1B
CLK
Figure 3. Output Rise/Fall Time Waveform
VDD CLK 0V Tr Tf Output Rise time (Tr) = (0.6 x VDD)/SR1 (or SR3) Output Fall time (Tf) = (0.6 x VDD)/SR2 (or SR4) Refer to AC Electrical Characteristics table for SR (Slew Rate) values.
Figure 4. Output Enable/Disable Timing Waveforms
VDD 0V VIL VIH
OUTPUT ENABLE
TOE2
CLK (Asynchronous) TOE1
High Impedance
Document #: 38-07721 Rev. *C
Page 4 of 6
CY25702
Ordering Information
Part Number Lead-free (Pb-free)
CY25702FLXCT[3] CY25702FLXIT[3] CY25702LXCZZZT[4] CY25702LXIZZZT[4] 4-Lead Ceramic LCC SMD -Tape and Reel 4-Lead Ceramic LCC SMD -Tape and Reel 4-Lead Ceramic LCC SMD -Tape and Reel 4-Lead Ceramic LCC SMD -Tape and Reel Commercial, -20 to 70C Industrial, -40 to 85C Commercial, -20 to 70C Industrial, -40 to 85C
Package Description
Product Flow
Actual Marking[5]
CY25702FLX*
Marketing Part Number (CY25702) F=Field Programmable
CY25702LX*
Marketing Part Number (CY25702) L = LCC
CY L X
Pin 1 mark L = LCC X = Pb free
2 *
Temp
5
7
0
2
F
C X
Pin 1 mark X = Pb free
Y *
Temp
2 z
5 z
7 z
0
2L
Y WW
YWW = Date Code (Year & WW)
Y WW
zzz = Programmable Dash Code YWW = Date Code (Year & WW)
Package Drawings and Dimensions
Figure 5. 4-Lead (5.0x3.2 mm) Ceramic LCC LZ04A
Dimensions in MM General Tolerance: 0.15MM Kyocera dwg ref KD-VA5G08 Package Weight ~ 0.12 grams
0.50
1.30 Max
SIDE VIEW
5.0 0.80 1.20
3.2
#3 #2
#4 #1
2.90
2.50
TOP VIEW
BOTTOM VIEW
001-02743-*B
All product and company names mentioned in this document are the trademarks of their respective holders.
Notes 3. "FLX" suffix is used for products programmed in field by Cypress Distributors. 4. "ZZZ" denotes the assigned product dash number. This number will be assigned by factory after the output frequency programming data is received from the customer. 5. Temp can be C (Commercial) or I (Industrial).
Document #: 38-07721 Rev. *C
Page 5 of 6
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
CY25702
Document History Page
Document Title: CY25702 Programmable High-Frequency Crystal Oscillator (XO) Document Number: 38-07721 REV.
** *A *B *C
ECN NO.
296081 333298 390406 595857
Issue Date
See ECN See ECN See ECN See ECN
Orig. of Change
RGL RGL RGL RGL New data sheet
Description of Change
Added Jitter Specifications Corrected the Ordering Information table to match the DevMaster Removed CY25702FXC and CY25702XCZZZ Complete data sheet rewrite
Document #: 38-07721 Rev. *C
Page 6 of 6


▲Up To Search▲   

 
Price & Availability of CY25702LXCZZZT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X