Part Number Hot Search : 
PC549 SSF6N40D BYW72 AM504 100000 C5V6L SZ4681 SM5852AS
Product Description
Full Text Search
 

To Download CY25701JXC-ZZZT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY25701JXC/FJXC
Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
Features
* Crystal Oscillator with Spread Spectrum Clock (SSXO) * No-Spread Spectrum (XO) Option * Wide operating output clock frequency range of 10-166 MHz * Programmable spread spectrum with nominal 31.5-kHz modulation frequency * Center spread: 0.25% to 2.0% * Down spread: -0.5% to -4.0% * No spread: 0.0% * Integrated phase-locked loop (PLL) * 85 ps typical cycle-to-cycle Jitter with SSCLK = 133MHz * 3.3V operation * Output Enable function * Package available in 4-pin Plastic JE * Pb-free package
Benefits
* Provides wide range of spread percentages for maximum electromagnetic interference (EMI) reduction, to meet regulatory agency electromagnetic compliance (EMC) requirements. Reduces development and manufacturing costs and time-to-market. * This versatile programming feature enables the users to switch between SSXO (with Spread) and XO (without Spread) functions with ease. * Internal PLL to generate up to 166-MHz output. * Suitable for most PC, consumer, and networking applications * Application compatibility in standard and low-power systems * In-house programming of samples and prototype quantities is available using the CY3672 programming kit and CY3613 (JEC package) socket adapters. Production quantities are available through Cypress' value-added distribution partners or by using third-party programmers from BP Microsystems, HiLo Systems, and others.
Logic Block Diagram
Pin Configuration
CY25701JXC/FJXC 4-pin Plastic JE
RFB
PLL with MODULATION CONTROL CXIN PROGRAMMABLE CONFIGURATION CXOUT OUTPUT DIVIDERS and MUX
1
OE
VDD 4 SSCLK 3
3 SSCLK
2
VSS
1 OE
4 VDD
2 VSS
Cypress Semiconductor Corporation Document #: 38-07684 Rev. *E
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised March 27, 2006
[+] Feedback
CY25701JXC/FJXC
Pin Definition
Pin 1 2 3 4 OE VSS SSCLK VDD Name Power supply ground. Spread spectrum clock output (with or without spread). 3.3V power supply. Description Output Enable pin: Active HIGH. If OE = 1, SSCLK is enabled.
Functional Description
The CY25701JXC/FJXC is a Spread Spectrum Crystal Oscillator (SSXO) IC used for the purpose of reducing EMI found in today's high-speed digital electronic systems. The device uses a Cypress proprietary PLL and Spread Spectrum Clock (SSC) technology to synthesize and modulate the frequency of the embedded input crystal. By frequency modulating the clock, the measured EMI at the fundamental and harmonic frequencies are greatly reduced. This reduction in radiated energy can significantly reduce the cost of complying with regulatory agency (EMC) requirements and improve time-to-market without degrading system performance. The CY25701JXC/FJXC uses a programmable configuration memory array to synthesize output frequency and spread%. The spread% is programmed to either center spread or down spread with various spread percentages. The range for center spread is from 0.25% to 2.00%. The range for down spread is from -0.5% to -4.0%. Contact the factory for smaller or larger spread% amounts if required. Refer to Table 2 for spread selection and no-spread values. The frequency modulated SSCLK output can be programmed from 10-166 MHz. The CY25701JXC/FJXC is available in a 4-pin plastic package with operating temperature range of -20 to 70C.
Programming Description
Field/Factory-Programmable CY25701JXC/FJXC Field/Factory programming is available for samples and manufacturing by Cypress and its distributors. All requests must be submitted to the local Cypress Field Application Engineer (FAE) or sales representative. Once the request has been processed, you will receive a new part number, samples, and data sheet with the programmed values. This part number will be used for additional sample requests and production orders. Additional information on the CY25701JXC/FJXC can be obtained from the Cypress web site at www.cypress.com. Output Frequency, SSCLK Output (SSCLK, pin 3) The modulated frequency at the SSCLK output is produced by synthesizing from the embedded crystal oscillator frequency input. The range of synthesized clock is from 10-166 MHz. Spread Percentage (SSCLK, pin 3) The SSCLK spread can be programmed to various spread percentage values from 0.25% to 2.0% for Center Spread and from -0.5% to -4.0% for Down Spread. Refer to Table 2 for available spread options. Enter 0.0% (No spread) for XO (Crystal Oscillator) without spread option. Frequency Modulation (SSCLK, pin 3) The frequency modulation is programmed at 31.5 kHz for all SSCLK frequencies from 10 to 166 MHz. Contact the factory if a higher-modulation frequency is required.
Table 1. Programming Data Requirement Pin Function Pin Name Pin# Units Program Value Output Frequency SSCLK 3 MHz ENTER DATA Spread Percent Code[1] SSCLK 3 % ENTER DATA Frequency Modulation SSCLK 3 kHz 31.5
Table 2. Spread Percent Selection Center Spread Down Spread Code Percentage Code Percentage
Note: 1. 0.0% or Code "Z" for XO (No-Spread) option.
A 0.25% G -0.5%
B 0.5% H -1.0%
C 0.75% J -1.5%
D 1.0% K -2.0%
E 1.5% L -3.0%
F 2.0% M -4.0%
Z 0.0% Z 0.0%
Document #: 38-07684 Rev. *E
Page 2 of 7
[+] Feedback
CY25701JXC/FJXC
Absolute Maximum Rating
Supply Voltage (VDD) .................................... -0.5V to +7.0V DC Input Voltage....................................-0.5V to VDD + 0.5V Storage Temperature (Non-condensing) .... -55C to +100C Junction Temperature ................................ -40C to +125C Data Retention @ Tj = 125C................................> 10 years Package Power Dissipation...................................... 350 mW
Operating Conditions
Parameter VDD TA CLOAD FSSCLK FMOD TPU Supply Voltage Ambient Temperature Max. Load Capacitance @ pin 3 SSCLK output frequency, CLOAD = 15 pF Spread Spectrum Modulation Frequency Power-up time for VDD to reach minimum specified voltage (power ramp must be monotonic) Description Min. 3.00 -20 - 10 30.0 0.05 Typ. 3.30 - - - 31.5 - Max. 3.60 70 15 166 33.0 500 Unit V C pF MHz kHz ms
DC Electrical Characteristics
Parameter IOH IOL VIH VIL IIH IIL IOZ CIN[2] IVDD f Description Output High Current (pin 3) Output Low Current (pin 3) Input High Voltage (pin 1) Input Low Voltage (pin 1) Input High Current (pin 1) Input Low Current (pin 1) Input Capacitance (pin 1) Supply Current Aging Condition VOH = VDD - 0.5, VDD = 3.3V (source) VOL = 0.5, VDD= 3.3V (sink) CMOS levels, 70% of VDD CMOS levels, 30% of VDD Vin = VDD Vin = VSS Pin 1, or OE VDD = 3.3V, SSCLK = 10 to 166 MHz, CLOAD = 0, OE = VDD TA = 25C, First year Min. 10 10 0.7VDD VSS - - -10 - - -5 Typ. 12 12 - - - - - 5 - - Max. - - VDD 0.3VDD 10 10 10 7 50 5 Unit mA mA V V A A A pF mA ppm
Output Leakage Current (pin 3) Three-state output, OE = 0
AC Electrical Characteristics[2]
Parameter DC tR tF TCCJ1[3] Description Output Duty Cycle Output Rise Time Output Fall Time Cycle-to-Cycle Jitter SSCLK (Pin 3) Condition SSCLK, Measured at VDD/2 20%-80% of VDD, CL = 15 pF 20%-80% of VDD, CL = 15 pF SSCLK 133 MHz, Measured at VDD/2 25 MHz SSCLK <133 MHz, Measured at VDD/2 SSCLK < 25 MHz, Measured at VDD/2 TOE1 TOE2 TLOCK Output Disable Time (pin1 = OE) Time from falling edge on OE to stopped outputs (Asynchronous) Output Enable Time (pin1 = OE) Time from rising edge on OE to outputs at a valid frequency (Asynchronous) PLL Lock Time Time for SSCLK to reach valid frequency Min. 45 - - - - - - - - Typ. 50 - - 85 215 - 150 150 - Max. 55 2.7 2.7 200 400 1% of 1/SSCK 350 350 10 Unit % ns ns ps ps s ns ns ms
Notes: 2. Guaranteed by characterization, not 100% tested. 3. Jitter is configuration dependent. Actual jitter is dependent on output frequencies, spread percentage, temperature, and output load. For more information, refer to the application note, "Jitter in PLL Based Systems: Causes, Effects, and Solutions" available at http://www.cypress.com/clock/appnotes.html, or contact your local Cypress Field Application Engineer.
Document #: 38-07684 Rev. *E
Page 3 of 7
[+] Feedback
CY25701JXC/FJXC
Application Circuit
Power
4 VDD 0.1 F
3 SSCLK
CY25701
OE 1 VSS 2
VDD
Figure 1. Application Circuit Diagram
Switching Waveforms
Duty Cycle Timing (DC = t1A/t1B)
t1A t1B
SSCLK
Figure 2. Duty Cycle Waveform Output Rise/Fall Time
VDD SSCLK 0V
Tr Tf Output Rise time (Tr) = (0.6 x VDD)/SR1 (or SR3) Output Fall time (Tf) = (0.6 x VDD)/SR2 (or SR4) Refer to AC Electrical Characteristics table for SR (Slew Rate) values.
Figure 3. Output Rise/Fall Time Waveform Output Enable/Disable Timing
OUTPUT ENABLE VDD 0V VIL VIH TOE2
SSCLK
(Asynchronous)
High Impedance
TOE1
Figure 4. Output Enable/Disable Timing Waveforms
Document #: 38-07684 Rev. *E
Page 4 of 7
[+] Feedback
CY25701JXC/FJXC
Informational Graphs [4]
172.5 171.5 170.5 169.5 168.5 167.5 166.5 165.5 164.5 163.5 162.5 161.5 160.5 159.5
0 20 40 60 80 100 120 Time (us) 140 160 180 200
Spread Spectrum Profile: Fnom=166MHz, Fmod=30kHz, Spread%= -4%
Fnominal
169.5 169 168.5 168 167.5 167 166.5 166 165.5 165 164.5 164 163.5 163 162.5
0 20
Spread Spectrum Profile: Fnom=166MHz, Fmod=30kHz, Spread%= +/-1%
Fnominal
40
60
80
100 120 Time (us)
140
160
180
200
68.5 68 67.5 67 66.5 66 65.5 65 64.5 64 63.5
0 20
Spread Spectrum Profile: Fnom=66MHz, Fmod=30kHz, Spread%= -4%
67.5 67 66.5
Fnominal
Spread Spectrum Profile: Fnom=66MHz, Fmod=30kHz, Spread%= +/-1%
66 65.5 65 64.5
40 60 80 100 120 Time (us) 140 160 180 200
Fnominal
0
20
40
60
80
100 120 Time (us)
140
160
180
200
Ordering Information
Part Number[5,6] Lead-free (Pb-free) CY25701JXC-ZZZ CY25701JXC-ZZZT CY25701FJXC CY25701FJXCT 4-Lead Plastic JE SMD 4-Lead Plastic JE SMD - Tape and Reel 4-Lead Plastic JE SMD 4-Lead Plastic JE SMD - Tape and Reel Commercial, -20 to 70C Commercial, -20 to 70C Commercial, -20 to 70C Commercial, -20 to 70C Package description Product Flow
Notes: 4. The "Informational Graphs" are meant to convey the typical performance levels. No performance specifications is implied or guaranteed. Refer to the tables on pages 4 and 5 for device specifications. 5. "ZZZ" denotes the assigned product dash number. This number will be assigned by factory after the output frequency and spread percent programming data is received from the customer. 6. "FJXC" suffix is used for products programmed in field by Cypress distributors.
Document #: 38-07684 Rev. *E
Page 5 of 7
[+] Feedback
CY25701JXC/FJXC
Package Drawings and Dimensions
4-Lead (10.2x5.6mm) JEC JE04A
10.20.3 (10.5 MAX) 4 1.00.2 (1.0)
5.0 5.60.2 (5.8 MAX)
3.6
1.00.2 (1.0) 1 1.3
2.1 2.4 2.5 (2.7 MAX)
+0.2 -0.1
4.6 0.1 0.51 0.150.1 (0.05 MIN)
5.080.1
DIMENSIONS IN MILLIMETERS REFERENCE JEDEC: N/A PKG. WEIGHT: 0.24 gms
5.08 RECOMMENDED SOLDERING PATTERN
51-85204-*A
All product and company names mentioned in this document are the trademarks of their respective holders.
Document #: 38-07684 Rev. *E
Page 6 of 7
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
[+] Feedback
CY25701JXC/FJXC
Document History Page
Document Title: CY25701JXC/FJXC Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option Document Number: 38-07684 REV. ** *A *B *C *D *E ECN NO. 224108 258974 279379 392505 414085 436961 Issue Date See ECN See ECN See ECN See ECN See ECN See ECN Orig. of Change RGL RGL RGL RGL RGL RGL New data sheet Corrected the product suffix (lead-free) in the ordering information table Added note 4 Added ordering part numbers Added 4pin LCC SMD package Added Spread OFF (XO) programming function Edited CY3724 socket adapter Changed the Marketing part number from CY25701 to CY25701JXC/FJXC Removed all Ceramic Package references Description of Change
Document #: 38-07684 Rev. *E
Page 7 of 7
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY25701JXC-ZZZT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X