Part Number Hot Search : 
IRF73 LA100L4 IRU3048 38000 IRF73 38000 N120C 7560K
Product Description
Full Text Search
 

To Download CXOHV-4GPY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXOH / CXOHV Model 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
Frequency Range: Frequency Stability: Freq. Stability vs Volt: Freq. Stability vs Load: Temperature Range: Storage: Input Voltage: Mech. Trim. Range: (Option V) Input Current: Output: Symmetry: (Option Y) Rise/Fall Time: Output Voltage: Load: Phase Noise Typ.: 10Hz 100Hz 1KHz 10KHz 100KHz
Aging:
.720 (18.30)
1MHz to 38MHz 1ppm to 5ppm 0.5ppm Max 0.3ppm Max ee Fr ad -40C to 85C Le oHS ant R pli -55C to 120C m Co 3.3V or 5V 5% 3ppm Min Voltage Trim Pin 1 15mA Typ, 30mA Max HCMOS/TTL Designed to meet today's 40/60% Max @ 50% Vdd requirements for tighter 45/55% Max frequency stability tolerance 4ns Typ, 10ns Max while reducing unit cost. "0" = 10% Vdd Max "1" = 90% Vdd Min VCTCXO Specification 15pF/10TTL Max -100dBc/Hz Voltage Trim Pin 1: 5ppm Min -130dBc/Hz Control Voltage: (5V) 2.5V 2.5V -140dBc/Hz (3.3V) 1.65V 1.65V -145dBc/Hz -150dBc/Hz <1ppm Max/Yr
Temperature Compensated Crystal Oscillator Voltage Trim Option Available
CXOH
*A .472 (12.00) .098 (2.50) .020 (0.50) .157 (4.00) .600 (15.24)
CRYSTEK Freq Part no DC
#1 #7
Suggested PCB Layout
.300 (7.62) .051 (1.30) .150 (3.81) .150 (3.81) .360 (9.14) .300 (7.62) .030 (0.76)
PIN 1 7 8 14
Function VT or NC GND OUT Vcc .178 (4.50) .197 (5.00)
ID=
.300 (7.62)
.157 (4.00) Min .039 (1.00)
.075 (1.90)
*A
#14
#8
Dimensions inches (mm) All dimensions are Max unless otherwise specified.
OUT
mA M
pin 14
Vdd OUT
pin 8 OSC.
Crystek Part Number Guide
PWR Supply
O/P Load incl Probe Cl
CXOHV - 4 B C 3 Y - 25.000
#1 #2 #3 #4 #5 #6 #7 #8
VM pin 1
Option
GND
pin 7
A B C D E F G H
Operating Temperature 0C to 50C -10C to 60C -10C to 70C -20C to 70C -30C to 60C -30C to 70C -30C to 75C -40C to 85C
Freq. Stability ( ppm)
1.0 1.5 2.0 2.0 2.0 2.0 2.0 2.0 2.0 P A B 2.5 2.5 2.5 2.5 2.5 2.5 2.5 C 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 D 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 E 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 F
#1 Crystek TCXO HCMOS/TTL #2 V or blank = (V = Volt.Trim) (Blank = Mech. Trim) #3 4 or blank = Height (4 = 4.5mm) (Blank = 5.0mm) #4 Letter = Operating Temperature (see table 1) #5 Letter = Frequency Stability (see table 1) #6 3 or blank = Input Volt (3 = 3.3 volts) (Blank= 5V) #7 Y or blank = Symmetry (Y=45/55) (Blank = 40/60) #8 Frequency in MHz: 3 or 6 decimal places Example: CXOH-4BC3Y-25.000 = mech. trim, 4.5mm, -10/60, 2.5ppm, 3.3V, 45/55%, 25.000MHz CXOHV-4B3CY-25.000 = volt. trim, 4.5mm, -10/60,2.5ppm, 3.3V, 45/55%, 25.000MHz
Table 1 24
Specifications subject to change without notice.
TD-020811 Rev. E


▲Up To Search▲   

 
Price & Availability of CXOHV-4GPY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X