Part Number Hot Search : 
2SK18 FSB50550 SB560A CPC5601 CPC5601 T1010 CAT5121 LT5500
Product Description
Full Text Search
 

To Download CM2031-A0TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Issue X-1 CM2031 HDMI Receiver Port Protection and Interface Device
Features
* * * * * * * * * * * * HDMI 1.3 compliant Supports thin dielectric and 2-layer boards Minimizes TMDS skew with 0.05pF matching Long HDMI cable support with integrated I2C accelerator Active termination and slew rate limiting for CEC Supports direct connection to CEC microcontroller Integrated I2C level shifting to CMOS level including low logic level voltages Integrated 8kV ESD protection and backdrive protection on all external I/O lines Supports active and passive control of hot plug detect signal Multiport I2C support eliminates need for analog mux on DDC lines Simplified layout with matched 0.5mm trace spacing
Product Description
The CM2031 HDMI Receiver Port Protection and Interface Device is specifically designed for next generation HDMI Sink interface protection. An integrated package provides all ESD, slew rate limiting on CEC line, level shifting/isolation and backdrive protection for an HDMI port in a single 38 Pin TSSOP package. The CM2031 part is specifically designed to provide the designer with the most reliable path to HDMI 1.3 CTS compliance.
Applications
* * PC and consumer electronics Digital TV, PC monitors and projectors
Electrical Schematic
5V_SUPPLY TMDS_D2+ TMDS_GND TMDS_D2 TMDS_D1+ TMDS_GND TMDS_D1 TMDS_D0+ TMDS_GND TMDS_D0 TMDS_CK+ TMDS_GND TMDS_CK
5V_SUPPLY LV_SUPPLY
5V_SUPPLY LV_SUPPLY
DYNAMIC PULLUP DDC_CLK_OUT
DDC_DAT_IN
DYNAMIC PULLUP DDC_DAT_OUT
DDC_CLK_IN
CMOS/I2C LEVEL SHIFT
CMOS/I2C LEVEL SHIFT
5V_SUPPLY
CE_SUPPLY
HOTPLUG_DET_IN
CE_SUPPLY
1k HOTPLUG_DET_OUT CE_REMOTE_IN
ACTIVE SLEW RATE LIMITING CE_REMOTE_OUT
(c) 2007 California Micro Devices Corp. All rights reserved. 07/10/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
1
Issue X-1 CM2031
PACKAGE / PINOUT DIAGRAM
TOP VIEW
5V_SUPPLY LV_SUPPLY GND TMDS_D2+ TMDS_GND TMDS_D2- TMDS_D1+ TMDS_GND TMDS_D1- TMDS_D0+ TMDS_GND TMDS_D0- TMDS_CK+ TMDS_GND TMDS_CK- CE_REMOTE_IN DDC_CLK_IN DDC_DAT_IN HOTPLUG_DET_IN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 N/C CE_SUPPLY GND TMDS_D2+ TMDS_GND TMDS_D2- TMDS_D1+ TMDS_GND TMDS_D1- TMDS_D0+ TMDS_GND TMDS_D0- TMDS_CK+ TMDS_GND TMDS_CK- CE_REMOTE_OUT DDC_CLK_OUT DDC_DAT_OUT HOTPLUG_DET_OUT
Note: This drawing is not to scale.
38-PIN TSSOP PACKAGE
PIN DESCRIPTIONS
PINS 4, 35 6, 33 7, 32 9, 30 10, 29 12, 27 13, 26 15, 24 16 23 17 22 18 21 19 20 2 37 1 38 2 NAME TMDS_D2+ TMDS_D2- TMDS_D1+ TMDS_D1- TMDS_D0+ TMDS_D0- TMDS_CK+ TMDS_CK- CE_REMOTE_IN CE_REMOTE_OUT DDC_CLK_IN DDC_CLK_OUT DDC_DAT_IN DDC_DAT_OUT HOTPLUG_DET_IN HOTPLUG_DET_OUT LV_SUPPLY CE_SUPPLY 5V_SUPPLY N/C ESD Level 8kV
3
DESCRIPTION TMDS 0.9pF ESD protection.1 TMDS 0.9pF ESD protection.1 TMDS 0.9pF ESD protection.1 TMDS 0.9pF ESD protection.1 TMDS 0.9pF ESD protection.1 TMDS 0.9pF ESD protection.1 TMDS 0.9pF ESD protection.1 TMDS 0.9pF ESD protection.1 CE_SUPPLY referenced logic level in. 5V_SUPPLY referenced logic level out plus 10pF ESD. LV_SUPPLY referenced logic level in. 5V_SUPPLY referenced logic level out plus 10pF ESD. LV_SUPPLY referenced logic level in. 5V_SUPPLY referenced logic level out plus 10pF ESD. LV_SUPPLY referenced logic level in. 5V_SUPPLY referenced logic level out plus 10pF ESD. A 0.1F bypass ceramic capacitor is recommended on this pin.2 Bias for CE / DDC / HOTPLUG level shifters. CEC bias voltage. Previously CM2020 ESD_BYP pin. Current source for 5V_OUT, VREF for DDC I2C voltage references, and bias for 8kV ESD pins. N/C
8kV3 8kV3 8kV3 8kV3 8kV3 8kV
3
8kV3 2kV4 8kV3 2kV4 8kV3 2kV 8kV 2kV
4 3 4
8kV3 2kV4 2kV4,2 2kV N/A
4
(c) 2007 California Micro Devices Corp. All rights reserved.
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
07/10/07
Issue X-1 CM2031 CM2031
PIN DESCRIPTIONS (CONT'D)
PINS 3, 5, 8, 11, 14, 25, 28, 31, 34, 36 NAME GND / TMDS_GND ESD Level N/A DESCRIPTION GND reference.
Note 1: These 2 pins need to be connected together in-line on the PCB. See recommended layout diagram. Note 2: This output can be connected to an external 0.1F ceramic capacitor/pads to maintain backward compatibility with the CM2020. Note 3: Standard IEC 61000-4-2, CDISCHARGE=150pF, RDISCHARGE=330, 5V_SUPPLY and LV_SUPPLY within recommended operating conditions, GND=0V, 5V_OUT (pin 38), and HOTPLUG_DET_OUT (pin 20) each bypassed with a 0.1F ceramic capacitor connected to GND. Note 4: Human Body Model per MIL-STD-883, Method 3015, CDISCHARGE=100pF, RDISCHARGE=1.5k, 5V_SUPPLYand LV_SUPPLY within recommended operating conditions, GND=0V, 5V_OUT (pin 38), and HOTPLUG_DET_OUT (pin 20) each bypassed with a 0.1F ceramic capacitor connected to GND. Note 5: These pins should be routed directly to the associated GND pins on the HDMI connector with single point ground vias at the connector
(c) 2007 California Micro Devices Corp. All rights reserved. 07/10/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
Issue X-1 CM2031
Backdrive Protection and Isolation
Backdrive current is defined as the undesirable current flow through an I/O pin when that I/O pin's voltage exceeds the related local supply voltage for that circuitry. This is a potentially common occurrence in multimedia entertainment systems with multiple components and several power plane domains in each system. For example, if a DVD player is switched off and an HDMI connected TV is powered on, there is a possibility of reverse current flow back into the main power supply rail of the DVD player from pull-ups in the TV. As little as a few milliamps of backdrive current flowing back into the power rail can charge the DVD player's bulk bypass capacitance on the power rail to some intermediate level. If this level rises above the power-on-reset (POR) voltage level of some of the integrated circuits in the DVD player, then these devices may not reset properly when the DVD player is turned back on. If any SOC devices are incorporated in the design which have built-in level shifter and/or ESD protection structures, there can be a risk of permanent damage due to backdrive. In this case, backdrive current can forward bias the on-chip ESD protection structure. If the current flow is high enough, even as little as a few milliamps, it could destroy one of the SOC chip's internal DRC diodes, as they are not designed for passing DC. To avoid either of these situations, the CM2031 was designed to block backdrive current, guaranteeing less than 5A into any I/O pin when the I/O pin voltage exceeds its related operating CM2031 supply voltage.
LV_SUPPLY =OFF
+5V
+5V LV_SUPPLY =OFF
LOW VOLTAGE HDMI ASIC
ASIC
LOW VOLTAGE HDMI ASIC
ASIC
HDMI SOURCE
HDMI SINK
HDMI SOURCE
HDMI SINK
Figure 1. Backdrive Protection Diagram.
Display Data Channel (DDC) lines
The DDC interface is based on the I2C serial bus protocol for EDID configuration. DYNAMIC PULLUPS Based on the HDMI specification, the maximum capacitance of the DDC line can approach 800pF (50pF from source, 50pF from sink, and 700pF from cable). At the upper range of capacitance values (i.e. long cables), it becomes impossible for the DDC lines to meet the I2C timing specifications with the minimum pull-up resistor of 1.5k (at the source). For this reason, the CM2031 was designed with an internal I2C accelerator to meet the AC timing specification even with very long and non-compliant cables. The internal accelerator works with the source pull-up and the local 47k pullup to increase the positive slew rate of the DDC_CLK_OUT and DDC_DAT_OUT lines whenever the sensed voltage level exceeds 0.3*5V_SUPPLY (approximately 1.5V). This provides faster overall risetime in heavily loaded situations without overloading the mutli-drop open drain I2C outputs elsewhere.

(c) 2007 California Micro Devices Corp. All rights reserved.
4
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
07/10/07
Issue X-1 CM2031 CM2031
DYNAMIC PULLUPS (CONT'D)
Figure 2. Dynamic DDC Pullups (Discrete - Top, CM2031 - Bottom; 3.3V ASIC - Left, 5V Cable - Right.) Figure 2 demonstrates the "worst case" operation of the dynamic CM2031 DDC level shifting circuitry (bottom) against a discrete NFET common-gate level shifter circuit with a typical 1.5k pullup at the source (top.) Both are shown driving an off-spec, but unfortunately readily available 31m HDMI cable which exceeds the 700pF HDMI specification. Some widely available HDMI cables have been measured at over 4nF. When the standard I/OD cell releases the NFET discrete shifter, the risetime is limited by the pullup and the parasitics of the cable, source and sink. For long cables, this can extend the risetime and reduce the margin for reading a valid "high" level on the data line. In this case, an HDMI source may not be able to read uncorrupted data and will not be able to initiate a link. With the CM2031's dynamic pullups, when the ASIC driver releases its DDC line and the "OUT" line reaches at least 0.3*VDD (of 5V_SUPPLY), then the "OUT" active pullups are enabled and the CM2031 takes over driving the cable until the "OUT" voltage approaches the 5V_SUPPLY rail. The internal pass element and the dynamic pullups also work together to damp reflections on the longer cables and keep them from glitching the local ASIC. I2C LOW LEVEL SHIFTING In addition to the Dynamic Pullups described in the previous section, then CM2031 also incorporates
(c) 2007 California Micro Devices Corp. All rights reserved. 07/10/07
improved I2C low-level shifting on the DDC_CLK_IN and DDC_DAT_IN lines for enhanced compatibility. Typical discrete NFETs level shifters can advertise specifications for low RDS[on], but usually state relatively high V[GS] test parameters, requiring a 'switch' signal (gate voltage) as high as 10V or more. At a sink current of 4mA for the ASIC on DDC_XX_IN, the CM2031 guarantees no more than 140mV increase to DDC_XX_OUT, even with a switching control of 2.5V on LV_SUPPLY. Additionally, when I2C devices are driving the external cable, an internal pulldown on DDC_XX_IN guarantees that the VOL seen by the ASIC on DDC_XX_IN is equal to or lower than DDC_XX_OUT. Multiport DDC Multiplexing Additionally, by switching LV_SUPPLY, the DDC/HPD blocks can be independently disabled by engaging their inherent "backdrive" protection. This allows N:1 multiplexing of the low-speed HDMI signals without any additional FET switches.
Consumer Electronics Control (CEC)
The Consumer Electronics Control (CEC) line is a high level command and control protocol, based on a single wire multidrop open drain communication bus running at approximately 1kHz (See Figure 3). While the HDMI link provides only a single point-to-point connection, up to ten (10) CEC devices may reside on the bus, and
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
5
Issue X-1 CM2031
they may be daisy chained out through other physical connectors including other HDMI ports or other dedicated CEC links. The high level protocol of CEC can be implemented in a simple microcontroller or other interface with any I/OD (input/open-drain) GPIO.
CEC
CEC RX TX I/OD GPIO CEC I/F P CM2031
Figure 5. Integrated CM2031 Solution Figure 3. Typical C I/OD Driver To limit possible EMI and ringing in this potentially complex connection topology, the rise- and fall-time of this line are limited by the specification. However, meeting the slew-rate limiting requirements with additional discrete circuitry in this bi-directional block is not trivial without an additional RX/TX control line to limit the output slew-rate without affecting the input sensing (See Figure 4). The CM2031 also includes an internal backdrive protected static pullup 120A current source from the CE_SUPPLY rail in addition to the dynamic slew rate control circuitry. Figure 6 shows a typical shaped CM2031 CEC output (bottom) against a ringing uncontrolled discrete solu tion (top).
CEC RX TX TX_EN Slew Rate Limited 3-State Buffer
Figure 4. Three-Pin External Buffer Control Simple CMOS buffers cannot be used in this application since the load can vary so much (total pullup of 27k to less than 2k, and up to 7.3nF total capacitance.) The CM2031 targets an output drive slew-rate of less than 100mV/s regardless of static load for the CEC line. Additionally, the same internal circuitry will perform active termination, thus reducing ringing and overshoot in entertainment systems connected to legacy or poorly designed CEC nodes. The CM2031's bi-directional slew rate limiting is integrated into the CEC level-shifter functionality thus allowing the designer to directly interface a simple low voltage CMOS GPIO directly to the CEC bus and simultaneously guarantee meeting all CEC output logic levels and HDMI slew-rate and isolation specifications (See Figure 5).
(c) 2007 California Micro Devices Corp. All rights reserved.
Figure 6. CM2031 CEC Output
6
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
07/10/07
Issue X-1 CM2031
Hotplug Output Pullup Logic
The CM2031 includes flexible circuitry for active or passive control of the HDMI Sink's Hotplug Present Output line by integrating the 1k pullup resistor. Section 8.5 of the HDMI Specification allows the HDMI Sink to pulse the HotPlug line "low" for at least 100msec to indicate to the Source that the EEPROM should be re-read. This function can be implemented with a few discrete components as shown in Figure 7.
+5V_HDMI (Pin 18)
while still retaining the isolation/backdrive protection on this pin. Active Local Pullup Control For a system where a low voltage GPIO signal needs to control the HOTPLUG pin (i.e. if the local system needs to boot up before asserting HOTPLUG) the ASIC GPIO can be connected directly to the HOTPLUG_DET_IN pin to control the 5V pullup "on" and "off." A logic "low" on HOTPLUG_DET_IN will disable the 5V pullup, and a logic "high" will enable the pullup. (NOTE: If the ASIC Power-ON Reset {POR} default of the GPIO is high-impedance or defaults to an input, then the designer should include a weak pulldown on the GPIO to eliminate any POR glitches.)
1k HOTPLUG (Pin 19)
ASIC GPIO
5V_SUPPLY
ASIC GPIO
Figure 7. Typical Discrete HPD Switching Circuit The Hot Plug Detect circuit of the CM2031 is specifically designed to provide this "pulse" capability and still pass CTS testing requirements. When a logic "high" is applied to the HOTPLUG_DET_IN pin, an internal switch enables the 1k pull-up. When a logic "low" is sensed on this pin, the 1k logic resistor is disconnected, and a weak pulldown ensures a valid low output on the HDMI cable. 5V Passive Pullup In the most basic implementation, where HOTPLUG is to be asserted only when the HDMI +5V supply is applied, simply tie HOTPLUG_DET_IN to the +5V supply and connect HOTPLUG_DET_OUT to HDMI Connector (Pin 19). Local Power Supply Pullup Passive For a system that needs to inhibit the HOTPLUG signal when the local ASIC low voltage supply ("LV_SUPPLY" on CM2031) has been powered, the designer can simply connect HOTPLUG_DET_OUT to the HDMI Connector (Pin 19) and tie HOTPLUG_DET_IN to the "LV_SUPPLY" which can be 1.5V, 1.8V, 2.5V, etc. Then the internal 1k pullup will be enabled between HOTPLUG_DET_OUT and 5V_SUPPLY. If a weak pullup is used on HOTPLUG_DET _IN, then this still allows dynamic switching by the local ASIC
CM2031
1k
HOTPLUG_OUT
Figure 8. Simplified CM2031 HPD Circuit
(c) 2007 California Micro Devices Corp. All rights reserved. 07/10/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
7
Issue X-1 CM2031
Ordering Information
PART NUMBERING INFORMATION
Lead-free Finish Pins 38 Package TSSOP-38 Ordering Part Number1 CM2031-A0TR Part Marking CM2031-A0TR
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER VCC5, VCCLV DC Voltage at any Channel Input Storage Temperature Range RATING 6.0 [GND - 0.5] to [VCC + 0.5] -65 to +150 UNITS V V C
STANDARD (RECOMMENDED) OPERATING CONDITIONS
SYMBOL 5V_SUPPLY LV_SUPPLY CE_SUPPLY PARAMETER Operating Supply Voltage Bias Supply Voltage Bias Supply Voltage Operating Temperature Range 1 3 -40 MIN TYP 5 3.3 3.3 MAX 5.5 5.5 3.6 85 UNITS V V V C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL ICC5 PARAMETER Operating Supply Current CONDITIONS 5V_SUPPLY = 5.0V, CEC_OUT = 3.3V, LV_SUPPLY= CE_SUPPLY= 3.3V, DDC=5V; Note 7 LV_SUPPLY = 3.3V; Note 7 CE_SUPPLY=3.3V, CEC_OUT=0V; Note 7 LV_SUPPLY=0V All Supplies = 0V; TMDS_[2:0]+/-, TMDS_CK+/- = 4V All Supplies = 0V; DDC_DAT/CLK_OUT = 5V; DDC_DAT/CLK_IN = 0V MIN TYP 300 MAX UNITS 350 A
ICCLV ICCCE IOFF IBACKDRIVETMDS IBACKDRIVEDDC
Bias Supply Current Bias Supply Current OFF state leakage current, level shifting NFET Current through TMDS pins when powered down Current through DDC_DAT_OUT when pow ered down
60 60 0.1 0.1 0.1
150 150 5 5 5
A A A A A
(c) 2007 California Micro Devices Corp. All rights reserved.
8
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
07/10/07
Issue X-1 CM2031 CM2031
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL IBACKDRIVEHOTPLUG PARAMETER Current through HOTPLUG_DET_OUT when powered down Current through CE-REMOTE_OUT when powered down CEC Slew Limit CEC Rise Time CONDITIONS All Supplies = 0V; HOTPLUG_DET_OUT = 5V; HOTPLUG_IN = 0V CE-REMOTE_IN = CE_SUPPLY < CE_REMOTE_OUT Measured from10-90% or 90-10% Measured from 10-90% Assumes a signal swing from 0 3.3V Measured from 90-10% Assumes a signal swing from 0 3.3V Voltage on HotPlug_In is greater than the specified range below 26.4 MIN TYP 0.1 MAX UNITS 5 A
IBACKDRIVECEC
0.1
1.8
A
CECSL CECRT
0.26
0.65 250
V/s s
CECFT
CEC Fall Time
4
50
s
RHOTPLUG VTH VACC VON(DDC_OUT) VOL(DDC_IN)
Hotplug Resistance Threshold Voltage to Assert 1k Turn On Threshold of I2C/DDC Accelerator Voltage drop across DDC level shifter Logic Level (ASIC side) when I2C/DDC Logic Low Applied;
(I2C pass-through compatibility)
0.8 1.5
1
1.2 5.5
k V V mV V
Voltage is 0.3 X 5V_Supply LV_SUPPLY=2.5V, 4mA Sink at DDCIN, DDCOUT < VACC DDC_OUT=0.4V, LV_SUPPLY=3.3V, 1.5k pullup on DDC_OUT to 5.0V, Note 2 DDC_IN floating, LV_SUPPLY=3.3V, 1.5k pullup on DDC_OUT to 5.0V, Bus Capacitance = 1500pF, Note 2 IF = 8mA, TA = 25C, Note 2
1.35
1.5
1.65 140
0.3
0.4
tr(DDC)
DDC_OUT Line Risetime, VACC < VDDC_OUT < (5V_Supply-0.5V) Diode Forward Voltage Top Diode Bottom Diode ESD Withstand Voltage (IEC)
1
s
VF
0.6 0.6 Pins 4, 7, 10, 13, 20, 21, 22, 23, 24, 27, 30, 33; Notes 2 and 3
0.85 0.85
0.95 0.95
V V kV kV
VESD VESD VCL
8 2
11.0 -2.0 1.4 0.9 0.01 1
ESD Withstand Voltage (HBM) Pins 1, 2, 16, 17, 18, 19, 37, 38; Notes 2 and 4 Channel Clamp Voltage Positive Transients Negative Transients Dynamic Resistance Positive Transients Negative Transients TMDS Channel Leakage Current TA=25C, IPP=1A, tP=8/20S; Notes 2 & 6 TA=25C, IPP=1A, tP=8/20S Any I/O pin to Ground; Note 6 TA = 25C, Note 2
V V A
RDYN
ILEAK
(c) 2007 California Micro Devices Corp. All rights reserved. 07/10/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
9
Issue X-1 CM2031
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL CIN, TMDS PARAMETER TMDS Channel Input Capacitance TMDS Channel Input Capacitance Matching Mutual Capacitance between signal pin and adjacent signalpin Level Shifting Input Capacitance, Capacitance to GND Level Shifting Input Capacitance, Capacitance to GND Level Shifting Input Capacitance, Capacitance to GND CONDITIONS 5V_SUPPLY=5.0V, Measured at 1MHz, VBIAS=2.5V, Note 2 5V_SUPPLY=5.0V, Measured at 1MHz, VBIAS=2.5V, Note 2, 5 5V_SUPPLY=0V, Measured at 1MHz, VBIAS=2.5V, Note 2 5V_SUPPLY=0V, Measured at 100KHz, VBIAS=2.5V, Note 2 5V_SUPPLY=0V, Measured at 100KHz, VBIAS=1.65V, Note 2 5V_SUPPLY=0V, Measured at 100KHz, VBIAS=2.5V, Note 2 MIN TYP 0.9 MAX UNITS 1.2 pF
CIN, TMDS
CMUTUAL
0.05
pF
0.07
pF
CIN, DDCOUT
10
pF
CIN, CECOUT
10
pF
CIN, HPOUT
10
pF
Note 1: Operating Characteristics are over Standard Operating Conditions unless otherwise specified. Note 2: This parameter is guaranteed by design and verified by device characterization. Note 3: Standard IEC61000-4-2, CDISCHARGE=150pF, RDISCHARGE=330, 5V_SUPPLY=5V, 3.3V_SUPPLY=3.3V, LV_SUPPLY=3.3V, GND=0V. Note 4: Human Body Model per MIL-STD-883, Method 3015, CDISCHARGE=100pF, RDISCHARGE=1.5k, 5V_SUPPLY=5V, 3.3V_SUPPLY=3.3V, LV_SUPPLY=3.3V, GND=0V. Note 5: Intra-pair matching, each TMDS pair (i.e. D+, D-). Note 6: These measurements performed with no external capacitor on VP (VP floating). Note 7: These static measurements do not include AC activity on controlled I/O lines.
(c) 2007 California Micro Devices Corp. All rights reserved.
10
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
07/10/07
Issue X-1 CM2031 CM2031
Performance Information
Typical Filter Performance (TA=25C, DC Bias=0V, 50 Ohm Environment)
Figure 9. Insertion Loss vs. Frequency (TMDS_D1- to GND)
(c) 2007 California Micro Devices Corp. All rights reserved. 07/10/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
11
Issue X-1 CM2031
Application Information
Figure 10. Typical Application for CM2031 LAYOUT NOTES
1 Differential TMDS Pairs should be designed as normal 100 HDMI Microstrip. Single Ended (decoupled) TMDS traces underneath MediaGuardTM,and traces between MediaGuardTM and Connector should be tuned to match chip/connector IBIS parasitics. (See MediaGuardTM Layout Application Notes.) 3
Place MediaGuardTM as close to the connector as possible, and as with any controlled impedance line always avoid placing any silkscreen printing over TMDS traces.
Level Shifter signals should be biased with a weak pullup to the desired local LV_SUPPLY. If the local ASIC includes sufficient pullups to register a logic high, then external pullups may not be needed.
2
CM2020/CM2031 footprint compatibility. For the CM2031, Pin 37 becomes the VCEC power supply pin for the slew-rate limiting circuitry. This can be supplied by a 0 jumper to VCEC which should be depopulated to utilize the CM2020. The 100nF CBYP is recommended for all applications.
4
(c) 2007 California Micro Devices Corp. All rights reserved.
12
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
07/10/07
Issue X-1 CM2031 CM2031
Application Information
Design Considerations DUT On vs. DUT Off Many HDMI CTS tests require a power off condition on the System Under Test. Many discrete ESD diode configurations can be forward baised when their VDD rail is lower than the I/O pin bias, thereby exhibiting extremely high apparent capacitance measurements, for example. The MediaGuard backdrive isolation circuitry limits this current to less than 5A, and will help ensure HDMI compliance.
PLEASE REVIEW ALL OF THE CURRENT HDMI DESIGN GUIDELINES AVAILABLE AT http://www.calmicro.com/applications/customer/downloads/current-cmd-mediaguard-design-guidelines.zip
(c) 2007 California Micro Devices Corp. All rights reserved. 07/10/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
13
Issue X-1 CM2031
Mechanical Details
TSSOP-38 Mechanical Specifications CM2031 devices are supplied in 38-pin TSSOP packages. Dimensions are presented below. For complete information on the TSSOP-38, see the California Micro Devices TSSOP Package Information document.
38 37 36 35 34 33
Mechanical Package Diagrams
TOP VIEW
D
32 31 30 29 28 27 26 25 24 23 22 21 20
PACKAGE DIMENSIONS
Package JEDEC No. Pins Dimensions A A1 b c D E E1 e L # per tape and reel Millimeters Min -- 0.05 0.17 0.09 9.60 4.30 0.45 Max 1.20 0.15 0.27 0.20 9.80 4.50 0.75 Min -- 0.002 0.007 0.004 0.378 0.169 0.018 TSSOP MO-153 (Variation BD-1) 38 Inches Max 0.047 0.006 0.011 0.008 0.386 0.177
END VIEW SEATING PLANE SIDE VIEW 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
E
Pin 1 Marking
E1
A A1 b e
6.40 BSC 0.50 BSC
0.252 BSC 0.020 BSC 0.030
c
2500 pieces Controlling dimension: millimeters
L
Package Dimensions for TSSOP-38
(c) 2007 California Micro Devices Corp. All rights reserved.
14
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
07/10/07


▲Up To Search▲   

 
Price & Availability of CM2031-A0TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X