Part Number Hot Search : 
CWP060 LRCS0805 BZT55 Y7C13 54FCT CS9248 FQH90N15 PN356802
Product Description
Full Text Search
 

To Download C85FACAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7.0 mm x 5.0 mm XO
Description: The C85F Crystal Oscillator (XO) Series products provide a wide range of options in temperature stability, operating frequency range, and ultra low phase jitter in a 7.0 x 5.0 mm ceramic package. * * * * * *
C85F series
Feature s:
Available in frequencies from 19.44 MHz to 320 MHz.
Tri-state Enable/Disable Hermetically sealed ceramic SMD package
RoHS-6/Leadfree compliant
Integrated jitter 0.3 pS max. PECL and LVDS outputs
Frequency Range, Operating Temperature, and Frequency Stability:
Frequency Operating Temperature Product Code Freq. Stability Product Code -10 to +60C A +/- 25 ppm A 19.44 to 320MHz 0 to +70C B +/- 50 ppm B -20 to 70C C +/- 75 ppm C -40 to 85C D +/-100ppm D * ***Frequency stability includes 25C tolerance, drift over temperature, change versus voltage and load, 20 year aging, shock and vibration *
Aging: (typical at 20MHz after 30 days continuous operation)
Frequency 20 MHz Timeframe 1st Year Aging +/- 5.0ppm Product Code N/A
Supply Voltage (Vs):
Power Supply (Vs) Product Code 2.5 Vdc +/-10% A 3.3 Vdc +/-10% B
Supply Voltage Sensitivity ( +/- 10% ) : +/- 2 ppm max. frequency change Current Consumption ( IDD ):
IDD ( at 2.5V ) Frequency Range ( MHz ) 19.440 to 160.000 160.000 to 250.000 250.000 to 320.000 PECL / LVDS mA 75 / 50 100 / 50 100 / 65 IDD ( at 3.3V ) PECL / LVDS mA 75 / 50 100 / 50 100 / 65
Environmental:
Storage Temperature
www.bliley.com
-55 to +125 C
2545 West Grandview Blvd Erie, PA. 16506 Page 1 of 4 Tel (814) 838-3571 Rev 1.2
7.0 mm x 5.0 mm XO
Output Waveform: PECL At 2.5 V Output Logic 1 1.475 Vmin Output Logic 0 1.095 Vmax Rise/Fall Time ( nS ) 1 max Start-up Time: 3 mS max. PECL At 3.3 V 2.275Vmin 1.680Vmax 1 max LVDS At 2.5 V 1.6Vmax 0.9Vmin 1 max LVDS At 3.3 V 1.6Vmax 0.9Vmin 1 max
C85F series
Tri-state function Pin 1 or Pin 2: Pin 1 or 2 = Ouput Active with 2.0 V or 2.5 V on Pin 1 or 2 for 2.5V or 3.3V supply respectively Pin 1 or 2 = Output in high impedance state when 0.5 volts or less on Pin 1 or 2
Ordering Options: Product Family Operating Temperature C85F A C85F B C85F C C85F D
Frequency Stability A B C D
Supply Voltage A B
Pin 1 or Pin 2 as Tri-state A ( Pin 1 ) B ( Pin 2 )
Operating Frequency XXX.XXXMHz XXX.XXXMHz XXX.XXXMHz XXX.XXXMHz
C85F C A B A 155.520MHz Part Number Build Example **Consult Bliley sales if other options required ** Not all combinations of operating frequency and supply voltage are available.
RoHs compliant; -20 to 70C; +/- 25 ppm with a 3.3 volt supply; Pin1 as Tri-state; Pin 2 as N/C and 155.520 MHz nominal operating frequency.
www.bliley.com
2545 West Grandview Blvd Erie, PA. 16506 Page 2 of 4
Tel (814) 838-3571 Rev 1.2
7.0 mm x 5.0 mm XO
C85F series
www.bliley.com
2545 West Grandview Blvd Erie, PA. 16506 Page 3 of 4
Tel (814) 838-3571 Rev 1.2
7.0 mm x 5.0 mm XO
C85F series
How to Order This Product: Contact Bliley Technologies with Product Selection Code from Ordering Options Section above. Attn: Sales @ Bliley Fax: 814-833-2712 Phone: 814-838-3571 Email: info@bliley.com Web: www.bliley.com Date: ____________ From: Name: ____________________ Company: ___________________ Fax: ______________________ Phone: _____________________ Email: _________________________________________________ Quantities to Quote: ______________ Target Price: $___________ Application / Reference #: _________________________________
www.bliley.com
2545 West Grandview Blvd Erie, PA. 16506 Page 4 of 4
Tel (814) 838-3571 Rev 1.2


▲Up To Search▲   

 
Price & Availability of C85FACAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X