Part Number Hot Search : 
SXX18 HT46R4A 10240 00145 MC100ELT GP210 112RKI80 LM1640
Product Description
Full Text Search
 

To Download BYM26A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SUPER FAST RECTIFIER
FEATURES
Low cost Low leakage Low forward voltage drop High current capability Easily cleaned with alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
BYM26A(Z) --- BYM26E(Z)
VOLTAGE RANGE: 200 --- 1000 V CURRENT: 2.3 A
DO - 27
MECHANICAL DATA
Case:JEDEC DO--27,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.041 ounces,1.15 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BYM26A
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
BYM26B
400 280 400
BYM26C
600 420 600 2.3
BYM26D
800 560 800
BYM26E UNITS
1000 700 1000 V V V A
VRRM VRMS VDC IF(AV)
200 140 200
Peak forw ard surge current 10 ms single half-sine-w ave superimposed on rated load @TJ=125
IFSM VF IR trr CJ RJA TJ TSTG
30 85
45.0
A
Maximum instantaneous forw ard voltage @ 2.0A Maximum reverse current @TA=25 at rated DC blocking voltage @TA=100 Maximum reverse recovery time (Note1) Typical junction capacitance Typical thermal resistance (Note2) (Note3)
2.65 10.0 150.0 75 75 75 - 55 ----- + 150 - 55 ----- + 150
V A ns pF /W
Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F=0.5A, IR=1A, Irr=0.25A.
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 3. Thermal resistance f rom junction to ambient.
Document Number 0264019
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
BYM26A(Z) --- BYM26E(Z)
FIG.1 -- FORWARD DERATING CURVE INSTANTANEOUS FORWARD CURRENT AMPERES
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
5
100
AVERAGE FORWARD CURRENT
4
S in g le P h a se H a lf W a v e 6 0 H Z R e sis tiv e o r In d u c tiv e L o a d 0 .3 7 5 "(9 .5 m m )L e a d L e n g th
10
AMPERES
3
2
1.0
1
TJ=25 Pulse Width=300s
0 0 25 50 75 100 125 150 175
0.1 0.8
1.2
1.6
2.0
2.4
2.8
3.2
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD CURRENT, VOLTS
FIG.3 -- PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
50 1000
JUNCTION CAPACITANCE , pF
40
400 200 100
AMPERES
30
20
40 20
TJ=25 f=1.0MHz
10
8.3m s S ingle H alf S ine-W ave
1 5 10 50 10 0
10 0.1 0.2 0.4 1 2 4 10 20 40 100
0
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0264019
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of BYM26A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X