Part Number Hot Search : 
15020 74466300 MOC8108 SW50N06T M25GZ51 IV1224SA CSNE251 ISL6526A
Product Description
Full Text Search
 

To Download BL6464AA804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
DDR2 UNBUFFERED SDRAM DIMM
FEATURES
* 240-pin dual in-line memory module (DIMM) * Fast data transfer rates: PC2-8500, PC2-6400, or PC25300 * 512MB (64 Meg x 64), 1GB (128 Meg x 64), and 2GB (256 Meg x 64) * Exclusively designed for high-performance systems * Critical performance parameters tested for functionality * Speed verification performed in-system * VDD = +2.2V 0.1V, VDDQ = +2.2V 0.1V * VDDSPD = +1.7V to +3.6V * Differential data strobe (DQ, DQS#) option * Four-bit prefetch architechture * Auto Refresh (CBR) and Self Refresh Mode * 7.8125s maximum average periodic refresh interval * 64ms, 8,192-cycle refresh * On-die termination (ODT) * Serial Presence Detect (SPD) with EEPROM * Gold edge contacts * Aluminum heat spreader * 1.18" (30mm) PCB Height
BL6464AA BL12864AA BL25664AA
TIMING PARAMETERS
MODULE MARKING 1065 804 663 MODULE BANDWIDTH 8.5 GB/s 6.4 GB/s 5.3 GB/s LATENCY (CL - tRCD - tRP - tRAS) 5 - 5 - 5 - 15 * 4 - 4 - 4 - 12 * 3 - 3 - 3 - 12 *
* Perfomance is verified during testing.
PART NUMBERS
PART NUMBER BL6464AA804 BL6464AA663 BL12864AA1065 BL12864AA804 BL12864AA663 BL25664AA804 MODULE DENSITY 512MB 512MB 1GB 1GB 1GB 2GB MEMORY CLOCK/ DATA BIT RATE 2.5ns/800 MT/s 3.0ns/667 MT/s 1.87ns/1066 MT/s 2.5ns/800 MT/s 3.0ns/667 MT/s 2.5ns/800 MT/s BANKING CONFIGURATION Single Single Single Single Single Dual COMPONENT CONFIGURATION 64 Meg x 8 64 Meg x 8 128 Meg x 8 128 Meg x 8 128 Meg x 8 128 Meg x 8
Crucial(R) BallistixTM products are warranted to meet the datasheet specifications as found on its web page www.crucial.com/ballistix. Some system configurations may not be designed to operate or may not operate at the published Crucial Ballistix memory speed and timing settings. Overclocking, running your system faster than the speed for which it was designed or the published speed, or otherwise modifying your system timing may result in damage to computer components and Crucial disclaims any and all liability for such damage. (c)2008 Micron Technology, Inc. All rights reserved. Information is subject to change without notice. Micron, Crucial, the Crucial logo, Ballistix, and the Ballistix logo are trademarks of Micron Technology, Inc. All other trademarks are the property of their respective owners.
64, 128, 256 Meg x 64 Unbuffered DDR2 SDRAM DIMM BL0001.pdf Rev. 2/14/08
1
Micron Technology reserves the right to change products or specifications without notice. (c)2008, Micron Technology


▲Up To Search▲   

 
Price & Availability of BL6464AA804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X