Part Number Hot Search : 
ES350XN LT551 AXX49SMD MC3346 PE3078 2N103J SBL2040 S271M
Product Description
Full Text Search
 

To Download AXLE20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specification AXLE20 Oscillator type : TCXO
Parameter
Frequency range Standard frequencies Frequency stability Initial tolerance vs. temperature in operating temperature range (steady state)
Issue: 03
Date: 2005-05-22
min.
9
typ.
max.
Unit
MHz MHz ppm ppm ppm ppm ppm ppm ppm ppm ppm V V % k
Condition
33 10 / 16.384 /19.44 1 Frequency stability 2.5 1.5 0.8 0.2 0.2 1
@+25C Temperature -40~+85C -20~+70C 0~+50C
Option I
"25" "15" "08"
vs. supply voltage variation vs. load change long term (aging) per year Frequency adjustment range Electronic Frequency Control (EFC) EFC voltage VC EFC slope (f / VC) EFC linearity EFC input impedance RF output Signal waveform Load Amplitude Start-up time Phase noise @16.384 MHz
@ +40C
5 0.25 0.30 negative 100 Clipped Sinus 10 k // 10 pF 0.8
4.75 3.0
Option II = "50" Option II = "33"
4 -85 -115 -130 -145 5.0 3.3
Supply voltage VS
Current consumption (steady state) mA C Operable temperature range C Storage temperature range mm IEC 61837 CO 30 Enclosure (see drawing) gram Weight IEC 60286-3 Packing V HBM as IEC 61000-4-2 ESD Sensitivity Notes: 1. Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated 2. Overall frequency stability = initial tolerance + temp.stability + supply & load change + aging
5.25 3.47 5 -45 +90 -45 +90 19.1x13.1x5 max 5 Tape & reel 1500
4.75 3.13
V ms dBc dBc dBc dBc V
peak-to-peak 10 Hz 100 Hz 1000 Hz 10000 Hz Option II = "50" Option II = "33" @ +25C
Ordering Code:
Model (Specification) AXLE20 Option I 25 Option II Frequency [MHz] 33 12.800
GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany
AXLE20 page 1(2)
www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com
Enclosure drawing
Pin connections
Pin # Symbol Function 1 VC Control Voltage (EFC) 2 GND Ground 4 RF OUT RF Output 5 VS Supply Voltage Other pins: Internal connections
Environmental conditions
Test Visual inspection, dimensions Sealing tests (if applicable) Solderability Resistance to soldering heat Shock* Bump* Free fall* IEC 60068 Part ... IEC 60679-1 clause ... 4.3 4.6.2 4.6.3 Test conditions Enclosure styles as in IEC 60679-3 or 61837, if applicable Gross leak: Test Qc, Fine leak: Test Qk Test Ta (235 5)C Method 1 Test Tb Method 1A, 5s Test Ea, 3 x per axes 100g, 6 ms half-sine pulse Test Eb, 4000 bumps per Axes, 40g, 6 ms Test Ed procedure 1, 2 drops from 1m height Test Fc, 30 min per axes, 10 Hz - 55 Hz 0,75mm; 55 Hz - 2 kHz, 10g Test Na, 10 cycles at extremes of operating temperature range Test Ba, 16 h at upper temperature indicated by climatic category Test Db variant 1 severity b), 55C/95% r.H., 6 cycles Test Aa, 2 h at lower temperature indicated by climatic category Sequence of 4.6.14, 4.6.15 (1st cycle), 4.6.16, 4.6.15 (5 cycles) Test Ca, 56 days
2-17 2-20 2-58 2-27 2-29 2-32
4.6.8 4.6.6 4.6.9 4.6.7
Vibration, sinusoidal* 2-6
Rapid change of temperature Dry heat Damp heat, cyclic* Cold Climatic sequence* Damp heat, steady state* Endurance tests - ageing - extended aging
2-14 2-2 2-30 2-1 1-7 2-3
4.6.5 4.6.14 4.6.15 4.6.16 4.6.17 4.6.18
4.7.1 4.7.2
30 days @ 85C, OCXO @25C 1000h, 2000h, 8000h @85C
GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany
AXLE20 page 2(2)
www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com


▲Up To Search▲   

 
Price & Availability of AXLE20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X