Part Number Hot Search : 
DT70V 2SK3279 51011 TB504 VP2019H MAX3890 SA2002 LF114D
Product Description
Full Text Search
 

To Download AXIOM10S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Issue: 03 Date: 2005-07-15 Specification AXIOM10S Oscillator type : OCXO in SMD package for Stratum III and Stratum IIIe Parameter
Frequency range Standard frequencies Frequency stability Initial tolerance vs. temperature (steady state) operating temperature range vs. supply voltage variation vs. load change long term (aging) 1st year @ +40C, after 30 days Long term stability, overall 15 years Frequency adjustment range Electronic Frequency Control (EFC) RF output Signal waveform Load Rise & decay time Symmetry (duty cycle) Warm-up time Phase noise @12.8 MHz
min.
10
typ.
10.0 / 12.8 500
max.
12.8
Unit
MHz MHz ppm ppb ppb ppb C C ppb ppb ppb ppm ppm
Condition
-40 0 10
280 10 +80 +70 10 200 4.6 N.A. HCMOS 15
@+25C Option II = "S3" Option II = "S3E" Option II = "S3" Option II = "S3E"
Note 2 N.A.
40 -95 -120 -140 -145 3.3 5.0
5 60 5
Supply voltage VS Current consumption (steady state, @ +25C) Current consumption (warm-up) Storage temperature range Enclosure (see drawing) Weight Packing ESD Sensitivity
3.45 5.25 300 250 800 500 -45 +85 25.6x22.2x12.5 max. 9 Bulk, Tape & reel 1500
3.15 4.75
pF ns % min dBc dBc dBc dBc V V mA mA mA mA C mm gram V
@ VS/2 ffinal/f0 < 0.1 ppm 10 Hz 100 Hz 1000 Hz 10000 Hz Option I = "33" Option I = "50" Option I = "33" Option I = "50" Option I = "33" Option I = "50" CO 28 (IEC 61837) IEC 60286-3 HBM as in IEC 610004-2
Notes: 1. Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated 2. Overall frequency stability = temp.stability + supply & load change + aging
Ordering Code:
Model (Specification) AXIOM10S Option I Option II Frequency [MHz] 50 S3E 12.8
GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany
AXIOM10S
page 1(2)
www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com
Enclosure drawing:
Pin connections
Pin # Symbol 1 N.C. 2 VREF 3 VS 4 RF OUT 5 N.C. 6 N.C. 7 GND Function No Connection Reference Voltage Supply Voltage RF Output No Connection No Connection Ground
Environmental conditions
Test Visual inspection, dimensions Sealing tests (if applicable) Solderability Resistance to soldering heat Shock* Bump* Free fall* IEC 60068 Part ... IEC 60679-1 clause ... 4.3 4.6.2 4.6.3 Test conditions Enclosure styles as in IEC 60679-3 or 61837, if applicable Gross leak: Test Qc, Fine leak: Test Qk Test Ta (235 5)C Method 1 Test Tb Method 1A, 5s Test Ea, 3 x per axes 100g, 6 ms half-sine pulse Test Eb, 4000 bumps per Axes, 40g, 6 ms Test Ed procedure 1, 2 drops from 1m height Test Fc, 30 min per axes, 10 Hz - 55 Hz 0,75mm; 55 Hz - 2 kHz, 10g Test Na, 10 cycles at extremes of operating temperature range Test Ba, 16 h at upper temperature indicated by climatic category Test Db variant 1 severity b), 55C/95% r.H., 6 cycles Test Aa, 2 h at lower temperature indicated by climatic category Sequence of 4.6.14, 4.6.15 (1st cycle), 4.6.16, 4.6.15 (5 cycles) Test Ca, 56 days
2-17 2-20 2-58 2-27 2-29 2-32
4.6.8 4.6.6 4.6.9 4.6.7
Vibration, sinusoidal* 2-6
Rapid change of temperature Dry heat Damp heat, cyclic* Cold Climatic sequence* Damp heat, steady state* Endurance tests - ageing - extended aging
2-14 2-2 2-30 2-1 1-7 2-3
4.6.5 4.6.14 4.6.15 4.6.16 4.6.17 4.6.18
4.7.1 4.7.2
30 days @ 85C, OCXO @25C 1000h, 2000h, 8000h @85C
GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany
AXIOM10S
page 2(2)
www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com


▲Up To Search▲   

 
Price & Availability of AXIOM10S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X