Part Number Hot Search : 
4749A HCT14 C3504 MICRF001 HD6417 BN1L3N CM32DA 30L30CT
Product Description
Full Text Search
 

To Download APTF3216SEEVGAPBAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APTF3216SEEVGAPBAC Hyper Orange Green Blue
Features
3.2mmx1.6mm SMT LED, 0.75mm THICKNESS. LOW POWER CONSUMPTION. ONE BLUE, ONE GREEN AND ONE RED CHIPS IN ONE PACKAGE. CAN PRODUCE ANY COLOR IN VISIBLE SPECTRUM, INCLUDING WHITE LIGHT. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Hyper Orange source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode. The Green source color devices are made with InGaN on GSiC Light Emitting Diode. The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subjected to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH7952 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/29/2007 DRAWN: C.WANG
PAGE: 1 OF 7 ERP: 1203007278
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. Hyper Orange (InGaAlP) APTF3216SEEVGAPBAC Green (InGaN) Blue (InGaN)
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Viewing Angle [1] 21/2
Typ. 300 150 60
110 WATER CLEAR 50 18
120
Electrical / Optical Characteristics at TA=25C
Symbol peak Parameter Peak Wavelength Device Hyper Orange Green Blue Hyper Orange Green Blue Hyper Orange Green Blue Hyper Orange Green Blue Hyper Orange Green Blue Hyper Orange Green Blue Typ. 630 520 468 621 525 470 20 35 21 25 100 100 2 3.2 3.2 2.5 4 4 10 10 10 Max. Units nm Test Conditions IF=20mA
D [1]
Dominant Wavelength
nm
IF=20mA
1/2
Spectral Line Half-width
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
V
IF=20mA
IR
Reverse Current
uA
VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Orange 75 30 195
Green 120 30 100 5 -40C To +85C -40C To +85C
Blue 120 30 100
Units mW mA mA V
SPEC NO: DSAH7952 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/29/2007 DRAWN: C.WANG
PAGE: 2 OF 7 ERP: 1203007278
APTF3216SEEVGAPBAC Hyper Orange
SPEC NO: DSAH7952 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/29/2007 DRAWN: C.WANG
PAGE: 3 OF 7 ERP: 1203007278
Green
SPEC NO: DSAH7952 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/29/2007 DRAWN: C.WANG
PAGE: 4 OF 7 ERP: 1203007278
Blue
SPEC NO: DSAH7952 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/29/2007 DRAWN: C.WANG
PAGE: 5 OF 7 ERP: 1203007278
APTF3216SEEVGAPBAC
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH7952 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/29/2007 DRAWN: C.WANG
PAGE: 6 OF 7 ERP: 1203007278
PACKING & LABEL SPECIFICATIONS
APTF3216SEEVGAPBAC
SPEC NO: DSAH7952 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/29/2007 DRAWN: C.WANG
PAGE: 7 OF 7 ERP: 1203007278


▲Up To Search▲   

 
Price & Availability of APTF3216SEEVGAPBAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X