Part Number Hot Search : 
ISP1563 MXT3010 161005 H1N60U SB640FCT SC417 110243 66000
Product Description
Full Text Search
 

To Download APL3015PBC-Z-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0mmx1.5mm SMD CHIP LED LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APL3015PBC/Z-F01
Blue
Features
3.0mmx1.5mm SMT LED, 1.4mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH3776 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/07/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203006761
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APL3015PBC/Z-F01 Blue (InGaN) WATER CLEAR 480 Typ. 850 Viewing Angle [1] 21/2 70
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Blue Blue Blue Blue Blue Blue Typ. 458 465 22 110 3.2 3.7 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 111 30 100 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAH3776 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/07/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203006761
Blue
APL3015PBC/Z-F01
SPEC NO: DSAH3776 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/07/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203006761
APL3015PBC/Z-F01
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH3776 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/07/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203006761
PACKING & LABEL SPECIFICATIONS
APL3015PBC/Z-F01
SPEC NO: DSAH3776 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/07/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203006761


▲Up To Search▲   

 
Price & Availability of APL3015PBC-Z-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X