Part Number Hot Search : 
4AC14 1N4763 FN4465 MAX3232E 1A000 100MR SQM10 SM8224
Product Description
Full Text Search
 

To Download AG32C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIBER
Electronics Inc. PART NUMBERING GUIDE
Package A=HC49/U Tolerance/Stability A=50/100 N=10/10ppm B=30/50 C=15/30 D=15/50 E=25/30 F=25/50 G=10/30 H=20/20 J= 5/10 K=20/20 L=10/25 M=15/15
Lead-Free RoHS Compliant
A Series
HC-49/U Microprocessor Crystal
Environmental/Mechanical Specifications on page F5
A A 32 C 3 - 30.000MHz - I - AT
Configuration Options I=Insulator Tab, TR=Tape and Reel (ammo for thru-hole), L=Third Lead L3=Third Lead/Base Mount, V=Vinyl Sleeve, AT=Cut of Quartz SP=Spring Mount, G-Gull Wing, G1=Gull Wing/Metal Jacket Mode of Operation 1=Fundamental (over 25.000MHz AT and BT Cut Available) 3=Third Overtone, 5=Fifth Overtone Operating Temperature Range C=0C to 70C / E=-20C to 70C G=-20C to 85C / F=-40C to 85C Load Capacitance S=Series, XX=XXpF (Pico Farads)
ELECTRICAL SPECIFICATIONS
Frequency Range Frequency Tolerance/Stability A, B, C, D, E, F, G, H, J, K, L, M Operating Temperature Range "C" Option, "E" Option, "F" Option Aging Storage Temperature Range Load Capacitance "S" Option "XX" Option Shunt Capacitance Insulation Resistance Drive Level Solder Temp (Max.) / Plating / Moisture Sensitivity 1.000MHz to 200.000MHz
Revision: 1994-D
See above for details! Other Combinations Available. Contact Factory for Custom Specifications. 0C to 70C, -20C to 70C, -40C to 85C 5ppm / year Maximum -55C to 125C Series 10pF to 50pF 7pF Maximum 500 Megaohms Minimum at 100Vdc 2mWatts Maximum, 100uWatts Correlation 260C maximum / Sn-Ag-Cu / None
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency (MHz)
1.000 1.8432 2.000 2.4576 3.000 3.2768
ESR (ohms)
2000 650 550 350 250 200
Frequency (MHz)
3.579545 3.6864 3.93216 to 4.000 4.096 4.194304 to 4.9152 5.000 to 5.068
ESR (ohms)
180 150 120 100 80 65
Frequency (MHz)
6.000 to 6.400 7.15909 to 7.3728 8.0640 to 9.8304 10.000 to 12.28890 12.960 to 30.000 (Fund) 24.000 to 50.000 (3rd OT)
ESR (ohms)
50 40 35 30 25 40
MECHANICAL DIMENSIONS
All Dimensions in mm.
11.18 MAX 12.70 MIN
Marking Guide
4.88 0.20 0.4570.051 DIA 13.58 MAX
Line 1: Line 2: Line 3: Line 4:
Caliber Part Number Frequency Date Code
4.70 MAX
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of AG32C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X