Part Number Hot Search : 
1N4744AP 61010 SI9958DY MCZ338 01501 LM2029 ICX098AL 0942733
Product Description
Full Text Search
 

To Download ADB1504P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIOTEC ELECTRONICS CORP.
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Data Sheet No. BRDB-1500P-1C ADBD-1500P-1C
15 AMP SILICON BRIDGE RECTIFIERS
FEATURES MECHANICAL SPECIFICATION
SERIES: DB1500P - DB1510P and ADB1504P - ADB1508P
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM MECHANICAL STRENGTH AND HEAT DISSIPATION (Solder Voids: Typical < 2%, Max. < 10% of Die Area) BUILT-IN STRESS RELIEF MECHANISM FOR SUPERIOR RELIABILITY AND PERFORMANCE INTEGRALLY MOLDED HEAT SINK PROVIDES VERY LOW THERMAL RESISTANCE FOR MAXIMUM HEAT DISSIPATION
LT
LL
UL RECOGNIZED - FILE #E141956 RoHS COMPLIANT
MECHANICAL DATA
Case: Molded epoxy with integral heat sink Epoxy carries a U/L Flammability rating of 94V-0 Terminals: Round silver plated copper pins or fast-on terminals Soldering: Per MIL-STD 202 Method 208 guaranteed (Note 1) Polarity: Marked on side of case Mounting Position: Any. Through hole for #8 screw. Max. mounting torque = 20 in-lb. Weight: Fast-on Terminals - 0.7 Ounces (20.0 Grams) Wire Leads - 0.55 Ounce (16.0 Grams)
SYM BL BH D1 D2 D3 LT
D1
HOLE FOR #8 SCREW
HOLE FOR #8 SCREW
+
D1
D2 BL
D1 BL
MILLIMETERS MIN
INCHES
SYM BL BH D1 D2 LL
MILLIMETERS MIN
INCHES
28.4
9.6 15.7 17.5 13.5 n/a
MAX 28.7 10.2 16.7 18.5 14.5
MIN
1.12 0.38 0.62 0.69 0.53 n/a
MAX 1.13 0.40 0.66 0.73 0.57 0.6
28.4
9.6 17.5 10.9 20.6
MAX 28.7 10.2 18.5 11.9 n/a
MIN
1.12 0.38 0.69 0.43 0.81 0.039
15.2
LD
1.0
1.1
Suffix "T" indicates FAST-ON TERMINALS
Suffix "W" indicates WIRE LEADS
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
2 B 7H 3 ! # (c)! (c)(c)1 (c)& 7! @ 3(c)G3(c)& ! @ 3 E! @ (c)! # 8 B A (c)@ 9(c)0 ' ! '7! %3(c) 6523 ! 0 (c)! ( (c)' ! (c)! $ (c)" ! (c) ! (c) (c) I #$) #! 81 % ) " )#&F 21 % )$1 #& DC 8! ( % 8 " | 4 1 )!" #! & %$ # #! |
PARAMETER (TEST CONDITIONS)
Series Number
RATINGS
SYMBOL
CONTROLLED AVALANCHE
NON-CONTROLLED AVALANCHE
UNITS
Rating for Fusing (Non Repetitive; 1mS < t < 8.3mS) Peak Forward Surge Current. Single 60Hz Half-Sine Wave Superimposed on Rated Load (JEDEC Method). T = 150 C Average Forward Rectified Current @ T = 50 C
Junction Operating and Storage Temperature Range Mimimum Avalanche Voltage Maximum Avalanche Voltage Maximum Forward Voltage (Per Diode) at 7.5 Amps DC
Y X W V
It
E
375 400 15 -55 to +150 See Note 1 See Note 1 1.05 1 50 2500 1.4 n/a n/a
AMPS SEC
I
AMPS C
IU
SR T9
TP , TQ V V
VOLTS
E37
E E C AE A A AA
A
37"' "&0 # %9C& %0 & 10)# (8|(# ((' (|( (# |# " $ 2|( ' 5 |B| 7( @ 0 |( ' (8 45 2|#( "|# ' "( "|'(# ' # $|# (c) " | | || T9wu '9 # A & "# %99#706 3& 10 ) #(c) (c)'& %# " (c)! (c) yy u

Typical Thermal Resistance, Junction to Case
R
A
A 9
V3/4
1/2 7
@ T = 25 C Maximum Reverse Current at Rated V @T = 125 C Minimum Insulation Breakdown Voltage (Circuit to Case)
* 7
I1/4
T
V|
mA VOLTS C/W
7g i rqp h
RMS Reverse Voltage
Vg
377
(R) b7(c)
fe 77
Maximum Peak Recurrent Reverse Voltage
Ve
db ca
Working Peak Reverse Voltage
V
7 t
Maximum DC Blocking Voltage
Vs
400
600
800
50
100
200
400
600
800 1000
VOLTS
280
420
560
35
70
140
280
420
560
700
o To
_
~~}{ zyxwv utsrp onml 66(c)6E363EdT3E(c)q6E3iE636EE|6E3q63Eq63Ek j 7hi7f77777777wu ge d y xv
+
_
a Ea
D3 BL
BL D1
_
e(c)e eae ee cae (c)e 3a
o To
b TEU a YUUU O x O O O I O I O N I E E E III a Ea
BH
BH
b/ o
oii (c)n i ii (c)i i bu u
LD
+
D2
MAX 1.13 0.40 0.73 0.47 n/a
0.042
DIOTEC ELECTRONICS CORP.
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Data Sheet No. BRDB-1500P-2B ABDB-1500P-2B
15 AMP SILICON BRIDGE RECTIFIERS
RATING & CHARACTERISTIC CURVES FOR SERIES DB1500P - DB1510P and SERIES ADB1504P - ADB1508P
Average Forward Current, Io (Amperes)
15
9
Bridge Mounted on 5 x 4 x 3" Thick (12.7 x 10.2 x 7.6cm) Finned Al. Plate
3
0
0
50
100
150
Case Temperature, C FIGURE 1. FORWARD CURRENT DERATING CURVE
Number of Cycles at 60 Hz FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
10
Instantaneous Forward Current (Amperes)
Instantaneous Reverse Current, I (Milcroamperes)
T = 125 C
1.0
10
1.0
T = 25 C
Instantaneous Forward Voltage (Volts) FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Percent of Rated Peak Reverse Voltage FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Q P HI G|G F E D
E38
db ca(UW(US YXV TT
us (t(q r
ig h(e f
p
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
.01
y
x
T = 25 C Pulse Width = 300mSec 1%Duty Cycle
0.1
(
U
w
v
(U
6
((
12
Peak Forward Surge Current (Amperes)
T = 150 C
g
f
(( e |d
60Hz Resistive and Inductive Loads
(
18
R
(|U (U


▲Up To Search▲   

 
Price & Availability of ADB1504P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X