Part Number Hot Search : 
212D0 AN8710 EDZ13B T74FS AX150 2N2861 LTC18 02205
Product Description
Full Text Search
 

To Download ACSA02-41SYKWA-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT DISPLAY
Part Number: ACSA02-41SYKWA-F01 Super Bright Yellow
Features
0.2INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. I.C. COMPATIBLE MECHANICALLY RUGGED. GRAY FACE,WHITE SEGMENT. PACKAGE : 650PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Description
The Super Bright Yellow device is made with InGaAlP (on GaAs substrate) light emitting diode chip.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. 3. The gap between the reflector and PCB shall not exceed 0.25mm.
SPEC NO: DSAG0264 APPROVED: WYNEC
REV NO: V.3 CHECKED: Joe Lee
DATE: JUN/18/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1351000419
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. ACSA02-41SYKWA-F01 Super Bright Yellow (InGaAlP) WHITE DIFFUSED 8000 Typ. 34000 Common Anode, Rt. Hand Decimal. Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Typ. 590 590 20 20 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Yellow 75 30 175 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAG0264 APPROVED: WYNEC
REV NO: V.3 CHECKED: Joe Lee
DATE: JUN/18/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1351000419
Super Bright Yellow
ACSA02-41SYKWA-F01
SPEC NO: DSAG0264 APPROVED: WYNEC
REV NO: V.3 CHECKED: Joe Lee
DATE: JUN/18/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1351000419
ACSA02-41SYKWA-F01
Recommended Soldering Pattern (Units : mm; Tolerance: 0.15)
Reel Dimension
Tape Specifications (Units : mm)
SPEC NO: DSAG0264 APPROVED: WYNEC
REV NO: V.3 CHECKED: Joe Lee
DATE: JUN/18/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1351000419
PACKING & LABEL SPECIFICATIONS
ACSA02-41SYKWA-F01
SPEC NO: DSAG0264 APPROVED: WYNEC
REV NO: V.3 CHECKED: Joe Lee
DATE: JUN/18/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1351000419


▲Up To Search▲   

 
Price & Availability of ACSA02-41SYKWA-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X