Part Number Hot Search : 
SMA592 XX1002 SMA592 HY5DV64 ENV50140 BU2506 1N6285A 30130
Product Description
Full Text Search
 

To Download ACDA04-41SURKWA-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT DISPLAY
Part Number: ACDA04-41SURKWA-F01 Hyper Red
Features
0.4INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. I.C. COMPATIBLE. MECHANICALLY RUGGED. GRAY FACE,WHITE SEGMENT. PACKAGE: 250PCS/ REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. 3.The gap between the reflector and PCB shall not exceed 0.25mm.
SPEC NO: DSAG0241 APPROVED: WYNEC
REV NO: V.5 CHECKED: Joe Lee
DATE: JUN/14/2007 DRAWN: Y.H.CHEN
PAGE: 1 OF 5 ERP: 1352000343
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. ACDA04-41SURKWA-F01 Hyper Red (InGaAlP) WHITE DIFFUSED 8000 Typ. 26000 Common Anode, Rt. Hand Decimal. Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 650 635 28 35 1.95 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 75 30 185 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAG0241 APPROVED: WYNEC
REV NO: V.5 CHECKED: Joe Lee
DATE: JUN/14/2007 DRAWN: Y.H.CHEN
PAGE: 2 OF 5 ERP: 1352000343
Hyper Red
ACDA04-41SURKWA-F01
SPEC NO: DSAG0241 APPROVED: WYNEC
REV NO: V.5 CHECKED: Joe Lee
DATE: JUN/14/2007 DRAWN: Y.H.CHEN
PAGE: 3 OF 5 ERP: 1352000343
ACDA04-41SURKWA-F01
Recommended Soldering Pattern (Units : mm; Tolerance: 0.15)
Reel Dimension
Tape Specifications (Units : mm)
SPEC NO: DSAG0241 APPROVED: WYNEC
REV NO: V.5 CHECKED: Joe Lee
DATE: JUN/14/2007 DRAWN: Y.H.CHEN
PAGE: 4 OF 5 ERP: 1352000343
PACKING & LABEL SPECIFICATIONS
ACDA04-41SURKWA-F01
SPEC NO: DSAG0241 APPROVED: WYNEC
REV NO: V.5 CHECKED: Joe Lee
DATE: JUN/14/2007 DRAWN: Y.H.CHEN
PAGE: 5 OF 5 ERP: 1352000343


▲Up To Search▲   

 
Price & Availability of ACDA04-41SURKWA-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X