|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SURFACE MOUNT DISPLAY Part Number: ACDA02-41SURKWA-F01 Hyper Red Features 0.2 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. I.C. COMPATIBLE. MECHANICALLY RUGGED. PACKAGE :300PCS / REEL. GRAY FACE, WHITE SEGMENT. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT. Description The Hyper Red source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode. Package Dimensions& Internal Circuit Diagram Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. 3.The gap between the reflector and PCB shall not exceed 0.25mm. SPEC NO: DSAG0217 APPROVED: WYNEC REV NO: V.4 CHECKED: Joe Lee DATE: JUN/18/2007 DRAWN: Y.L.LI PAGE: 1 OF 5 ERP: 1352000352 Selection Guide Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. ACDA02-41SURKWA-F01 Hyper Red (InGaAlP) WHITE DIFFUSED 8000 Typ. 30400 Common Anode, Rt. Hand Decimal. Description Note: 1. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 650 635 28 35 1.95 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Hyper Red 75 30 185 5 -40C To +85C Units mW mA mA V SPEC NO: DSAG0217 APPROVED: WYNEC REV NO: V.4 CHECKED: Joe Lee DATE: JUN/18/2007 DRAWN: Y.L.LI PAGE: 2 OF 5 ERP: 1352000352 Hyper Red ACDA02-41SURKWA-F01 SPEC NO: DSAG0217 APPROVED: WYNEC REV NO: V.4 CHECKED: Joe Lee DATE: JUN/18/2007 DRAWN: Y.L.LI PAGE: 3 OF 5 ERP: 1352000352 ACDA02-41SURKWA-F01 Recommended Soldering Pattern (Units : mm; Tolerance: 0.15) Reel Dimension Tape Specifications (Units : mm) SPEC NO: DSAG0217 APPROVED: WYNEC REV NO: V.4 CHECKED: Joe Lee DATE: JUN/18/2007 DRAWN: Y.L.LI PAGE: 4 OF 5 ERP: 1352000352 PACKING & LABEL SPECIFICATIONS ACDA02-41SURKWA-F01 SPEC NO: DSAG0217 APPROVED: WYNEC REV NO: V.4 CHECKED: Joe Lee DATE: JUN/18/2007 DRAWN: Y.L.LI PAGE: 5 OF 5 ERP: 1352000352 |
Price & Availability of ACDA02-41SURKWA-F01 |