|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
XPower PRELIMINARY SPEC Part Number: AA1010SE28ZC Reddish-Orange Features PLCC-4 PACKAGE. SINGLE COLOR. HIGH LUMINANCE. HIGH POWER,OPERATING CURRENT @350mA. SUITABLE FOR ALL SMT ASSEMBLY METHODS. PACKAGE : 500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. PATENT PENDING. RoHS COMPLIANT. Applications traffic signaling backlighting (illuminated advertising , general lighting) interior and exterior automotive lighting substitution of micro incandescent lamps portable light source (e.g. bicycle flashlight) signal and symbol luminaire for orientation marker lights (e.g. steps, exit ways, etc) decorative and entertainment lighting indoor and outdoor commercial and residential architectural lighting Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications. SPEC NO: DSAH7221 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: SEP/07/2007 DRAWN: W.J.HUA PAGE: 1 OF 5 ERP:1201003299 Selection Guide Part No. Dice Lens Type luminous Intensity [2] Iv(cd)@ 350mA Min. AA1010SE28ZC Reddish-Orange (InGaAlP) WATER CLEAR 16 Typ. 32 v (lm) [2] @ 350mA Min. 12.5 Typ. 26 Viewing Angle [1] 21/2 120 Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity / luminous Flux: +/-15%. Absolute Maximum Ratings at TA=25C Parameter Power dissipation Junction temperature Operating Temperature Storage Temperature DC Forward Current [1] Peak Forward Current [2] Thermal resistance [1] Symbol Pt TJ Top Tstg IF IFM Rth Value 1.2 110 -40 To +85 -40 To +85 350 500 60 Unit W C C C mA mA C/W Notes: 1.Results from mounting on PC board FR4(pad size100mm 2 per pad), mounted on pc board-metal core PCB is recommend for lowest thermal Resistance. 2.1/10 Duty Cycle, 0.1ms Pulse Width. Electrical / Optical Characteristics at TA=25C Parameter Wavelength at peak emission Dominant Wavelength IF=350mA [Typ.] Symbol peak Dom [1] Value 640 625 30 2.0 VF [2] 2.5 3.0 TCpeak 0.14 nm/C V Unit nm nm nm IF=350mA [Typ.] Spectral bandwidth at 50%REL MAX IF=350mA [Typ.] Forward Voltage Forward Voltage Forward Voltage IF=350mA IF=350mA IF=350mA [Min.] [Typ.] [Max.] Temperature coefficient of peak IF=350mA, -10C T100C [Typ.] Temperature coefficient of dom IF=350mA, -10C T100C [Typ.] Temperature coefficient of VF IF=350mA, -10C T100C [Typ.] Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. TCdom 0.12 nm/C TCV -3.0 mV/C SPEC NO: DSAH7221 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: SEP/07/2007 DRAWN: W.J.HUA PAGE: 2 OF 5 ERP:1201003299 AA1010SE28ZC SPEC NO: DSAH7221 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: SEP/07/2007 DRAWN: W.J.HUA PAGE: 3 OF 5 ERP:1201003299 AA1010SE28ZC Recommended Soldering Pattern (Units : mm; Tolerance: 0.1) Reel Dimension Tape Specifications (Units : mm) SPEC NO: DSAH7221 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: SEP/07/2007 DRAWN: W.J.HUA PAGE: 4 OF 5 ERP:1201003299 PACKING & LABEL SPECIFICATIONS AA1010SE28ZC SPEC NO: DSAH7221 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: SEP/07/2007 DRAWN: W.J.HUA PAGE: 5 OF 5 ERP:1201003299 |
Price & Availability of AA1010SE28ZC |