Part Number Hot Search : 
20012 RB208 PM73123 MUR1505 AY31015D H1121NL DVSA2812 AY31015D
Product Description
Full Text Search
 

To Download A264B-SUB-S400-A4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
3.0mm Round Type LED Lamps A264B/SUB/S400-A4
Features :

Low power consumption High efficiency and low cost Good control and free combinations on the colors of LED lamps Good lock and easy to assembly Stackable and easy to assembly Stackable vertically and easy to assembly Versatile mounting on P.C board or panel Stackable horizontally and easy to assembly Pb free

Descriptions :

ARRAY=Plastic Holder+Combinations of Lamps The array will easily mount the applicable lamps on any panel up to
Applications :
1.Used as indicators of indicating the Degree, Functions, Positions etc, in electronic instruments.
PART NO. 264-10SUBD/C470/S400-A4
Chip Material InGaN Emitted Color Super Blue
Lens Color Blue Diffused
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-026-087
http : //www.everlight.com Prepared date: 2005/2/21
REV.: 1 Prepared by:
Page: 1 of 6 Lian Xiang You
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A264B/SUB/S400-A4
Package Dimensions
Notes: 1.All dimensions are in millimeters, tolerance is 0.25mm except being specified
2.Lead spacing is measured where the lead emerge from the package
Absolute Maximum Ratings at Ta = 25
Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Peak Forward Current Reverse Voltage Symbol IF Topr Tstg Tsol ESD Pd IF(Peak) VR Rating Unit mA V mW mA V
25
-40 to +85 -40 to +100 260 5 150 110 100 5
Note: *1:IFP Conditions --Pulse Width 1msec and Duty 1/10. *2:Soldering time 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-026-087
http : //www.everlight.com Prepared date: 2005/2/21
REV.: Prepared by:
1
Page:
2 0f 6
Lian Xiang You
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A264B/SUB/S400-A4
Electro-Optical Characteristics(Ta=25) Parameter Forward Voltage Reverse Current Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Symbol VF IR Iv 21/2 p d Condition IF= VR= IF= IF= IF= IF= IF= 20 5 20 20 20 20 20 mA V mA mA mA mA mA Min. 160 Typ. 3.4 250 35 468 470 35 Max. 4.0 50 Unit V A mcd deg nm nm nm
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-026-087
http : //www.everlight.com Prepared date: 2005/2/21
REV.: Prepared by:
1
Page: 3 of 6
Lian Xiang You
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A264B/SUB/S400-A4 Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-026-087
http : //www.everlight.com Prepared date: 2005/2/21
REV.: 1 Prepared by:
Page:
4 of 6
Lian Xiang You
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A264B/SUB/S400-A4
Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below. Confidence level97% LTPD3%
NO
Item
Test Conditions
Test Hours/Cycle 10 SEC
Sample Size 76 PCS
Failure Judgment Criteria
Ac/Re
1
Solder Heat
TEMP : 260 5 H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min TEMP : 100
0/1
2
Temperature Cycle
300 CYCLES 76 PCS
0/1
3
Thermal Shock
300 CYCLES 76 PCS
4
High Temperature Storage
1000 HRS
IvIvt*0.5 or VfU 76 PCS or VfL 76 PCS
0/1
0/1
5
Low Temperature Storage
TEMP : -40 TEMP : 25 IF = 20mA 85 / 85% RH
1000 HRS
0/1
6 7
DC Operating Life High Temperature / High Humidity
1000 HRS 1000 HRS
76 PCS 76 PCS
0/1 0/1
Note IvtThe test Iv value of the chip before the reliablility test IvThe test value of the chip that has completed the reliablility test UUpper Specification Limit L Lower Specification Limit
EVERLIGHT ELECTRONICS CO.,LTD. http : //www.everlight.com
REV.: Prepared by:
1
Page: 5 of 6 Lian Xiang You
Device Number : CDAE-026-087
Prepared date: 2005/2/21
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A264B/SUB/S400-A4
Packing Quantity Specification
1.250PCS/1Bag4Bags/1Box 2. 10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity A264B/SUB/S400-A4 CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place Notes 1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT 'sconsent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C Tel: (886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com Prepared date: 2005/2/21
REV.: Prepared by:
1
Page: 6 0f 6 Lian Xiang You
Device Number :
CDAE-026-087


▲Up To Search▲   

 
Price & Availability of A264B-SUB-S400-A4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X