Part Number Hot Search : 
1N938B 56163 BU189 BU400 F4002 LVG25030 CMD4A RURG306
Product Description
Full Text Search
 

To Download A150X1-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMP-TRAP(R)-Form 101
A150X
SEMICONDUCTOR PROTECTION FUSES
A150X Amp-trap(R) Form 101 Semiconductor Protection fuses, rated up to 1000A, 1500VAC are suitable for Traction drive and auxiliary circuits and for High Voltage Heavy duty rectifier applications. A150X fuses are suitable for use up to 1500VDC on circuits depending on time constant.
Features / Benefits (R) 1500 Volt AC rated for wide range of applications (R) Heavy Duty Links (R) Rugged Fiberglass Body
Ratings (R) AC: 1A to 1000A 1500VAC, 100kA I.R. (R) DC: 1A to 1000 1000VDC, 100kA I.R. L/R = 1000ms
Approvals (R) Ferraz Shawmut Certified
Figure 1
HIGHLIGHTS: Fast Acting (R) Current Limiting 2 (R) Low l t
(R)
APPLICATIONS: (R) Protection of traction drive and auxiliary circuits, etc.
Figure 2
Standard Fuse Ampere Ratings Catalog Numbers
AMPERE CATALOG RATING NUMBER
1 15 15 20 20 25 30 30 35 40 50 60 70 80 A150X1-1 A150X15-1 A150X15-4 A150X20-1 A150X20-4 A150X25-4 A150X30-1 A150X40-4 A150X35-4 A150X40-4 A150X50-4 A150X60-4 A150X70-4 A150X80-4
OUTLINE FIG.
1 1 2 1 2 2 1 2 2 2 2 2 2 2
AMPERE RATING
90 100 125 150 175 200 250 300 400 450 500 600 800 1000
CATALOG NUMBER
A150X90-4 A150X100-4 A150X125-4 A150X150-4 A150X175-4 A150X200-4 A150X250-4 A150X300-4 A150X400-4 A150X450-4 A150X500-4 A150X600-4 A150X800-4 A150X1000-4
OUTLINE FIG.
2 2 2 2 2 2 2 2 2 2 2 2 2 2
Figure 3
Dimensions
OUTLINE REF. A150X1 to 30 A150X15 to 60 A150X70 to 100 A150X125 to 300 A150X400 to 600 A150X800 to 1000 MOUNTING TYPE 1 4 4 4 4 4 FIG. A 1 2 2 2 2 3 7.15 (182) 7.87 (127) 7.87 (145) 9.75 (145) 9.87 (251) 1.21 (31) 1.50 (31) 2.00 (38) 2.50 (51) 3.50 (89) 5.62 (143) 5.62 (173) 5.62 (88) 6.62 (88) 6.12 (155) 6.46 (164) 6.93 (176) 6.93 (176) 8.31 (211) 8.03 (204) 6.34 (161) 6.31 (160) 6.31 (160) 8.06 (205) 7.71 (196) 0.31 (8) 0.40 (10) 0.40 (10) 0.56 (14) 0.56 (14) 1.00 (25) 1.00 (25) 1.50 (38) 2.00 (51) 2.75 (70) 0.18 (3) .025 (6) 0.25 (6) 0.25 (6) 0.37 (9) 1.37 (35) B C DIMENSIONS - INCHES (mm) D E F G H J
D 46
AMP-TRAP(R)-Form 101
A150X
SEMICONDUCTOR PROTECTION FUSES
Peak Let-Thru Data - A150X15 to 1000, 1500 VAC
Maximum Instantaneous Peak Let-Thru Amperes
Melting Time - Current Data, 1500V Fuses
Time in Seconds
D
Available Current in RMS Symmetrical Amperes
Current in Amperes
I2t DATA - 1500 VAC, 100kA
AMPERE RATING PRE-ARC I2t (A2s x 103)
1.4 2.5 3.8 5.5 7.5 9.8 15.3 22 31 40 50 61 100 138 188 245 383 551 980 1240 1530 2204 3918 6122
TOTAL I2t DATA AT 1500VAC (A2s x 103)
2.94 5.25 8.04 11.6 15.8 20.6 32.1 46.2 62 80 100 128 215 290 395 515 804 1157 2057 2603 3213 4629 8829 12860
DC VOLTAGE CAPACITY VS. TIME CONSTANT
15 20 25 30 35 40 50 60 70 80 90 100 125 150 175 200 250 300 400 450 500 600 800 1000
DC Voltage Capability
Circuit Time Constant L/R (ms) D 47


▲Up To Search▲   

 
Price & Availability of A150X1-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X