Part Number Hot Search : 
PU1S516 LD505 6BD24 MTC14 ISL59 FX641P4 MUR3040 CT100
Product Description
Full Text Search
 

To Download 730P124X9250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Not for New Design
Type 730P
Vishay Sprague
Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
FEATURES
* Excellent AC performance * Low Power dissipation * Low dielectric absorption * Close tolerance * High stability
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 C to + 85 C Voltage derating: At + 105 C, 50 % of + 85 C rating ESR: 20 kHz to 100 kHz Capacitance Range: 0.022 F to 10.0 F Capactiance Tolerance: 20 %, 10 %, 5 % DC Voltage Rating: 100 WVDC to 630 WVDC AC Voltage Rating: 70 Vrms to 275 Vrms, 60 Hz to 400 Hz Dissipation Factor: 0.1 % maximum Measure all units at 1000 Hz at + 25 C DC Voltage Test: 200 % of rated voltage for 2 minutes AC Voltage Test: 130 % of rated rms voltage at 60 Hz for 15 seconds Insulation Resistance: Measured at 100 WVDC after a 2 minute charge. At + 25 C: 200 000 Megohm - Microfarads or 400 000 Megohm minimum. At + 85 C: 10 000 Megohm - Microfarads or 20 000 Megohm minimum. At + 105 C: 1000 Megohm - Microfarads or 2000 Megohm minimum. Vibration Test (Condition B): No mechanical damage, short, open or intermittent circuits. AC Life Test: 110 % of rated rms voltage at 60 Hz for 1000 hours at + 85 C. Maximum CAP 5 % Minimum IR = 50 % of initial limit Maximum DF = 0.12 % DC Life Test: 150 % of rated voltage for 1000 hours at + 85 C. No open or short circuits. No visible damage. Maximum CAP 1.0 % Minimum IR = 50 % of initial limit Maximum DF = 0.12 % Humidity Test: 95 % relative humidity at + 40 C for 250 hours. No visible damage. Maximum CAP 1.0 % Minimum IR = 20 % of initial limit Maximum DF = 0.12 %
PHYSICAL CHARACTERISTICS
Lead Pull: 5 pounds (2.3 kilograms) for one minute. No physical damage. Lead Bend: After three complete consecutive bends. No damage. Marking: Sprague(R) trademark, type or part number, capacitance and voltage.
DIMENSIONS in inches [millimeters]
1.750 [44.45] Min. L 0.062 [1.57] 1.750 [44.45] Min. D Max.
Solid Tinned Wire 0.032 [0.81] Nominal Dia. (No. 20 AWG)
* Leads to be within 0.062" [1.57 mm] of center line at egrees but not less than 0.031" [0.79 mm] from edge.
Document Number: 42029 Revision: 07-Feb-07
For technical questions, contact: spresale@vishay.com
www.vishay.com 25
Not for New Design
Type 730P
Vishay Sprague
Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
MAXIMUM RIPPLE CURRENT ESR (Amps rms) at 20 kHz (Milliohms) Case Temperature*** at 20 kHz 100 Khz + 25 C + 35 C + 45 C + 55 C + 65 C + 75 C + 85 C 100 WVDC Not applicable. These capacitance values are not customarily used in switched-mode power supplies. 37.0 3.7 3.4 3.1 2.8 2.5 2.0 1.4 35.0 3.9 3.6 3.3 2.9 2.6 2.1 1.5 33.0 4.1 3.8 3.5 3.1 2.8 2.2 1.6 31.0 4.3 4.0 3.6 3.2 2.9 2.3 1.7 26.0 5.5 5.1 4.7 4.2 3.6 2.8 2.6 24.0 5.7 5.3 4.9 4.4 3.8 3.0 2.8 20.0 6.1 5.5 5.1 4.6 4.0 3.2 3.1 19.0 6.3 5.7 5.3 4.8 4.1 3.4 3.0 18.0 6.5 6.0 5.5 4.9 4.2 3.5 3.2 18.0 6.8 6.3 5.7 5.1 4.4 3.6 3.3 17.0 7.1 6.5 6.0 5.3 4.6 3.7 3.4 16.0 7.3 6.7 6.2 5.5 4.8 3.9 3.5 16.0 7.4 6.8 6.4 5.6 4.9 4.0 3.6 15.0 7.6 6.9 6.6 5.8 5.1 4.1 3.7 15.0 7.8 7.0 6.7 5.9 5.2 4.2 3.8 15.0 8.1 7.4 6.8 6.0 5.3 4.3 3.9 14.0 8.3 7.6 7.0 6.2 5.4 4.4 4.0 14.0 8.4 7.7 7.1 6.4 5.5 4.5 4.1 14.0 8.5 7.8 7.2 6.5 5.6 4.6 4.2 13.0 8.5 8.0 7.4 6.7 5.7 4.7 4.3 13.0 8.6 8.3 7.7 6.8 6.0 4.8 4.4 13.0 8.8 8.6 8.0 7.0 6.1 4.9 4.5 12.0 9.0 9.0 8.5 7.6 6.6 5.4 4.9 250 WVDC Not applicable. These capacitance values are not customarily used in switched-mode power supplies. 35.0 3.8 3.7 3.6 3.4 2.9 2.4 1.7 33.0 3.9 3.8 3.7 3.5 3.1 2.5 1.8 32.0 4.0 3.9 3.8 3.7 3.2 2.6 1.9 31.0 4.2 4.1 4.0 3.9 3.4 2.8 2.0 28.0 4.4 4.4 4.4 4.4 4.3 3.5 3.2 27.0 4.7 4.6 4.5 5.0 4.5 3.7 3.3 26.0 5.1 5.0 4.9 5.4 4.7 3.9 3.5 25.0 5.9 5.8 5.7 5.7 5.0 4.1 3.7 21.0 7.2 7.2 6.8 6.0 5.2 4.3 3.9 20.0 8.4 7.5 7.0 6.3 5.4 4.5 4.1 19.0 8.6 7.8 7.3 6.6 5.7 4.7 4.3 18.0 9.0 8.3 7.6 6.8 5.9 4.8 4.4 18.0 9.0 8.4 7.8 7.0 6.0 4.9 4.5 17.0 9.0 8.5 8.0 7.2 6.2 5.0 4.6 16.0 9.0 8.6 8.2 7.4 6.3 5.1 4.7 16.0 9.0 8.8 8.5 7.7 6.6 5.3 4.9 15.0 9.0 9.0 8.8 7.9 6.8 5.6 5.1 15.0 9.0 9.0 8.9 8.0 7.0 5.8 5.3 15.0 9.0 9.0 9.0 8.2 7.2 5.9 5.5 15.0 9.0 9.0 9.0 8.4 7.4 6.0 5.6 14.0 9.0 9.0 9.0 8.7 7.8 6.3 5.8 14.0 9.0 9.0 9.0 8.8 7.9 6.4 5.9 13.0 9.0 9.0 9.0 8.9 8.3 6.8 6.2
STANDARD RATINGS in inches [millimeters]
CAPACITANCE (F) PART NUMBER** 0.22 0.27 0.33 0.39 0.47* 0.56 0.68 0.82 1.0* 1.2 1.5 1.8 2.0 2.2 2.7 3.0 3.3 3.9 4.0 4.7 5.0 5.6 6.0 6.8 8.0 8.2 10.0 730P224X9100 730P274X9100 730P334X9100 730P394X9100 730P474X9100 730P564X9100 730P684X9100 730P824X9100 730P105X9100 730P125X9100 730P155X9100 730P185X9100 730P205X9100 730P225X9100 730P275X9100 730P305X9100 730P335X9100 730P395X9100 730P405X9100 730P475X9100 730P505X9100 730P565X9100 730P605X9100 730P685X9100 730P805X9100 730P825X9100 730P106X9100
CASE SIZE D L 0.275 [7.0] 0.298 [7.6] 0.324 [8.2] 0.347 [8.8] 0.376 [9.6] 0.321 [8.2] 0.348 [8.8] 0.377 [9.6] 0.421 [10.7] 0.454 [11.5] 0.500 [12.7] 0.541 [13.7] 0.486 [12.3] 0.507 [12.9] 0.554 [14.1] 0.581 [14.8] 0.606 [15.4] 0.654 [16.6] 0.537 [13.6] 0.577 [14.7] 0.593 [15.1] 0.624 [15.8] 0.644 [16.4] 0.682 [17.3] 0.735 [18.7] 0.743 [18.9] 0.815 [20.7] 0.75 [19.0] 0.75 [19.0] 0.75 [19.0] 0.75 [19.0] 0.75 [19.0] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.25 [31.8] 1.25 [31.8] 1.25 [31.8] 1.25 [31.8] 1.25 [31.8] 1.25 [31.8] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5]
0.1* 730P104X9250 0.279 [7.1] 0.75 [19.0] 0.12 730P124X9250 0.300 [7.6] 0.75 [19.0] 0.15 730P154X9250 0.327 [8.3] 0.75 [19.0] 0.18 730P184X9250 0.353 [9.0] 0.75 [19.0] 0.22* 730P224X9250 0.306 [7.8] 1.00 [25.4] 0.27 730P274X9250 0.333 [8.5] 1.00 [25.4] 0.33* 730P334X9250 0.362 [9.2] 1.00 [25.4] 0.39 730P394X9250 0.389 [9.9] 1.00 [25.4] 0.47* 730P474X9250 0.422 [10.7] 1.00 [25.4] 0.56 730P564X9250 0.464 [11.8] 1.00 [25.4] 0.68 730P684X9250 0.425 [10.8] 1.25 [31.8] 0.82 730P824X9250 0.471 [12.0] 1.25 [31.8] 1.0* 730P105X9250 0.513 [13.0] 1.25 [31.8] 1.2 730P125X9250 0.554 [14.1] 1.25 [31.8] 1.5 730P155X9250 0.613 [15.6] 1.25 [31.8] 1.8 730P185X9250 0.667 [17.0] 1.25 [31.8] 2.0* 730P205X9250 0.700 [17.8] 1.25 [31.8] 2.2 730P225X9250 0.610 [15.5] 1.75 [44.5] 2.7 730P275X9250 0.669 [17.0] 1.75 [44.5] 3.0 730P305X9250 0.703 [17.9] 1.75 [44.5] 3.3 730P335X9250 0.734 [18.6] 1.75 [44.5] 3.9 730P395X9250 0.794 [20.2] 1.75 [44.5] 4.0 730P405X9250 0.803 [20.4] 1.75 [44.5] 4.7 730P475X9250 0.866 [22.0] 1.75 [44.5] 5.0 730P505X9250 0.892 [22.7] 1.75 [44.5] 5.6 730P565X9250 0.941 [23.9] 1.75 [44.5] 6.0 730P605X9250 0.972 [24.7] 1.75 [44.5] 6.8 730P685X9250 0.882 [22.4] 2.25 [57.2] 8.0 730P805X9250 0.953 [24.2] 2.25 [57.2] 8.2 730P825X9250 0.964 [24.5] 2.25 [57.2] 10.0 730P106X9250 1.060 [26.9] 2.25 [57.2] * These ratings are stocked. ** Part Numbers listed are for a capacitance tolerance of 10 %. To specifiy 20 % tolerance, change the "X9" in the Part Number to "X0"; for 5 %, from "X9" to "X5". *** The peak current pulse capability ot these capacitors is 10 amperes/F. The maximum rate voltage change is 10 V/S.
www.vishay.com 26
For technical questions, contact: spresale@vishay.com
Document Number: 42029 Revision: 07-Feb-07
Not for New Design
Type 730P
Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
STANDARD RATINGS in inches [millimeters]
CAPACITANCE (F) 0.047 0.056 0.068 0.082 0.1* 0.12 0.15* 0.18 0.22 0.27 0.33 0.39 0.47* 0.56 0.68 0.82 1.0* 1.2 1.5 1.8 2.0* 2.2 2.7 3.0* 3.3 3.9 PART NUMBER** 730P473X9400 730P563X9400 730P683X9400 730P823X9400 730P104X9400 730P124X9400 730P154X9400 730P184X9400 730P224X9400 730P274X9400 730P334X9400 730P394X9400 730P474X9400 730P564X9400 730P684X9400 730P824X9400 730P105X9400 730P125X9400 730P155X9400 730P185X9400 730P205X9400 730P225X9400 730P275X9400 730P305X9400 730P335X9400 730P395X9400 CASE SIZE D L 0.258 [6.6] 0.275 [7.0] 0.297 [7.5] 0.320 [8.1] 0.348 [8.8] 0.299 [7.6] 0.328 [8.3] 0.353 [9.0] 0.385 [9.8] 0.421 [10.7] 0.469 [11.9] 0.503 [12.8] 0.545 [13.8] 0.506 [12.9] 0.551 [14.0] 0.599 [15.2] 0.655 [16.6] 0.712 [18.1] 0.658 [16.7] 0.716 [18.2] 0.752 [19.1] 0.786 [20.0] 0.865 [22.0] 0.909 [23.1] 0.951 [24.2] 1.031 [26.2] 0.75 [19.0] 0.75 [19.0] 0.75 [19.0] 0.75 [19.0] 0.75 [19.0] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.00 [25.4] 1.25 [31.8] 1.25 [31.8] 1.25 [31.8] 1.25 [31.8] 1.25 [31.8] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] 1.75 [44.5] MAXIMUM RIPPLE CURRENT ESR (Amps rms) at 20 kHz (Milliohms) Case Temperature*** at 20 kHz 100 Khz + 25 C + 35 C + 45 C + 55 C + 65 C + 75 C + 85 C 400 WVDC Not applicable. These capacitance values are not customarily used in switched-mode power supplies. 32.0 5.7 5.5 5.0 4.4 3.8 3.2 2.2 31.0 5.7 5.7 5.3 4.4 4.1 3.3 2.3 30.0 5.7 5.7 5.5 4.8 4.3 3.5 2.4 28.0 5.7 5.7 5.6 5.3 4.5 3.7 2.6 27.0 5.7 5.7 5.7 5.7 5.7 4.7 4.3 26.0 6.3 6.2 6.0 5.9 5.8 4.9 4.5 25.0 7.0 6.9 6.7 6.6 6.5 5.2 4.7 23.0 8.0 7.9 7.8 7.7 6.8 5.5 5.0 21.0 9.0 9.0 9.0 8.0 7.0 5.7 5.2 20.0 9.0 9.0 9.0 8.3 7.4 5.9 5.4 19.0 9.0 9.0 9.0 8.6 7.6 6.0 5.6 17.0 9.0 9.0 9.0 9.0 7.9 6.4 5.9 16.0 9.0 9.0 9.0 9.0 8.1 6.6 6.3 15.0 9.0 9.0 9.0 9.0 8.3 6.8 6.5 630 WVDC Not applicable. These capacitance values are not customarily used in switched-mode power supplies. 28.0 6.8 6.3 5.8 5.2 4.5 3.6 2.6 26.0 7.4 6.9 6.3 5.6 4.8 4.0 2.8 25.0 7.8 7.2 6.6 5.9 5.1 4.2 2.9 22.0 8.1 7.5 6.9 6.2 5.3 4.3 3.1 18.0 8.6 7.9 7.3 6.5 5.6 4.6 3.6
Vishay Sprague
0.022* 730P223X9630 0.283 [7.2] 0.75 [19.0] 0.027 730P273X9630 0.307 [7.8] 0.75 [19.0] 0.033 730P333X9630 0.334 [8.5] 0.75 [19.0] 0.039 730P393X9630 0.358 [9.1] 0.75 [19.0] 0.047 730P473X9630 0.388 [9.9] 0.75 [19.0] 0.056 730P563X9630 0.418 [10.6] 0.75 [19.0] 0.068 730P683X9630 0.346 [8.8] 1.00 [25.4] 0.082 730P823X9630 0.374 [9.5] 1.00 [25.4] 0.1 730P104X9630 0.408 [10.4] 1.00 [25.4] 0.12 730P124X9630 0.443 [11.3] 1.00 [25.4] 0.15 730P154X9630 0.496 [12.6] 1.00 [25.4] 0.18 730P184X9630 0.538 [13.7] 1.00 [25.4] 0.22 730P224X9630 0.496 [12.6] 1.25 [31.8] 0.27 730P274X9630 0.542 [13.8] 1.25 [31.8] 0.33 730P334X9630 0.593 [15.1] 1.25 [31.8] 0.39 730P394X9630 0.639 [16.2] 1.25 [31.8] 0.47 730P474X9630 0.696 [17.7] 1.25 [31.8] 0.56 730P564X9630 0.608 [15.4] 1.75 [44.5] 0.68 730P684X9630 0.664 [16.9] 1.75 [44.5] 0.82 730P824X9630 0.724 [18.4] 1.75 [44.5] 1.0* 730P105X9630 0.794 [20.2] 1.75 [44.5] * These ratings are stocked. ** Part Numbers listed are for a capacitance tolerance of 10 %. To specifiy 20 % tolerance, change the "X9" in the Part Number to "X0"; for 5 %, from "X9" to "X5". *** The peak current pulse capability ot these capacitors is 10 amperes/F. The maximum rate voltage change is 10 V/S.
ORDERING INFORMATION
730P TYPE 224 CAPACITANCE X9 CAPACITANCE TOLERANCE 100 DC VOLTAGE RATING*
This is expressed in volts. X0 = 20 % This is expressed in picofarads. The first two X9 = 10 % digits are the significant figures. The third is X5 = 5 % the number of zeros to follow. * At + 85 C, AC rms ratings for frequencies up to and including 400 Hz correspond to this table: WVDC 100 250 400 630 RATED rms VOLTS 70 175 275 275 Document Number: 42029 Revision: 07-Feb-07 For technical questions, contact: spresale@vishay.com www.vishay.com 27
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 730P124X9250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X