Part Number Hot Search : 
MUR1540 SP6683EB 7161N 3GWJ42C MJW0281 0K6TR FSH05A04 P9212
Product Description
Full Text Search
 

To Download 6FL60S02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6FL Series
Fast Recovery Rectifier VRRM = 50-1000V, IF(AV) = 6Amp,VF = 1.4V
Symbol A K
Cathode to Stud Shown (Anode to Stud add Suffix R)
MAXIMUM RATINGS Parameter
(Tj = 25 C unless stated otherwise)
6FL5S02 6FL10S02 6FL20S02 6FL40S02 6FL60S02 6FL5S05 6FL10S05 6FL20S05 6FL40S05 6FL60S05 6FL80S05 6FL100S05 6FL5S10 6FL10S10 6FL20S10 6FL40S10 6FL60S10 6FL80S10 6FL100S10
Symbol VRRM IF(AV) IFSM I2T T(STG) Tj
Unit
Volt Amp Amp
Repetitive Peak Reverse Voltage Maximum Average On-State Current Peak Forward Surge Current 8.3mS Maximum I 2T for Fusing 8.3ms Maximum Storage Temperature Range Maximum Junction Temperature Range
50
100
200
400 6.0 115 55 -65 to +175 -65 to +150
600
800
1000
A2/S
O
C C
O
ELECTRICAL CHARACTERISICS at Parameter
Tj = 25 C Maximum. Unless stated Otherwise Condition Symbol Min
IFM = 6 Amps
Value Typ Max 1.4 50 110 285 490 2.5 1.2 7.0
O
Unit Volt A nS nS nS
C/W
Maximum Forward Voltage Repetitive Peak Off- State Current Reverse Recovery Time for S02 Reverse Recovery Time for S05 Reverse Recovery Time for S10 Thermal Resistance (Junction to Case) Mounting Torque Weight
a
VFM IDRM tRR tRR tRR RTH (J-c) MT Wt
VR = VRRM
NM grms
b c
e d
Dim
a b c d e f g h j m k m
DIMENSIONS Millimetres Inches Min Max Min Max 12.82 0.505 0.020 0.424 0.065 0.437 0.310 0.413 0.100 0.175 0.51 1.65 10.77 11.20 7.87 10.49 2.54 4.44 20.82 11.50 10.29
f j
0.060 0.075
1.53 1.91
Polarity Symbol g
10 -32 UNF3A 0.600 0.820 15.24 0.422 0.453 10.72 0.405
k h
MetalCase DO-4


▲Up To Search▲   

 
Price & Availability of 6FL60S02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X