Part Number Hot Search : 
LTC3436 MBR3015 20800SAE LC14A F3T5G PE430608 68701 17P06
Product Description
Full Text Search
 

To Download 592D226X-6R3A2-10H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 592D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Conformal Coated, Maximum CV
FEATURES
* * * * * New extended range offerings. 1.0mm to 2.5mm height. Terminations: Lead (Pb)-free (2) standard. Low Impedance 8mm, 12mm and 24mm tape and reel packaging available per EIA-481-1 and reeling per IEC 286-3. 7" [178mm] standard. 13" [330mm] available. * Case code compatibility with EIA 535BAAC and CECC 30801 molded chips. Capacitance Range: 1.0F to 3300F Capacitance Tolerance: 10%, 20% standard. Voltage Rating: 4 WVDC to 35 WVDC
B CASE CODE 2 TERMINATION 2 = 100% Tin 4 = Gold Plated T REEL SIZE AND PACKAGING T = Tape and Reel 7" [178mm] Reel W = 13" [330mm] Reel
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55C to + 85C. (To + 125C with voltage derating.)
ORDERING INFORMATION
592D TYPE 106 CAPACITANCE X0 CAPACITANCE TOLERANCE 010 DC VOLTAGE RATING @ + 85C
This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow.
See Ratings X0 = 20% This is expressed in volts. To and Case X9 = 10% complete the three-digit block, zeros precede the voltage rating. Codes Table. A decimal point is indicated by an "R" (6R3 = 6.3 volts).
Note: Preferred Tolerance and reel sizes are in bold. We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating.
DIMENSIONS in inches [millimeters]
W
Tantalum Wire Nib Identifies Anode (+) Terminal
L B D A H J J
L (Max.) W H A 0.146 0.072 0.012 0.048 0.012 0.031 0.012 A [3.7] [1.8 0.3] [1.2 0.3] [0.80 0.30] 0.110 + 0.012-0.016 0.047 0.012 0.031 0.012 0.158 B [4.0] [2.8 + 0.3-0.4] [1.2 0.3] [0.80 0.30] 0.281 0.126 0.012 0.047 0.012 0.051 0.012 C [7.1] [3.2 0.3] [1.2 0.3] [1.3 0.30] 0.298 0.170 0.012 0.047 0.012 0.051 0.012 D [7.5] [4.3 0.3] [1.2 0.3] [1.3 0.30] 0.285 0.235 0.012 0.047 0.012 0.051 0.012 R [7.2] [6.0 0.3] [1.2 0.3] [1.3 0.30] 0.126 0.012 0.063 0.012 0.040 0.012 0.031 0.012 S [3.2 0.3] [1.6 0.3] [1.0 0.3] [0.8 0.3] 0.158 0.116 0.012 0.079 0.031 0.012 T [4.0] [2.8 0.3] [2.0] Max. [0.8 0.3] 0.281 0.126 0.012 0.079 0.051 0.012 U [7.1] [3.2 0.3] [2.0] Max. [1.3 0.3] 0.298 0.170 0.012 0.079 0.051 0.012 V [7.5] [4.3 0.3] [2.0] Max. [1.3 0.3] 0.285 0.235 0.012 0.079 0.051 0.012 W [7.2] [6.0 0.3] [2.0] Max. [1.3 0.3] 0.575 0.290 0.010 0.079 0.050 0.016 X [14.5] [7.37 0.25] [2.0] Max. [1.3 0.4] 0.575 0.290 0.010 0.098 0.051 0.016 Y [14.5] [7.37 0.25] [2.5] Max. [1.3 0.4] Note: The anode termination (D less B) will be a minimum of 0.012" [0.3mm]. www.vishay.com 74
CASE CODE
B 0.087 0.016 [2.2 0.4] 0.097 0.016 [2.5 0.4] 0.180 0.024 [4.4 0.6] 0.180 0.024 [4.6 0.6] 0.180 0.024 [4.6 0.6] 0.079 0.012 [2.0 0.3] 0.097 0.016 [2.5 0.4] 0.180 0.024 [4.6 0.6] 0.180 0.024 [4.6 0.6] 0.180 0.024 [4.6 0.6] 0.470 0.024 [11.9 0.6] 0.470 0.024 [11.9 0.6]
D (Ref.) 0.115 [2.9] 0.139 [3.5] 0.238 [6.0] 0.254 [6.4] 0.246 [6.2] 0.087 [2.2] 0.139 [3.5] 0.238 [6.0] 0.254 [6.4] 0.246 [6.2] 0.524 [13.2] 0.524 [13.2]
J (Max.) 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1]
For technical questions, contact tantalum@vishay.com
Document Number 40004 Revision 20-Oct-04
592D
Vishay Sprague
RATINGS AND CASE CODES
F
STD 4V EXT STD 6.3 V EXT 10 V STD EXT 16 V STD EXT STD 20 V EXT 25 V STD EXT STD B B C D R R 35 V EXT A B* C D R
1 1.5 2.2 3.3 4.7 6.8 10 15 B 22 B A 33 B B/C 47 C B* C/D 68 D B/C D/T/R 100 R/T C/D D/R 150 D/R C/T D/U 220 U/V R V 330 V R/U W 470 W D/U/V 680 V/W 1000 W 1500 X 2200 X/Y 3300 * Contact factory for availability
B A A/B A/S A/B B/C B/C/T R D/R/U R/U/V V/U/W W X/W X/Y X/Y* Y C D/T* R/T D/R/U* D/U V D V
A B C D C/T R U V/W W
B C D D/T R/T U V V W
A A B B* C C/D R/T* C* C*/D/U W
B C D R R/U*/T V*
A B B C D R
B C C D R U* U*/V*
A B C B/D R
STANDARD / EXTENDED RATINGS
CAPACITANCE (F) 22 22 33 47* 47 68 68 68 100 100 100 100 150 150 150 150 220 220 220 330 330 330 470 470 470 470 680 680 1000 1500 2200 2200 Max. DF Max. ESR Max. DCL @ + 25C @ + 25C CASE @ + 25C 120 Hz 100kHz CODE PART NUMBER (A) (%) (Ohms) 4 WVDC @ + 85C, SURGE = 5.2 V . . . 2.7 WVDC @ + 125C, SURGE = 3.4 V A B B B* C B C D C D R T C D R T R V U R U V D U V W V W W X Y X 592D226X_004A2T 592D226X_004B2T 592D336X_004B2T 592D476X_004B2T* 592D476X_004C2T 592D686X_004B2T 592D686X_004C2T 592D686X_004D2T 592D107X_004C2T 592D107X_004D2T 592D107X_004R2T 592D107X_004T2T 592D157X_004C2T 592D157X_004D2T 592D157X_004R2T 592D157X_004T2T 592D227X_004R2T 592D227X_004V2T 592D227X_004U2T 592D337X_004R2T 592D337X_004U2T 592D337X_004V2T 592D477X_004D2T 592D477X_004U2T 592D477X_004V2T 592D477X_004W2T 592D687X_004V2T 592D687X_004W2T 592D108X_004W2T 592D158X_004X2T 592D228X_004Y2T 592D228X_004X2T 0.9 0.9 1.3 1.9* 1.9 2.7 2.7 2.7 4 4 4 4 6 6 6 6 8.3 8.3 8.3 13.2 13.2 13.2 18.8 18.8 18.8 18.8 27.2 27.2 40 60 88 88 6 6 6 6* 6 6 6 6 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 10 12 12 14 20 25 25 2.40 1.60 1.60 1.5* 0.40 1.40 0.35 0.27 0.35 0.26 0.20 0.45 0.36 0.25 0.20 0.45 0.20 0.20 0.19 0.18 0.15 0.12 0.14 0.10 0.10 0.10 0.10 0.10 0.200 0.04 0.04 0.55 Max. RIPPLE 100kHz Irms (Amps) 0.16 0.22 0.22 0.23* 0.5 0.24 0.53 0.68 0.53 0.69 0.87 0.42 0.52 0.71 0.87 0.42 0.87 0.78 0.76 0.91 0.86 1.08 0.94 1.05 1.18 1.32 1.18 1.32 0.94 2.1 2.3 2.3
*Preliminary values, contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended range ratings are in bold print. Document Number 40004 Revision 20-Oct-04 For technical questions, contact tantalum@vishay.com www.vishay.com 75
592D
Vishay Sprague
STANDARD / EXTENDED RATINGS
CAPACITANCE (F) 15 15 22 22 22 33 33 33 33 33 47 47 47 47 68 68 68 68 68 68 100 100 100 100 100 150 150 150 220 220 220 220 330 330 330 330 330 470 470 470 680 680 1000 1000 1500 1500 2200* 2200 3300 10 10 22 22 33 33 33* 47 47 47 68 68 68 68 68* 100 100 100 150 150 220 220 330* 330 Max. DF Max. ESR Max. DCL @ + 25C @ + 25C CASE @ + 25C 120 Hz 100kHz CODE PART NUMBER (A) (%) (Ohms) 6.3 WVDC @ + 85C, SURGE = 8 V . . . 4 WVDC @ + 125C, SURGE = 5 V A 592D156X_6R3A2T 0.9 6 2.50 B 592D156X_6R3B2T 0.9 6 1.70 A 592D226X_6R3A2T 1.4 6 1.5 A 592D226X_6R3A2T13H** 1.4 6 1.5 B 592D226X_6R3B2T 1.4 6 1.5 A 592D336X_6R3A2T 2.1 6 1.70 B 592D336X_6R3B2T 2.1 6 1.40 C 592D336X_6R3C2T 2.1 6 0.40 S 592D336X_6R3S2T 2.1 8 1.3 S 592D336X_6R3S2T12H** 2.1 10 2.0 A 592D476X_6R3A2T 3 8 1.40 B 592D476X_6R3B2T 3 8 1.40 C 592D476X_6R3C2T 3 6 0.40 D 592D476X_6R3D2T 3 6 0.30 B 592D686X_6R3B2T 4.3 6 0.38 B 592D686X_6R3B2T13H** 4.3 8 0.60 C 592D686X_6R3C2T 4.3 6 0.38 D 592D686X_6R3D2T 4.3 6 0.27 R 592D686X_6R3R2T 4.3 6 0.20 T 592D686X_6R3T2T 4.3 6 0.50 B 592D107X_6R3B2T15H** 6.3 10 1.0 C 592D107X_6R3C2T 6.3 8 0.38 D 592D107X_6R3D2T 6.3 8 0.26 R 592D107X_6R3R2T 6.3 8 0.20 T 592D107X_6R3T2T 6.3 8 0.45 D 592D157X_6R3D2T 9.5 8 0.25 R 592D157X_6R3R2T 9.5 8 0.20 U 592D157X_6R3U2T 9.5 8 0.19 D 592D227X_6R3D2T 13.9 8 0.22 R 592D227X_6R3R2T 13.9 8 0.18 U 592D227X_6R3U2T 13.9 8 0.15 V 592D227X_6R3V2T 13.9 8 0.12 C 592D337X_6R3C2T16H** 20.8 10 0.15 R 592D337X_6R3R2T 20.8 8 0.18 U 592D337X_6R3U2T 20.8 8 0.10 V 592D337X_6R3V2T 20.8 8 0.10 W 592D337X_6R3W2T 20.8 8 0.10 U 592D477X_6R3U2T 29.6 14 0.10 V 592D477X_6R3V2T 29.6 10 0.10 W 592D477X_6R3W2T 29.6 10 0.10 R 592D687X_6R3R2T16H** 42.8 14 0.13 W 592D687X_6R3W2T 42.8 10 0.100 W 592D108X_6R3W2T 63 20 0.2 X 592D108X_6R3X2T 63 16 0.04 Y 592D158X_6R3Y2T 95 20 0.035 X 592D158X_6R3X2T 95 25 0.045 Y* 592D228X_6R3Y2T* 139* 35* 0.055* X 592D228X_6R3X2T 139 35 0.055 Y 592D338X_6R3Y2T 208 35 0.055 10 WVDC @ + 85C, SURGE = 13 V . . . 7 WVDC @ + 125C, SURGE = 8 V A 592D106X_010A2T 1 6 2.60 B 592D106X_010B2T 1 6 1.70 B 592D226X_010B2T 2.2 6 1.50 C 592D226X_010C2T 2.2 6 0.40 C 592D336X_010C2T 3.3 6 0.40 D 592D336X_010D2T 3.3 6 0.30 T* 592D336X_010T2T* 3.3* 6* 0.50* D 592D476X_010D2T 4.7 6 0.27 R 592D476X_010R2T 4.7 6 0.20 T 592D476X_010T2T 4.7 6 0.50 C 592D686X_010C2T 6.8 6 0.14 D 592D686X_010D2T 6.8 6 0.27 R 592D686X_010R2T 6.8 6 0.20 T 592D686X_010T2T 6.8 6 0.45 U* 592D686X_010U2T* 6.8* 6* 0.25* D 592D107X_010D2T 10 8 0.10 U 592D107X_010U2T 10 8 0.19 R 592D107X_010R2T 10.0 8 0.22 U 592D157X_010U2T 15 8 0.17 V 592D157X_010V2T 15 8 0.14 V 592D227X_010V2T 22 8 0.12 W 592D227X_010W2T 22 8 0.10 V* 592D337X_010V2T* 33* 8* 0.10* W 592D337X_010W2T 33 8 0.10 Max. RIPPLE 100kHz Irms (Amps) 0.15 0.22 0.23 0.2 0.23 0.32 0.24 0.5 0.28 0.17 0.21 0.21 0.5 0.65 0.46 0.36 0.51 0.68 0.87 0.4 0.28 0.51 0.69 0.87 0.42 0.71 0.87 0.76 0.75 0.91 0.86 1.08 0.81 0.91 1.05 1.18 1.32 1.05 1.18 1.32 1.16 1.32 0.94 2.1 2.3 1.97 1.80* 1.80 1.80 0.15 0.22 0.23 0.50 0.50 0.65 0.40* 0.68 0.87 0.40 0.84 0.68 0.87 0.42 0.66* 1.11 0.76 0.83 0.80 1.00 1.08 1.32 1.18* 1.32
** xyH indicates maximum height in (mm), i.e., 1.5 max (H) = 15Hmm *Preliminary values, contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended range ratings are in bold print. *Voltage range under development.
www.vishay.com 76
For technical questions, contact tantalum@vishay.com
Document Number 40004 Revision 20-Oct-04
592D
Vishay Sprague
STANDARD / EXTENDED RATINGS
CAPACITANCE (F) 4.7 6.8 6.8 10 10 15* 15 22 22 22 33 33 33 33 47 47 47 68* 68 68 100* 100 100 100 150 220 4.7 4.7 6.8 6.8 10 10 15 15 22 22 22 22* 33 33* 2.2 2.2 3.3 3.3 4.7 6.8 6.8 10 10 10 15 15* 22* 22* CASE CODE Max. DCL @ + 25C (A) Max. DF @ + 25C 120 Hz (%) Max. ESR @ + 25C 100kHz (Ohms) Max. RIPPLE 100kHz Irms (Amps) 0.13 0.13 0.21 0.22 0.32 0.24* 0.50 0.46 0.60 0.36 0.66 0.62 0.75 0.36 0.77 0.42 0.66 1.20* 0.66 0.91 1.80* 0.97 0.97 0.97 1.32 0.94 0.13 0.16 0.16 0.30 0.16 0.48 0.42 0.65 0.56 0.73 0.37 0.61* 0.73 0.73* 0.09 0.12 0.12 0.22 0.25 0.26 0.31 0.115 0.32 0.56 0.61 0.52* 0.68* 0.68*
PART NUMBER
16 WVDC @ + 85C, SURGE = 20 V . . . 10 WVDC @ + 125C, SURGE = 12 V A 592D475X_016A2T 0.8 6 3.50 A 592D685X_016A2T 1.1 6 3.50 B 592D685X_016B2T 1.1 6 1.80 B 592D106X_016B2T 1.6 6 1.60 C 592D106X_016C2T 1.6 6 1.00 B* 592D156X_016B2T* 2.4* 6* 1.4* D 592D156X_016D2T 2.4 6 0.50 C 592D226X_016C2T 3.5 6 0.50 D 592D226X_016D2T 3.5 6 0.40 T 592D226X_016T2T 3.5 6 0.6 C 592D336X_016C2T 5.3 6 0.25 D 592D336X_016D2T 5.3 6 0.30 R 592D336X_016R2T 5.3 6 0.27 T 592D336X_016T2T 5.3 6 0.6 R 592D476X_016R2T 7.5 6 0.25 T 592D476X_016T2T 7.5 6 0.45 U 592D476X_016U2T 7.5 6 0.25 C* 592D686X_016C2T* 10.9* 6* 0.50* U 592D686X_016U2T 10.9 6 0.25 V 592D686X_016V2T 10.9 6 0.17 C* 592D107X_016C2T* 16* 8* 0.30* D 592D107X_016D2T 16 8 0.15 U 592D107X_016U2T 16 8 0.15 V 592D107X_016V2T 16 8 0.15 W 592D157X_016W2T 24 8 0.1 W 592D227X_016W2T 35.2 8 0.2 20 WVDC @ + 85C, SURGE = 26 V . . . 13 WVDC @ + 125C, SURGE = 16 V A 592D475X_020A2T 0.9 6 3.80 B 592D475X_020B2T 0.9 6 3.20 B 592D685X_020B2T 1.4 6 3.10 C 592D685X_020C2T 1.4 6 1.10 B 592D106X_020B2T 2 6 3.00 D 592D106X_020D2T 2 6 0.50 C 592D156X 020C2T 3 6 0.60 R 592D156X_020R2T 3 6 0.40 D 592D226X_020D2T 4.4 6 0.40 R 592D226X_020R2T 4.4 6 0.28 T 592D226X_020T2T 4.4 6 0.60 U* 592D226X_020U2T* 4.4* 6* 0.30* R 592D336X_020R2T 6.6 6 0.28 V* 592D336X_020V2T* 6.6* 6* 0.26* 25 WVDC @ + 85C, SURGE = 33 V . . . 17 WVDC @ + 125C, SURGE = 20 V A 592D225X_025A2T 0.6 6 8.00 B 592D225X_025B2T 0.6 6 6.00 B 592D335X_025B2T 0.8 6 5.60 C 592D335X_025C2T 0.8 6 2.00 C 592D475X_025C2T 1.2 6 1.60 C 592D685X_025C2T 1.7 6 1.50 D 592D685X_025D2T 1.7 6 1.30 B 592D106X_025B2T 2.5 6 2.00 D 592D106X_025D2T 2.5 6 1.20 R 592D106X_025R2T 2.5 6 0.48 R 592D156X_025R2T 3.8 6 0.40 U* 592D156X_025U2T* 3.8* 6* 0.40* U* 592D226X_025U2T* 5.5* 6* 0.30* V* 592D226X_025V2T* 5.5* 6* 0.30*
*Preliminary values, contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended range ratings are in bold print. *Voltage range under development.
Document Number 40004 Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
www.vishay.com 77
592D
Vishay Sprague
STANDARD / EXTENDED RATINGS
CAPACITANCE (F) CASE CODE Max. DCL @ + 25C (A) Max. DF @ + 25C 120 Hz (%) Max. ESR @ + 25C 100kHz (Ohms) Max. RIPPLE 100kHz Irms (Amps)
PART NUMBER
35 WVDC @ + 85C, SURGE = 46 V . . . 23 WVDC @ + 125C, SURGE = 28 V 1 1 1.5 2.2* 2.2 3.3 3.3 4.7 6.8 6.8 10 A B B B* C C D R D R R 592D105X_035A2T 592D105X_035B2T 592D155X_035B2T 592D225X_035B2T* 592D225X_035C2T 592D335X_035C2T 592D335X_035D2T 592 D475X_035R2T 592 D685X_035D2T 592D685X_035R2T 592D106X_035R2T 0.5 0.5 0.5 0.8* 0.8 1.2 1.2 1.6 2.4 2.4 3.5 4 4 4 6* 6 6 6 6 6 6 6 10.0 6.50 4.2 6.00* 3.50 3.20 2.10 1.30 1.30 1.20 1.20 0.08 0.11 0.14 0.12* 0.17 0.18 0.24 0.34 0.31 0.35 0.35
TYPICAL CURVES OF ESR - AS A FUNCTION OF FREQUENCY
"A" Case "B" Case
1000
IMPEDANCE ESR
1000
IMPEDANCE ESR
OHMS
OHMS
100 1F, 35 10 15F, 6.3 1
100 4.7F, 20 V 10
1 10F, 10 V 100 1K 10K FREQUENCY IN HERTZ 100K 1M 100 1K 10K FREQUENCY IN HERTZ 100K
0.1
1000
"C" Case
100
"D" Case
100 IMPEDANCE 10 IMPEDANCE ESR
OHMS
10 4.7F, 25 V
OHMS
ESR
1
6.8F, 25 V
1
0.1 47F, 6.3 V 33F, 6.3 V
0.1 100
1K
10K FREQUENCY IN HERTZ
100K
1M
0.01
100
1K
10K FREQUENCY IN HERTZ
100K
1M
www.vishay.com 78
For technical questions, contact tantalum@vishay.com
Document Number 40004 Revision 20-Oct-04
592D
Vishay Sprague
TYPICAL CURVES @ + 25C, IMPEDANCE AND ESR VS FREQUENCY
"R" Case
100 100
"S" Case
10 IMPEDANCE
10
IMPEDANCE ESR
OHMS
OHMS
ESR 1 10F, 25 V
1
33 - 6.3V
0.1 100F, 6.3 V 0.01 100 1K 10K 100K 1M
0.1
0.01 100
1000
10000 FREQUENCY IN HERTZ
100000
1000000
FREQUENCY IN HERTZ
592D 1500-4V X CASE ESR/IMPEDANCE VS FREQUENCY 10 ESR IMPEDANCE 1 1.00 10.00
592D 1500-6.3V Y CASE ESR/IMPEDANCE VS FREQUENCY
ESR IMPEDANCE
OHMS
0.1
OHMS
0.10 0.01 100 0.01 100
1kHz
10kHz
100kHz
1MHz
10MHz
1kHz
10kHz
100kHz
1MHz
10MHz
FREQUENCY (Hz)
FREQUENCY (Hz)
592D 1000-6.3V X CASE ESR/IMPEDANCE VS FREQUENCY 10.00 ESR IMPEDANCE 1.00 1.00 10.00
592D 2200-4V Y CASE ESR/IMPEDANCE VS FREQUENCY
ESR IMPEDANCE
OHMS
0.10
OHMS
0.10 0.01 100 0.01 100
1kHz
10kHz
100kHz
1MHz
10MHz
1kHz
10kHz
100kHz
1MHz
10MHz
FREQUENCY (Hz)
FREQUENCY (Hz)
Document Number 40004 Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
www.vishay.com 79
592D
Vishay Sprague
PERFORMANCE CHARACTERISTICS
1. 1.1 Operating Temperature: Capacitors are designed to operate over the temperature range - 55C to + 85C. Capacitors may be operated to + 125C with voltage derating to two-thirds the + 85C rating. 6.
+ 85C Rating Working Voltage (V) 4 6.3 10 16 20 25 35 Surge Voltage (V) 5.2 8 13 20 26 32 46 + 125C Rating Working Voltage (V) 2.7 4 7 10 13 17 23 Surge Voltage (V) 3.4 5 8 12 16 20 28 - 55C - 10% + 85C + 10% + 125C + 12%
Dissipation Factor: The dissipation factor, determined from the expression 2fRC, shall not exceed values listed in the Standard Ratings Table. Measurements shall be made by the bridge method at, or referred to, a frequency of 120 Hz and a temperature of + 25C. Leakage Current: Capacitors shall be stabilized at the rated temperature for 30 minutes. Rated voltage shall be applied to capacitors for 5 minutes using a steady source of power (such as a regulated power supply) with 1000 ohm resistor connected in series with the capacitor under test to limit the charging current. Leakage current shall then be measured.
6.1
7.
2.
DC Working Voltage: The DC working voltage is the maximum operating voltage for continuous duty at the rated temperature. Surge Voltage: The surge DC rating is the maximum voltage to which the capacitors may be subjected under any conditions, including transients and peak ripple at the highest line voltage. 592D228X_6R3X2T and 592D338X_6R3V2T, not surge voltage tesed. Surge Voltage Test: Capacitors shall withstand the surge voltage applied in series with a 33 ohm 5% resistor at the rate of one-half minute on, one-half minute off, at + 85C, for 1000 successive test cycles. Following the surge voltage test, the dissipation factor and the leakage current shall meet the initial requirements; the capacitance shall not have changed more than 10%. Capacitance Tolerance: The capacitance of all capacitors shall be within the specified tolerance limits of the normal rating. Capacitance measurements shall be made by means of polarized capacitance bridge. The polarizing voltage shall be of such magnitude that there shall be no reversal of polarity due to the AC component. The maximum voltage applied to capacitors during measurement shall be 2 volts rms at 120 Hz at +25C. If the AC voltage applied is less than one-half volt rms, no DC bias is required. Accuracy of the bridge shall be within 2%. Capacitance Change With Temperature: The capacitance change with temperature shall not exceed the following percentage of the capacitance measured at + 25C:
3.
Note that the leakage current varies with temperature and applied voltage. See graph below for the appropriate adjustment factor.
TYPICAL LEAKAGE CURRENT FACTOR RANGE
100
3.1
+ 125C + 85C 10 + 55C
3.2
+ 25C
4.
Leakage Current Factor
1.0 0C
4.1
0.1 - 55C
0.01
5.
0.001 0 10 20 30 40 50 60 70 80 90 100 Percent of Rated Voltage
www.vishay.com 80
For technical questions, contact tantalum@vishay.com
Document Number 40004 Revision 20-Oct-04
592D
Vishay Sprague
PERFORMANCE CHARACTERISTICS (Continued)
7.1 7.2 7.3 8. At + 25C, the leakage current shall not exceed the value listed in the Standard Ratings Table. At + 85C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings Table. At + 125C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings Table. Equivalent Series Resistance: Measurements shall be made by the bridge method at, or referred to, a frequency of 100 KHz and a temperature of + 25C. The Equivalent Series Resistance shall not exceed the value listed in the Standard Ratings Table. Life Test: Capacitors shall withstand rated DC voltage applied at + 85C for 2000 hours or derated DC voltage applied at + 125C for 1000 hours. Following the life test, the dissipation factor and leakage shall meet the initial requirement; the capacitance change shall not exceed 10% of the initial value. Humidity Test: Capacitors shall withstand 1000 hours at + 40C, 90% to 95% relative humidity, with no voltage applied Following the humidity test, capacitance change shall not exceed 10% of the initial value, dissipation factor shall not exceed 150% of the initial requirement; leakage currrent shall not exceed 200% of the initial requirement at + 25C Solderability: Capacitors will meet the solderability requirements of ANSI/J-STD-002, test B category 1. 14. 15. 16. 17. 12. 12.1 Resistance to Soldering Heat: Capacitors mounted on a substrate will withstand + 260C for 5 seconds. Following the resistance to soldering heat test, capacitance, dissipation factor and DC leakage current shall meet the initial requirement. Marking: The small body area of these capacitors does not allow elaborate marking schemes. All required information is present on the carton or package in which the parts are shipped; in addition, part number, quantity and data code are indicated on the reels. Terminal Strength: Per IEC-384-3, minimum of 5N shear force. Environmental: Mercury, CFC and ODS materials are not used in the manufacture of these capacitors. Flammability: Encapsulant materials meet UL94 V0 Capacitor Failure Mode: The predominant failure mode for solid tantalum capacitors is increased leakage current resulting in a shorted circuit. Capacitor failure may result from excess forward or reverse DC voltage, surge current, ripple current, thermal shock or excessive temperature. The increase in leakage is caused by a breakdown of the Ta2O5 dielectric. For additional information on leakage failure of solid tantalum chip capacitors, refer to Vishay Sprague Technical Paper, "Leakage Failure Mode in Solid Tantalum Chip Capacitors."
13.
8.1 9.
9.1
10
10.1
11.
GUIDE TO APPLICATION
1.0 Recommended rated working voltage guidelines: (-55C to + 85C)
Application Voltage (V) 2.5 4 5 6 10 12 18 24 Recommended Capacitor Voltage Rating (V) 4 6.3 8 10 16 20 25 35
RESR = The capacitor Equivalent Series Resistance at the specified frequency. 3. A-C Ripple Voltage: The maximum allowable ripple voltage shall be determined from the formula: Vrms = Z or, from the formula: Vrms = Irms x Z P RESR
2.
A-C Ripple Current: The maximum allowable ripple current shall be determined from the formula: P RESR
where,
P = Power Dissipation in Watts @ + 25C as given in the table in Paragraph Number 6.0 (Power Dissipation). RESR = The capacitor Equivalent Series Resistance at the specified frequency. Z = The capacitor impedance at the specified frequency.
www.vishay.com 81
Irms = where,
P = Power Dissipation in Watts @ + 25C as given in the table in Paragraph Number 6.0 (Power Dissipation)
Document Number 40004 Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
592D
Vishay Sprague
GUIDE TO APPLICATION (Continued)
3.1 The sum of the peak AC voltage plus the applied DC voltage shall not exceed the DC voltage rating of the capacitor. The sum of the negative peak AC voltage plus the applied DC voltage shall not allow a voltage reversal exceeding 10% of the DC working voltage at + 25C. Reverse Voltage: These capacitors are capable of withstanding peak voltages in the reverse direction equal to 10% of the DC rating or 1 volt maximum at +25C and 5% of the DC voltage rating or 0.5 volt maximum at + 85C. Temperature Derating: If these capacitors are to be operated at temperatures above + 25C, the permissible rms ripple current or voltage shall be calculated using the derating factors as shown:
Temperature + 25C + 85C + 125C Derating Factor 1.0 0.9 0.4
3.2
The Soldering Profile chart shows typical recomended time/temperature conditions for soldering. Attachment with a soldering iron is not recommended due to the difficulty of controlling temperature and time at temperature. The soldering iron must never come in contact with the capacitor.
4.0
RECOMMENDED REFLOW SOLDERING PROFILE
TEMPERATURE DEG. CENTIGRADE
250 200 150 100 50
5.0
0
50
100
150
200
250
300
350
TIME (SECONDS)
6.0
Power Dissipation: Power dissipation will be affected by the heat sinking capability of the mounting surface. Non-sinusoidal ripple current may produce heating effects which differ from those shown. It is important that the equivalent Irms value be established when calculating permissible operating levels. (Power dissipation calculated using + 25C temperature rise.)
Case Code A B C D R S T U V W X Y Maximum Permissible Power Dissipation @ + 25C (Watts) in free air 0.060 0.080 0.100 0.125 0.150 0.060 0.080 0.110 0.140 0.175 0.175 0.180
9.0 Recommended Mounting Pad Geometries: The nib must have sufficient clearance to avoid electrical contact with other components. The width dimension indicated is the same as the maximum width of the capacitor. This is to minimize lateral movement.
REFLOW SOLDER PADS*
in inches [millimeters]
B C B A
CASE CODE A B C D R S T U V W X Y
7.0
Printed Circuit Board Materials: The capacitors are compatible with most commonly used printed circuit board materials (alumina substrates, FR4, FR5, G10, PTFE-fluorocarbon and porcelanized steel). If your desired board material is not shown there please contact the Tantalum Marketing Department for assistance in determining compatibility. Attachment: Solder Paste: The recommended thickness of the solder paste after application is 0.007" .001" [.178mm .025mm]. Care should be exercised in selecting the solder paste. The metal purity should be as high as practical. The flux (in the paste) must be active enough to remove the oxides formed on the metallization prior to the exposure to soldering heat.
8. 8.1
WIDTH (A) 0.082 [2.1] 0.120 [3.5] 0.130 [3.5] 0.180 [4.6) 2.45 [8.3] 0.067 [1.7] 0.120 [3.5] 0.136 [3.5] 0.180 [4.6) 0.245 [8.3] 0.310 [7.9] 0.310 [7.9]
PAD METALIZATION 0.085 [1.7] 0.065 [1.7] 0.080 [2.3] 0.080 [2.3] 0.090 [2.3] 0.032 [0.8] 0.065 [1.7] 0.090 [2.3] 0.090 [2.3] 0.090 [2.3] 0.120 [3.0] 0.120 [3.0]
SEPARATION (C) 0.050 [1.3] 0.065 [1.7] 0.120 [3.1] 0.145 [3.7] 0.145 [3.7] 0.043 [1.1] 0.065 [1.7] 0.120 [3.1] 0.145 [3.7] 0.145 [3.7] 0.360 [9.2] 0.360 [9.2]
* Pads for B, C and D case codes are otherwise pad compatible with * Type 293D, B, C and D case codes respectively.
8.2 Soldering: Capacitors can be attached by conventional soldering techniques - convection, infrared reflow, wave soldering and hot plate methods.
www.vishay.com 82
10.0 Cleaning (Flux Removal) After Soldering: The 592D capacitors are compatible with all commonly used solvents such as TES, TMS, Prelete, Chlorethane, Terpene and aqueous cleaning media. Solvents containing methylene chloride or other epoxy solvents should be avoided since these will attack the epoxy encapsulation material.
Document Number 40004 Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
592D
Vishay Sprague
TAPE AND REEL PACKAGING in inches [millimeters]
Top Cover Tape Thickness
Standard orientation is with the cathode (-) nearest to the sprocket holes per EIA-481-1 and IEC 286-3.
Carrier
Embossment
R Min.
Bending Radius (Note 2)
Case Code A B C D R S T U V W X Y
Tape Width 8mm 12mm 12mm 12mm 12mm 8mm 12mm 12mm 12mm 12mm 24mm 24mm
Component Pitch 4mm 4mm 8mm 8mm 8mm 4mm 8mm 8mm 8mm 8mm 12mm 12mm
Units Per Reel 7" [178] 13" [330] Reel Reel 2500 2000 1000 1000 1000 2500 2000 1000 1000 1000 500 500 10000 8000 4000 4000 4000 10000 8000 4000 4000 2500
Document Number 40004 Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
www.vishay.com 83
592D
Vishay Sprague
TAPE AND REEL PACKAGING in inches [millimeters]
Note: Metric dimensions will govern. Dimensions in inches are rounded and for reference only.
T2 Max. .024 [0.600] Max. .157 .004 [4.0 0.10] Deformation Between Embossments .059 + .004 - 0.0 [1.5 + 0.10 - 0.0] 10 Pitches Cumulative Tolerance on Tape 0.008 [0.200] Embossment .079 .002 [2.0 0.05] .069 .004 [1.75 0.10]
Top Cover Tape B1 Max. (Note 6) K0 Top Cover Tape For Tape Feeder .004 [0.10] Reference only Max. including draft. Concentric around B0 (Note 5)
A0 B0
.030 [0.75] Min. (Note 3) .030 [0.75] Min. (Note 4)
20 F W Maximum Component Rotation (Side or Front Sectional View)
Center Lines of Cavity
P1 D1 Min. For Components .079 x .047 [2.0 x 1.2] and Larger. (Note 5) Maximum Cavity Size (Note 1)
Cathode (-)
USER DIRECTION OF FEED
Anode (+)
DIRECTION OF FEED
20 Maximum Component Rotation Typical Component Cavity Center Line Typical Component Center Line
3.937 [100.0] .039 [1.0] Max. Tape .039 [1.0] Max. 9.843 [250.0] Camber (Top View) Allowable Camber to be .039/3.937 [1/100] Non-Cumulative Over 9.843 [250.0]
B0
Tape and Reel Specifications: All case sizes are available on plastic embossed tape per EIA-481-1. Tape reeling per IEC 286-3 is also available. Standard reel diameter is 7" [178mm]. 13" [330mm] reels are available and recommended as the most cost effective packaging method. The most efficient packaging quantities are full reel increments on a given reel diameter. The quantities shown allow for the sealed empty pockets required to be in conformance with EIA-481-1. Reel size and packaging orientation must be specified in the Vishay Sprague part number. R (Min.) (Note 2) 0.984 [25.0] 1.181 [30.0] 1.181 [30.0] 1.181 [30.0] T2 (Max.) 0.098 [2.5] 0.256 [6.5] 0.256 [6.5] 0.103 [2.6]
A0 (Top View)
TAPE SIZE 8mm 12mm 12mm Double Pitch 24mm
B1 (Max.) (Note 6) 0.179 [4.55] 0.323 [8.2] 0.323 [8.2] 0.791 [20.1]
D1 (Min.) (Note 5) 0.039 [1.0] 0.059 [1.5] 0.059 [1.5] 0.059 [1.5]
F 0.138 0.002 [3.5 0.05] 0.217 0.002 [5.5 0.05] 0.217 0.002 [5.5 0.05] 0.453 0.04 [11.5 0.03]
P1 0.157 0.004 [4.0 0.10] 0.157 0.004 [4.0 0.10] 0.315 0.004 [8.0 0.10] 0.472 0.004 [12.0 0.10]
W 0.315 + .012 - .004 [8.0 + 0.3 - 0.1] 0.472 0.012 [12.0 0.30] 0.472 0.012 [12.0 0.30] 0.945 0.012 [24.0 0.03]
A0 B0 K0 (Note 1)
Notes: 1. A0B0K0 are determined by the maximum dimensions to the ends of the terminals extending from the component body and/or the body dimensions of the component. The clearance between the ends of the terminals or body of the component to the sides and depth of the cavity (A0B0K0) must be within .002" [0.05mm] minimum and .020" [0.50mm] maximum. The clearance allowed must also prevent rotation of the component within the cavity of not more than 20 degrees. 2. Tape with components shall pass around radius "R" without damage. The minimum trailer length may require additional length to provide R minimum for 12mm embossed tape for reels with hub diameters approaching N minimum. 3. This dimension is the flat area from the edge of the sprocket hole to either the outward deformation of the carrier tape between the embossed cavities or to the edge of the cavity whichever is less. 4. This dimension is the flat area from the edge of the carrier tape opposite the sprocket holes to either the outward deformation of the carrier tape between the embossed cavity or to the edge of the cavity whichever is less. 5. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment location and hole location shall be applied independent of each other. 6. B1 dimension is a reference dimension for tape feeder clearance only.
www.vishay.com 84
For technical questions, contact tantalum@vishay.com
Document Number 40004 Revision 20-Oct-04


▲Up To Search▲   

 
Price & Availability of 592D226X-6R3A2-10H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X