|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
4GBJ10005 thru 4GBJ1010 GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic REVERSE VOLTAGE FORWARD CURRENT - 50 to 1000Volts - 10 Amperes 4GBJ O.134(3.4) O.122(3.1) .382(9.7) .366(9.3) .995(25.3) .983(24.7) .189(4.8) .173(4.4) .150(3.8) .134(3.4) .134(3.4) .122(3.1) .031(0.8) .023(0.6) technique results in inexpensive product classification 94V-0 .602(15.3) .578(14.7) The plastic material has UL flammability .157 (4.0) OO .043(1.1) .035(0.9) .303(7.7) .303(7.7) .303(7.7) SPACING .287(7.3) .287(7.3) .287(7.3) Dimensions in inches and (milimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=110 (without heatsink) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 5.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125 SYMBOL VRRM VRMS VDC I(AV) 4GBJ 10005 50 30 50 4GBJ 1001 100 70 100 4GBJ 1002 200 140 200 .074(1.9) .059(1.5) 4GBJ 1004 400 280 400 10.0 3.0 220 1.1 10.0 500 120 55 1.4 -55 to +150 -55 to +150 4GBJ 1006 600 420 600 .708(18.0) .669(17.0) .150(3.8) .130(3.3) .057(1.45) .041(1.05) .083(2.1) .069(1.7) +~ ~ - .114(2.9) .098(2.5) 4GBJ 1008 800 560 800 4GBJ 1010 1000 700 1000 UNIT V V V A IFSM VF IR I2t CJ RJC TJ TSTG A V uA A2s pF /W NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 150mm*150mm*1.6mm cu plate heatsink. ~ 313 ~ RATING AND CHARACTERTIC CURVES 4GBJ10005 thru 4GBJ1010 FIG.1-FORWARD CURRENT DERATING CURVE 10.0 AVERAGE FORWARD OUTPUT CURRENT AMPERES WITH HEATSINK FIG.2-MAXMUN NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT , AMPERES 220 TJ=150 SINGLE -SINE - WAVE (JEDEC METHOD) 8.0 6.0 4.0 WITHOUT HEATSINK 2.0 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0 1 2 5 10 20 50 100 1.0 0 20 40 60 80 100 120 140 CASE TEMPERATURE, NUMBER OF CYCLES AT 60Hz FIG.3-TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT, (A) 10 FIG.4-TYPICAL FORWARD CHARACTERISTICS CAPACITANCE,(pF) 1.0 10 0.1 TJ = 25C PULSE WIDTH 300us TJ=25,f=1MHZ 1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA) 100 TJ=125 TJ=100 10 TJ=50 1.0 TJ=25 0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) ~ 314 ~ |
Price & Availability of 4GBJ10005 |