Part Number Hot Search : 
SMCJ58 D74ALVC MBR1535 TA7666 YM3802 CDLL4623 S2A09R SC111
Product Description
Full Text Search
 

To Download 442SA4HAAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 442
(R)
Linear Motion 1/4 Watt Composition Slide Controls
Features * 11/4" (31.7mm) slider travel * 1/4 watt power rating * Choice of resistance tapers * Economical * Wide resistance range * Choice of mounting styles * RoHS compliant
Electrical and Mechanical Specifications
Resistance Range 200 ohms through 5 megaohms Resistance Tolerance Standard: 20% Available: 10% Power Rating, Watts 1/4 watt @ 55C derated to no load @ 85C, linear taper, control mounted on steel panel 4" x 4" x .050" (101.6mm x 101.6mm x 1.27mm). Voltage Rating Across end terminals: Linear curves -- 500 VDC Tapered curves -- 350 VDC (Not to exceed wattage ratings) Between case and end terminals: 1080 VAC RMS Resistance Tapers Standard: Linear Special: Available upon request Operating Temperature 0C - +70C Slide Travel Mechanical -- 1 1/4 inches (31.7mm) Effective -- 11/4 inches (31.7mm) Shaft Information See illustrations, page 2. Operating Force Either direction 1 to 9 in-oz. (28 to 256 gf-cm) Measured .250" (6.35mm) from base of slider. Stop Strength Maximum -- 35 in-lbs. (15.9 kg-cm) measured at base of slider. Terminal Information Straight, vertical or snap-in to printed circuit board, wirewrap or solder lug styles. Mounting Information Top, bottom, side or no twist tab mounting -- refer to illustrations, page 2.
1-2 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
9/21/06
CTS Series 442
52.10 2.051 MAX. 3.560.13 .140.005 31.700.50 1.250.002 STROKE 5.590.13 .220.005 2.360.13 .093.005 3.960.13 .156.005 3.96 .156
CHECK CTS FOR AVAILABILITY 9.530.20 .375.008 NO MOUNT CONSTRUCTION L 0.38 .015
5.540.13 .218.005 BOTTOM MOUNTING SURFACE 15.34 .604 3.96 0.13 .156 .005
13.770.13 .542.005
13.410.25 .528.010
20.88 .822
6.76 .266
8.33 .328 5.540.13 .218.005
MOUNTING SURFACE P.C. BOARD
4.320.76 .170.030 O2.13 .084 10.16 0.76 .400 .030 WIRE WRAP 9.91 0.76 .390 .030 5.54 .218 LOW END
4.570.76 .180.030 5.540.13 .218.005
VERTICAL P.C. 3.960.13 .156.005 1.98 .078
4.32 0.76 .170 .030
STRAIGHT P.C. SOLDER LUG ALTERNATE TERMINAL STYLES
1.30 0.30 .051 .012 VERTICAL P.C.
SIDE MOUNTING SURFACE
7.29 .287 11.15 .439
3.18 .125 4.17 .164 38.1 1.500 51.77 2.038 SUGGESTED PANEL PIERCING VIEWED FROM TOP SIDE FOR TWIST TABS AND ACTUATOR 6.83 .269
1.42 .056 4.17 .164 51.77 2.038
1.42 .056
SUGGESTED PANEL PIERCING VIEWED FROM TOP SIDE FOR TWIST TABS
O2.08 .082 C L OF ACTUATOR
(3)
2.06 .081
O2.08 .082
(3)
40.28 1.586 1.60 .063 O2.08 .082 5.26 .207
C OF ACTUATOR L
40.28 1.586
5.16 .203
2.54 .100 40.28 1.586
5.16 .203
2.11 .083 CENTERLINE
8.48 .334
9.38 .382
SUGGESTED PANEL PIERCING VIEWED FROM CONTROL SIDE FOR STRAIGHT P.C. & WIREWRAP TERMINALS
SUGGESTED PANEL PIERCING VIEWED FROM CONTROL SIDE FOR SNAP-IN P.C. TERMINALS
SUGGESTED PANEL PIERCING VIEWED FROM CENTERLINE OF CONTROL FOR VERTICAL P.C. TERMINALS
DIMENSION:
mm INCH
Ordering Information
442
MOUNTING STYLE T - TOP MOUNT B - BOTTOM MOUNT S - SIDE MOUNT N - NO MOUNTING TABS
T
A
TRAVEL A - 1.250" (31.7mm)
2
T
TERMINAL STYLE
103
B
RESIST TOL A - 10% B - 20% C - 30%
D
N
SPECIALS N - NO SPECIALS C - CENTER DETENT
ACTUATOR LENGTH 2 - .250" (6.35mm) 3 - .375" (9.53mm) 4 - .500" (12.7mm) 5 - .625" (15.9mm) 6 - .750" (19.1mm) 7 - .875" (22.2mm) 8 - 1.000" (25.4mm) R - .218" (5.54mm) S - .313" (7.98mm) T - .438" (11.13mm)
T - SOLDER LUG X - STRAIGHT P.C. W- WIREWRAP H - HOOK TYPE,SNAP-IN U - VERTICAL P.C. RESISTANCE CODE EXAMPLES CODE 501 102 252 502 103 253 104 105 RESISTANCE 500 OHMS 1K 2.5K 5K 10K 25K 100K 1MEG
TAPER D - LINEAR A - CW 10% AUD B - CCW 10% AUD
2-2 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
9/21/06


▲Up To Search▲   

 
Price & Availability of 442SA4HAAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X