Part Number Hot Search : 
331KL 110CA 2SK545 M62362 TDA154 TLP3203 BUZ74A MMA5248W
Product Description
Full Text Search
 

To Download 4117-22UZ24VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
4117-2
29.6 18 20
Features
Twin structure of 4117 type. Small size, light weight. Low coil power consumption. PC board mounting.
Patent No.: 95319882.0
Ordering Information
4117-2 2C S
1 2 3
12VDC
4
3 Enclosure S: Sealed type Z: Dust cover 4 Coil rated voltage(V) DC:3,5,6,9,12,18,24
1 Part number 4117-2 2 Contact arrangement 2A:2A 2C:2C 2U:2U 2W:2W
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical
2A DPSTNO 2C DPDT(B-M) 2U DPSTNODM 2W DPDTNC-NO
AgNi AgSnO2 AgCdO 2A,2C: 10A/120VAC,28VDC ; 2U,2W: 2 10A/120VAC, 28VDC 280W 1200VA 75VDC 380VAC Max. Switching Current:10A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Coil Parameter
Coil voltage VDC Coil resistance 10% Pickup voltage VDC(max) (75%of rated voltage ) Release voltage VDC(min) (10% of rated voltage) Coil power consumption W Operate Time ms Release Time ms
Dash numbers
Rated
003-1000 005-1000 006-1000 009-1000 012-1000 018-1000 024-1000 3 5 6 9 12 18 24
Max.
3.9 6.5 7.8 11.7 15.6 23.4 31.2 9 25 36 85 145 324 576 2 2 2 2 2 2 2 2.25 3.75 4.50 6.75 9.00 13.5 18.0 0.3 0.5 0.6 0.9 1.2 1.8 2.4
2
1.0
10
5
CAUTION:
1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
4117-2
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 IEC68-2-27 T Ea est IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
50Hz 750V 50Hz 1500V 100m/s2 11ms 10~40Hz double amplitude 1.27mm 10N 235 2 3 0.5s -40~105 85% (at 40 ) 20g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Dimensions
3.81 0.150
mm /inch
18max. 0.709max.
29.6max. 1.165max.
14- 1.3 0.051
20max. 0.787max.
0.3 0.012
8.89 0.350
2.4 0.094
0.8X0.8 0.031X0.031
0.8X0.8 0.031X0.031
2.1 0.083
4- 0.7 0.028 8-0.5X0.8 0.02X0.031
5.08 5.08 0.200 0.200 10.16 10.16 4 0.400 0.157 0.400
Dimensions
Mounting (Bottom view)
Wiring diagram(Bottom view)
NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
Reference Data
12 10
Time(msec)
8 6 4 2
Ningbo Huaguan Relay Corporation LTD.


▲Up To Search▲   

 
Price & Availability of 4117-22UZ24VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X