Part Number Hot Search : 
G1H10 ML1XX6 C407AN ISL5121 5671A4 KBP201 ML2502 ER502
Product Description
Full Text Search
 

To Download 40HFL60S02510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40HFL Series
Super Fast Recovery Rectifier VRRM = 150-1000V, IF(AV) = 40Amp,VF = 1.95V
Symbol A K
Cathode to Stud Shown (Anode to Stud add Suffix R)
MAXIMUM RATINGS Parameter
(Tj = 25 C unless stated otherwise)
40HFL 40HFL 40HFL (R)10 (R)20 (R)40 S02/5/10 S02/5/10 S02/5/10 40HFL 40HFL (R)60 (R)80 S02/5/10 S02/5/10 40HFL (R)100 S05/10
Symbol VRRM IF(AV) IFSM IT
2
Unit
Volt Amp Amp
Repetitive Peak Reverse Voltage Maximum Average On-State Current Peak Forward Surge Current 8.3mS Maximum I T for Fusing 8.3ms
2
100
200
400 40.0 420 730
600
800
1000
A2/S
O
Maximum Storage Temperature Range Maximum Junction Temperature Range
T(STG) Tj
-40 to +125 -40 to +150
C C
O
ELECTRICAL CHARACTERISICS at Parameter
Tj = 25 C Maximum. Unless stated Otherwise Condition Symbol VFM(1) IDRM tRR tRR tRR RTH (J-c) MT Wt Min
IFM =40 Amps
Value Typ Max 1.95 100 70 180 350 0.60 2.5 25 Unit Volt A nS nS nS
O
Maximum Forward Voltage (1) Repetitive Peak Off- State Current Reverse Recovery Time SO2 Reverse Recovery Time SO5 Reverse Recovery Time SO10 Thermal Resistance (Junction to Case) Mounting Torque Weight
VR = VRRM
C/W
NM grms
Mechanical Outline
0.90 (0.03) 17.25 (0.68) 0 4.0 (0.16) Min 7.0 (0.27) max 6.1 (0.84) min 10.20 (0.401) min 11.4 (0.45) max 14.86 (0.585) Max 12.80 (0.0.503) Min
C L
4.0 (0.16) min
25.4 (1.00) max
10.6 (0.42) min 11.4 (0.46) max
1/4" 28 UNF - 2A Metric M6 x 1
Case: DO-203AB (DO-5)
Case: Metal/ Glass to Metal Seal All Dimensions in Millimeters (Inches)


▲Up To Search▲   

 
Price & Availability of 40HFL60S02510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X